Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA2546A Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części TDA2546A
Szczegółowy opis  Quasi-split-sound circuit with 5,5 MHz demodulation
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2546A Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button TDA2546A Datasheet HTML 2Page - NXP Semiconductors TDA2546A Datasheet HTML 3Page - NXP Semiconductors TDA2546A Datasheet HTML 4Page - NXP Semiconductors TDA2546A Datasheet HTML 5Page - NXP Semiconductors TDA2546A Datasheet HTML 6Page - NXP Semiconductors TDA2546A Datasheet HTML 7Page - NXP Semiconductors TDA2546A Datasheet HTML 8Page - NXP Semiconductors TDA2546A Datasheet HTML 9Page - NXP Semiconductors TDA2546A Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
February 1985
6
Philips Semiconductors
Product specification
Quasi-split-sound circuit
with 5,5 MHz demodulation
TDA2546A
Notes to the characteristics
1. Incidential phase on the vision carrier, caused by TV-transmitter, has to be less than 0,5 degrees for black to white
transient.
(Equivalent to S
+W/W = 56 dB for 6 kHz sine wave).
Intercarrier signal-to-noise
(measured behind the FM demodulators)
Signal-to-weighted-noise ratio according to
CCIR 468-2, quasi-peak 2T/20T pulses with white
bars (see also Fig.4)
at 5,5 MHz
S
+W/W
53
58
dB
at 5,742 MHz
S
+W/W
51
56
dB
6 kHz sine wave
at 5,5 MHz
S
+W/W
50
53
dB
at 5,742 MHz
S
+W/W
50
53
dB
with black level (vision carrier modulated with sync
pulses only)
at 5,5 MHz
S
+W/W
60
65
dB
at 5,742 MHz
S
+W/W
58
63
dB
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT


Podobny numer części - TDA2546A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TDA2540 STMICROELECTRONICS-TDA2540 Datasheet
91Kb / 7P
   IF AMPLIFIER WITH DEMODULATOR AND AFC
TDA2541 STMICROELECTRONICS-TDA2541 Datasheet
91Kb / 7P
   IF AMPLIFIER WITH DEMODULATOR AND AFC
TDA2542 STMICROELECTRONICS-TDA2542 Datasheet
161Kb / 5P
   IF AMPLIFIER WITH DEMODULATOR AND AFC FOR POSITIVE MODULATION STANDARD
logo
NXP Semiconductors
TDA2545A PHILIPS-TDA2545A Datasheet
75Kb / 8P
   Quasi-split-sound circuit
February 1985
TDA2549 PHILIPS-TDA2549 Datasheet
83Kb / 9P
   I.F. amplifier and demodulator for multistandard TV receivers
April 1985
More results

Podobny opis - TDA2546A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA2545A PHILIPS-TDA2545A Datasheet
75Kb / 8P
   Quasi-split-sound circuit
February 1985
logo
List of Unclassifed Man...
TDA2556 ETC-TDA2556 Datasheet
269Kb / 6P
   QUASI SPLIT SOUND CIRCUIT WITH DUAL SOUND DEMODULATORS
logo
TEMIC Semiconductors
U4488B TEMIC-U4488B Datasheet
272Kb / 9P
   Quasi-Split Sound Circuit and AM Demodulator
logo
NXP Semiconductors
TDA3845 PHILIPS-TDA3845 Datasheet
137Kb / 18P
   Quasi split-sound circuit and AM demodulator
January 1993
TDA3825 PHILIPS-TDA3825 Datasheet
166Kb / 18P
   Quasi split-sound circuit and AM demodulator
January 1993
logo
ATMEL Corporation
U4468B ATMEL-U4468B Datasheet
188Kb / 11P
   Quasi-split Sound Circuit and AM Demodulator IC
logo
EPCOS
J3353K EPCOS-J3353K Datasheet
103Kb / 8P
   IF Filter for Quasi/Split Sound Applications 38,90 MHz
K3562M EPCOS-K3562M Datasheet
107Kb / 8P
   IF Filter for Quasi/Split Sound Applications 38,00 MHz
K3565M EPCOS-K3565M Datasheet
105Kb / 8P
   IF Filter for Quasi/Split Sound Applications 38,90 MHz
K3352K EPCOS-K3352K Datasheet
107Kb / 8P
   IF Filter for Quasi/Split Sound Applications 38,00 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com