Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HMA72-12R50LF Arkusz danych(PDF) 3 Page - Bi technologies

Numer części HMA72-12R50LF
Szczegółowy opis  High Power High Performance Molded Surface Mount Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BITECH [Bi technologies]
Strona internetowa  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HMA72-12R50LF Arkusz danych(HTML) 3 Page - Bi technologies

  HMA72-12R50LF Datasheet HTML 1Page - Bi technologies HMA72-12R50LF Datasheet HTML 2Page - Bi technologies HMA72-12R50LF Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2007/08 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice
www.bitechnologies.com
75
Electrical Characteristics @ 25°C (Cont’d)
Inductance Rolloff vs. Current Characteristics
Ordering Information
Packaging
Standard: Embossed Tape and Reel
Reel: Diameter:
=
13” (330.2mm)
Capacity:
06XXX
=
1,000 Units
10XXX
=
500 Units
12XXXL
=
500 Units
12XXX/ 12XXXH =
400 Units
Inductance Code:
First 2 digits are significant. Last digit denotes
the number of trailing zeros. For values below
10µH, “R“ denotes the decimal point.
Model Series
Case Size:
06, 10, 12
TR - Tape & Reel Packing
13” - 13” Reel
Lead Free
HM72A 06
1R0
LF
TR13


Podobny numer części - HMA72-12R50LF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
HMA72-12R50LF ETC2-HMA72-12R50LF Datasheet
636Kb / 4P
   Operating Temperature Range
logo
TT Electronics.
HMA72-12R50LF TTELEC-HMA72-12R50LF Datasheet
579Kb / 4P
   High Power High Performance Molded Surface Mount Inductors
More results

Podobny opis - HMA72-12R50LF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
HA72E-06 ETC2-HA72E-06 Datasheet
373Kb / 3P
   High Power High Performance Molded Surface Mount Inductors
logo
Bi technologies
HA72T BITECH-HA72T Datasheet
536Kb / 2P
   High Power High Performance Molded Surface Mount Inductors
HM72E-12 BITECH-HM72E-12 Datasheet
425Kb / 2P
   High Power High Performance Molded Surface Mount Inductors
logo
TT Electronics.
HM72E-12 TTELEC-HM72E-12 Datasheet
443Kb / 2P
   High Power High Performance Molded Surface Mount Inductors
logo
Bi technologies
HA72E-12 BITECH-HA72E-12 Datasheet
402Kb / 2P
   High Power High Performance Molded Surface Mount Inductors
HM72B-06 BITECH-HM72B-06 Datasheet
400Kb / 2P
   High Power High Performance Molded Surface Mount Inductors
logo
List of Unclassifed Man...
HM72B-06100LFTR13 ETC2-HM72B-06100LFTR13 Datasheet
200Kb / 2P
   High Power High Performance Molded Surface Mount Inductors
logo
TT Electronics.
HA72E-06 TTELEC-HA72E-06 Datasheet
884Kb / 2P
   High Power High Performance Molded Surface Mount Inductors
HM72B-12 TTELEC-HM72B-12 Datasheet
744Kb / 2P
   High Power High Performance Molded Surface Mount Inductors
HM72A TTELEC-HM72A Datasheet
579Kb / 4P
   High Power High Performance Molded Surface Mount Inductors
logo
List of Unclassifed Man...
HM72E-06 ETC2-HM72E-06 Datasheet
373Kb / 3P
   High Power High Performance Molded Surface Mount Inductors
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com