Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA2614 Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części TDA2614
Szczegółowy opis  6 W hi-fi audio power amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2614 Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button TDA2614 Datasheet HTML 2Page - NXP Semiconductors TDA2614 Datasheet HTML 3Page - NXP Semiconductors TDA2614 Datasheet HTML 4Page - NXP Semiconductors TDA2614 Datasheet HTML 5Page - NXP Semiconductors TDA2614 Datasheet HTML 6Page - NXP Semiconductors TDA2614 Datasheet HTML 7Page - NXP Semiconductors TDA2614 Datasheet HTML 8Page - NXP Semiconductors TDA2614 Datasheet HTML 9Page - NXP Semiconductors TDA2614 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
July 1994
7
Philips Semiconductors
Product specification
6 W hi-fi audio power amplifier
TDA2614
Notes to the characteristics
1. VP = 24 V; RL = 8 Ω; Tamb = 25 °C; f = 1 kHz; asymmetrical power supply IMUTE < 30 µA. See Fig.5
2. The power bandwidth is measured at an output power of PO max − 3 dB.
3. The noise output voltage (RMS value) is measured at RS = 2 kΩ, unweighted (20 Hz to 20 kHz).
4. The ripple rejection is measured at RS = 0 and f = 100 Hz to 20 kHz, at a ripple voltage of 200 mV. With symmetrical
power supplies, the ripple (200 mV) is applied in phase to the positive and the negative supply rails.
With asymmetrical power supplies, the ripple rejection is measured at f = 1 kHz.
5. VP = 8 V; RL = 8 Ω; Tamb = 25 °C; f = 1 kHz; asymmetrical power supply. See Fig.5
6.
±VP = 12 V; RL = 8 Ω; Tamb = 25 °C; f = 1 kHz; symmetrical power supply IMUTE < 30 µA. See Fig.4
7. The internal network at pin 2 is a resistor devider of typical 4 k
Ω and 5 kΩ to the positive supply rail. At the connection
of the 4 k
Ω and 5 kΩ resistor a zener diode of typical 6.6 V is also connected to the positive supply rail. The spread
of the zener voltage is 6.1 to 7.1 V.
Operating position; note 6
±VP
supply voltage range
7.5
12
21
V
IP
total quiescent current
10
20
35
mA
PO
output power
THD = 0.5%
5
6.5
W
THD = 10%
6.5
8
W
THD
total harmonic distortion
Po = 4 W
0.13
0.2
%
B
power bandwidth
THD = 0.5%; note 2
40 to
Hz
20000
Gv
voltage gain
29
30
31
dB
Vno
noise output voltage
note 3
70
140
µV
|Zi|
input impedance
14
20
26
k
SVRR
supply voltage ripple rejection
40
55
dB
Ibias
input bias current
0.3
−µA
|VGND|
DC output offset voltage
30
200
mV
MUTE POSITION (AT IMUTE ≥ 300 µA)
VO
output voltage
VI = 600 mV
0.1
1.0
mV
Z2-7
mute input impedance
note 7
6.7
9
11.3
k
IP
total quiescent current
RL = ∞
10
20
35
mA
Vno
noise output voltage
note 3
70
140
µV
SVRR
supply voltage ripple rejection
note 4
40
55
dB
|
∆VGND|
DC output offset voltage
40
200
mV
|
∆V
off|
offset voltage with respect to
operating position
4
150
mV
I2
current if pin 2 is connected to pin 5
−−
6mA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Podobny numer części - TDA2614

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA2611 PHILIPS-TDA2611 Datasheet
251Kb / 13P
   5 W audio power amplifier
November 1982
logo
Unisonic Technologies
TDA2611 UTC-TDA2611 Datasheet
115Kb / 3P
   DUAL EQUALIZER AMPLIFIER WITH ALC
logo
NXP Semiconductors
TDA2611A PHILIPS-TDA2611A Datasheet
251Kb / 13P
   5 W audio power amplifier
November 1982
TDA2613 PHILIPS-TDA2613 Datasheet
69Kb / 11P
   6 W hi-fi audio power amplifier
July 1994
TDA2615 PHILIPS-TDA2615 Datasheet
68Kb / 12P
   2 x 6 W hi-fi audio power amplifier
1995 May 08
More results

Podobny opis - TDA2614

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA2613 PHILIPS-TDA2613 Datasheet
69Kb / 11P
   6 W hi-fi audio power amplifier
July 1994
TDA1521A PHILIPS-TDA1521A Datasheet
126Kb / 15P
   2 x 6 W hi-fi audio power amplifier
July 1994
TDA2615 PHILIPS-TDA2615 Datasheet
68Kb / 12P
   2 x 6 W hi-fi audio power amplifier
1995 May 08
logo
STMicroelectronics
TDA2050 STMICROELECTRONICS-TDA2050_11 Datasheet
2Mb / 18P
   32 W hi-fi audio power amplifier
TDA2030 STMICROELECTRONICS-TDA2030_05 Datasheet
321Kb / 17P
   14 W hi-fi audio amplifier
logo
List of Unclassifed Man...
TDA1512 ETC-TDA1512 Datasheet
214Kb / 6P
   12 TO 20 W HI FI AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA1521 PHILIPS-TDA1521 Datasheet
150Kb / 14P
   2 x 12 W hi-fi audio power amplifier
July 1994
logo
STMicroelectronics
TDA2050 STMICROELECTRONICS-TDA2050 Datasheet
185Kb / 13P
   32W Hi-Fi AUDIO POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2050 TGS-TDA2050 Datasheet
196Kb / 6P
   32W Hi-Fi AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
TDA2050 UTC-TDA2050_15 Datasheet
245Kb / 7P
   32W HI-FI AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com