Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA3506 Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części TDA3506
Szczegółowy opis  Video control combination circuit with automatic cut-off control
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3506 Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button TDA3506 Datasheet HTML 3Page - NXP Semiconductors TDA3506 Datasheet HTML 4Page - NXP Semiconductors TDA3506 Datasheet HTML 5Page - NXP Semiconductors TDA3506 Datasheet HTML 6Page - NXP Semiconductors TDA3506 Datasheet HTML 7Page - NXP Semiconductors TDA3506 Datasheet HTML 8Page - NXP Semiconductors TDA3506 Datasheet HTML 9Page - NXP Semiconductors TDA3506 Datasheet HTML 10Page - NXP Semiconductors TDA3506 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
November 1987
7
Philips Semiconductors
Product specification
Video control combination circuit with automatic
cut-off control
TDA3505
TDA3506
CHARACTERISTICS
VP =V6-24 = 12,0 V; V12, 13, 14(p-p) = 1,0 V; V15-24(p-p) = 0,45 V; V17-24(p-p) = 1,05 V; V18-24(p-p) = 1,33 V; Tamb =25°C;
measured in Fig.3; nominal settings of brightness, contrast, saturation and white point adjustment; all voltages are
referred to pin 24; unless otherwise specified
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply (pin 6)
Supply voltage
VP =V6
10,8
12,0
13,2
V
Supply current
IP
95
125(1)
mA
Colour difference inputs
(pins 17, 18)
(R-Y) input signal (pin 17)
for saturated
(peak-to-peak value)
colour bar with
75% of maximum
amplitude
V17(p-p)
1,05
1,48
V
(B-Y) input signal (pin 18)
for saturated
(peak-to-peak value)
colour bar with
75% of maximum
amplitude
V18(p-p)
1,33
1,88
V
Input current during scanning
I17, 18
−−
1,0
µA
Input resistance
R17, 18-24
1,0
−−
M
Internal DC voltage due
to clamping
note 2
V17, 18
3,8
4,4
4,8
V
Saturation control (pin 16)
Control voltage for
maximum saturation
note 2
V16
4,0
4,2
4,4
V
Control voltage for
nominal saturation
6 dB below max.
note 2
V16
2,9
3,1
3,3
V
Control voltage for
−26 dB
saturation referred to
maximum
note 2
V16
1,9
2,1
2,3
V
Minimum saturation
V16 = 1,8 V
d
46
50
dB
Input current
I16
−−
20
µA
(G-Y) matrix
Matrixed according to the equation V(G-Y) = − 0,51 V(R-Y) − 0,19 V(B-Y)


Podobny numer części - TDA3506

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA3506 PHILIPS-TDA3506 Datasheet
136Kb / 15P
   Video control combination circuit with automatic cut-off control
November 1987
More results

Podobny opis - TDA3506

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA3506 PHILIPS-TDA3506 Datasheet
136Kb / 15P
   Video control combination circuit with automatic cut-off control
November 1987
TDA3507 PHILIPS-TDA3507 Datasheet
144Kb / 14P
   Video control combination circuit with automatic cut-off control
November 1987
TDA4580 PHILIPS-TDA4580 Datasheet
998Kb / 16P
   Video control combination circuit with automatic cut-off control
March 1991
TDA3508 PHILIPS-TDA3508 Datasheet
107Kb / 16P
   Video control combination circuit with automatic cut-off control
1996 Oct 25
TDA4686 PHILIPS-TDA4686 Datasheet
145Kb / 28P
   Video processor with automatic cut-off control
1997 Jun 23
TDA4687 PHILIPS-TDA4687 Datasheet
129Kb / 24P
   Video processor with automatic cut-off control
1997 Jun 23
TDA4688 PHILIPS-TDA4688 Datasheet
130Kb / 24P
   Video processor with automatic cut-off control
1997 Jun 23
TDA4689 PHILIPS-TDA4689 Datasheet
129Kb / 24P
   Video processor with automatic cut-off control
1997 Jul 01
TDA4685 PHILIPS-TDA4685 Datasheet
129Kb / 24P
   Video processor with automatic cut-off control
1997 Jun 20
TDA4680 PHILIPS-TDA4680 Datasheet
243Kb / 28P
   Video processor with automatic cut-off and white level control
1996 Oct 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com