Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA3505 Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części TDA3505
Szczegółowy opis  Video control combination circuit with automatic cut-off control
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3505 Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button TDA3505 Datasheet HTML 4Page - NXP Semiconductors TDA3505 Datasheet HTML 5Page - NXP Semiconductors TDA3505 Datasheet HTML 6Page - NXP Semiconductors TDA3505 Datasheet HTML 7Page - NXP Semiconductors TDA3505 Datasheet HTML 8Page - NXP Semiconductors TDA3505 Datasheet HTML 9Page - NXP Semiconductors TDA3505 Datasheet HTML 10Page - NXP Semiconductors TDA3505 Datasheet HTML 11Page - NXP Semiconductors TDA3505 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
November 1987
8
Philips Semiconductors
Product specification
Video control combination circuit with automatic
cut-off control
TDA3505
TDA3506
Luminance input (pin 15)
Composite video input signal
(peak-to-peak value)
V15(p-p)
450
630
mV
Input resistance
R15-24
100
−−
k
Input capacitance
C15-24
−−
5pF
Input current during scanning
I15
−−
1
µA
Linearity
nominal settings
m
0,85
−−
Internal DC voltage due to
clamping
note 2
V15
2,5
2,9
3,3
V
RGB channels
Signal switching input (pin 11)
Normal state; no insertion
V11
0
0,4
V
Level for insertion-on
V11
0,9
3,0
V
Input capacitance
C11-24
−−
10
pF
Input current
V11 = 0 to 3 V
I11
−100
−+450
µA
Signal insertion
(pins 12, 13, 14)
External RGB input signals
(black-to-white value)
V12, 13, 14
1,0
1,4
V
Input current during scanning
I12, 13, 14
−−
1,0
µA
Internal DC voltage due to
clamping
notes 2, 3
V12, 13, 14
4,0
4,5
5,0
V
Contrast control (pin 19)
note 2
Control voltage for
maximum contrast
V19
4,0
4,2
4,4
V
Control voltage for
nominal contrast
3 dB below max.
V19
3,4
3,6
3,8
V
Control voltage for
−10 dB below max.
V19
2,6
2,8
3,0
V
Minimum contrast
referred to max.
V19 = 2 V
d
182129dB
Input current
V25 > 6V
I19
−−
2
µA
Difference between
RGB channels
contrast
−10 dB
below max.
−−
0,6
dB
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT


Podobny numer części - TDA3505

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA3505 PHILIPS-TDA3505 Datasheet
143Kb / 15P
   Video control combination circuit with automatic cut-off control
November 1987
logo
List of Unclassifed Man...
TDA3505G ETC1-TDA3505G Datasheet
188Kb / 1P
   TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
More results

Podobny opis - TDA3505

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA3505 PHILIPS-TDA3505 Datasheet
143Kb / 15P
   Video control combination circuit with automatic cut-off control
November 1987
TDA3507 PHILIPS-TDA3507 Datasheet
144Kb / 14P
   Video control combination circuit with automatic cut-off control
November 1987
TDA4580 PHILIPS-TDA4580 Datasheet
998Kb / 16P
   Video control combination circuit with automatic cut-off control
March 1991
TDA3508 PHILIPS-TDA3508 Datasheet
107Kb / 16P
   Video control combination circuit with automatic cut-off control
1996 Oct 25
TDA4686 PHILIPS-TDA4686 Datasheet
145Kb / 28P
   Video processor with automatic cut-off control
1997 Jun 23
TDA4687 PHILIPS-TDA4687 Datasheet
129Kb / 24P
   Video processor with automatic cut-off control
1997 Jun 23
TDA4688 PHILIPS-TDA4688 Datasheet
130Kb / 24P
   Video processor with automatic cut-off control
1997 Jun 23
TDA4689 PHILIPS-TDA4689 Datasheet
129Kb / 24P
   Video processor with automatic cut-off control
1997 Jul 01
TDA4685 PHILIPS-TDA4685 Datasheet
129Kb / 24P
   Video processor with automatic cut-off control
1997 Jun 20
TDA4680 PHILIPS-TDA4680 Datasheet
243Kb / 28P
   Video processor with automatic cut-off and white level control
1996 Oct 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com