Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA3561A Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części TDA3561A
Szczegółowy opis  PAL decoder
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3561A Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button TDA3561A Datasheet HTML 2Page - NXP Semiconductors TDA3561A Datasheet HTML 3Page - NXP Semiconductors TDA3561A Datasheet HTML 4Page - NXP Semiconductors TDA3561A Datasheet HTML 5Page - NXP Semiconductors TDA3561A Datasheet HTML 6Page - NXP Semiconductors TDA3561A Datasheet HTML 7Page - NXP Semiconductors TDA3561A Datasheet HTML 8Page - NXP Semiconductors TDA3561A Datasheet HTML 9Page - NXP Semiconductors TDA3561A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
September 1982
6
Philips Semiconductors
Product specification
PAL decoder
TDA3561A
− change in burst amplitude with supply voltage (± 10%)
proportional
− change in burst amplitude with temperature
typ.
0,1
%/K
<
0,25
%/K
− voltage at pin 5 at nominal input signal
V5−27
typ.
5
V
Demodulator part
Input burst signal amplitude (peak-to-peak value)
between pins 21 and 22; note 6
V21−22(p-p)
typ.
100
mV
Input impedance between pins 21 and 22
Z21−22
typ.
2
k
Ratio of demodulated signals for equal input
signals at pins 21 and 22
(B-Y)/(R-Y)
typ.
1,78
± 10%
(G-Y)/(R-Y); no (B-Y) signal
typ.
−0,51 ± 10%
(G-Y)/(B-Y); no (R-Y) signal
typ.
−0,19 ± 25%
Frequency response between 0 and 1 MHz
−3dB
Cross talk between colour demodulated signals
>
40
dB
Phase difference between (R-Y) signal
and (R-Y) reference signal
<
5
°
Phase difference between (R-Y)
typ.
90
°
and (B-Y) reference signals
85 to 95
°
R.G.B. matrix and amplifiers
Output voltage (peak-to-peak value)
at nominal luminance/contrast
typ.
5,4
(black to white); note 3
V12,14,16-27(p-p)
4,5 to 6,3
V
V
Output voltage (peak-to-peak value) of the RED
channel at nominal contrast/saturation and
no luminance signal at the input, (R-Y) signal
V12-27(p-p)
typ.
5,25
V
3,7 to 6,7
V
Maximum peak white level; note 7
typ.
9,3
V
9,0 to 9,6
V
Maximum output current
I12,14,16
<
15
mA
Black level at the output for a
brightness control voltage of 2 V
V12,14,16-27
typ.
2,6
V
Difference in black level between the three
channels at an output level of 3 V; note 8
∆V
<
200
mV
Black level shift with vision contents
<
40
mV
Brightness control voltage range
see Fig.5
V
16
27
V
12
27
------------------
V
14
27
V
12
27
------------------
V
14
27
V
16
27
------------------


Podobny numer części - TDA3561A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA3560 PHILIPS-TDA3560 Datasheet
421Kb / 10P
   PAL DECODER
January 1980
logo
STMicroelectronics
TDA3562 STMICROELECTRONICS-TDA3562 Datasheet
195Kb / 9P
   PAL/NTSC ONE-CHIP DECODER
TDA3562A STMICROELECTRONICS-TDA3562A Datasheet
195Kb / 9P
   PAL/NTSC ONE-CHIP DECODER
logo
NXP Semiconductors
TDA3563 PHILIPS-TDA3563 Datasheet
495Kb / 10P
   NTSC DECODER
December 1982
TDA3565 PHILIPS-TDA3565 Datasheet
116Kb / 12P
   PAL decoder
April 1986
More results

Podobny opis - TDA3561A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA3565 PHILIPS-TDA3565 Datasheet
116Kb / 12P
   PAL decoder
April 1986
TDA3560 PHILIPS-TDA3560 Datasheet
421Kb / 10P
   PAL DECODER
January 1980
TDA4510 PHILIPS-TDA4510 Datasheet
69Kb / 9P
   PAL decoder
March 1986
TDA3566A PHILIPS-TDA3566A Datasheet
253Kb / 24P
   PAL/NTSC decoder
February 1994
logo
Sony Corporation
CXA1219 SONY-CXA1219 Datasheet
509Kb / 11P
   NTSC/PAL Decoder
CXA1218S SONY-CXA1218S Datasheet
704Kb / 15P
   NTSC/PAL Decoder
logo
Intersil Corporation
HMP8116 INTERSIL-HMP8116 Datasheet
182Kb / 43P
   NTSC/PAL Video Decoder
HMP8117 INTERSIL-HMP8117 Datasheet
269Kb / 45P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5020 TI-TVP5020 Datasheet
387Kb / 87P
[Old version datasheet]   NTSC/PAL VIDEO DECODER
logo
List of Unclassifed Man...
M51271FP ETC1-M51271FP Datasheet
36Kb / 3P
   NTSC/PAL CHROMA DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com