Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA3592A Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części TDA3592A
Szczegółowy opis  SECAM-PAL transcoder
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3592A Arkusz danych(HTML) 2 Page - NXP Semiconductors

  TDA3592A Datasheet HTML 1Page - NXP Semiconductors TDA3592A Datasheet HTML 2Page - NXP Semiconductors TDA3592A Datasheet HTML 3Page - NXP Semiconductors TDA3592A Datasheet HTML 4Page - NXP Semiconductors TDA3592A Datasheet HTML 5Page - NXP Semiconductors TDA3592A Datasheet HTML 6Page - NXP Semiconductors TDA3592A Datasheet HTML 7Page - NXP Semiconductors TDA3592A Datasheet HTML 8Page - NXP Semiconductors TDA3592A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
January 1988
2
Philips Semiconductors
Product specification
SECAM-PAL transcoder
TDA3592A
GENERAL DESCRIPTION
The TDA3592A transcoder circuit converts SECAM input signals into true PAL signals, and can be used in combination
with all types of PAL decoder.
Features
• Limiter input for chrominance signal
• SECAM demodulator
• Clamp circuits and de-emphasis for colour difference
signals
• Modulator to provide true PAL signals
• 4,43 MHz oscillator
• Sandcastle pulse detector
• Identification circuit for horizontal and vertical SECAM
identification
• Can be used with all types of PAL decoder
• Power-saving feature operates when supply voltage
falls to (typ.) 5 V:
SECAM processing shuts down but
SECAM signal path remains active
QUICK REFERENCE DATA
PACKAGE OUTLINE
24-lead DIL; plastic with heat spreader (SOT-101B); SOT101-1; 1996 November 25.
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage (pin 17)
VP
9,0
12,0
13,2
V
Supply current (pin 17)
VP = 12 V
IP
65
90
115
mA
Supply current (pin 17 and 18)
(SECAM only)
VP =5 V
IP
16
20
24
mA
Chrominance amplifier and demodulator
Input signal SECAM (pin 3)
(peak-to-peak value)
V3-1(p-p)
−−
1100
mV
Input signal SECAM (pin 3)
(peak-to-peak value)
V3-1(p-p)
15
100
300
mV
Output signal PAL (pin 9)
(peak-to-peak value)
pin 3 = 280 kHz
V9-1(p-p)
820
mV
Identification
Input voltage range for horizontal
identification (pin 4)
V4-1
4,1
VP
V
Input voltage range for vertical
identification (pin 4)
V4-1
0
2,9
V
Identification at pin 6
V6-1
10,6
V
Slicing level reference voltage (pin 5)
V5-1
7,0
V
Sandcastle pulse detector
Vertical blanking level
V19-1
1,5
V
Horizontal blanking level
V19-1
3,5
V
Burst gating level
V19-1
7,0
V
Luminance amplifier
Luminance input signal (peak-to-peak value)
V16-1(p-p)
1,2
V
Luminance amplifier gain at 4,4 MHz
G16-15
7,0
dB


Podobny numer części - TDA3592A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TDA3590A ETC-TDA3590A Datasheet
1Mb / 15P
   SECAM PROCESSOR CIRCUIT
More results

Podobny opis - TDA3592A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mitsubishi Electric Sem...
M52063SP MITSUBISHI-M52063SP Datasheet
496Kb / 13P
   NTSC/QUASI PAL TRANSCODER
logo
List of Unclassifed Man...
TCA640 ETC1-TCA640 Datasheet
331Kb / 8P
   CHROMINANCE AMPLIFIER FOR SECAM OR PAL / SECAM DECODERS
TCA650 ETC-TCA650 Datasheet
317Kb / 8P
   CHROMINANCE DEMODULATOR FOR SECAM OR PAL / SECAM DECODERS
logo
Panasonic Semiconductor
AN5633K PANASONIC-AN5633K Datasheet
281Kb / 9P
   SECAM-PAL SIGNAL-CONVERSION IC
logo
Zoran Corporation
CVE3 ZORAN-CVE3 Datasheet
232Kb / 2P
   NTSC/PAL/SECAM Video Encoder
logo
Panasonic Semiconductor
AN5636K PANASONIC-AN5636K Datasheet
75Kb / 9P
   SECAM/PAL signal conversion IC
logo
STMicroelectronics
STV2112B STMICROELECTRONICS-STV2112B Datasheet
184Kb / 24P
   BUS-CONTROLLED PAL/SECAM TV PROCESSOR
logo
Asahi Kasei Microsystem...
AK8851 AKM-AK8851 Datasheet
803Kb / 80P
   NTSC/PAL/SECAM Digital Video Decoder
logo
STMicroelectronics
STV2110A STMICROELECTRONICS-STV2110A Datasheet
378Kb / 15P
   PAL-SECAM LUMA-CHROMA & DEFLECTION PROCESSOR
logo
NXP Semiconductors
TDA9141 PHILIPS-TDA9141 Datasheet
175Kb / 25P
   PAL/NTSC/SECAM decoder/sync processor
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com