Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA3606A Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części TDA3606A
Szczegółowy opis  Multiple voltage regulator with battery detection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3606A Arkusz danych(HTML) 2 Page - NXP Semiconductors

  TDA3606A Datasheet HTML 1Page - NXP Semiconductors TDA3606A Datasheet HTML 2Page - NXP Semiconductors TDA3606A Datasheet HTML 3Page - NXP Semiconductors TDA3606A Datasheet HTML 4Page - NXP Semiconductors TDA3606A Datasheet HTML 5Page - NXP Semiconductors TDA3606A Datasheet HTML 6Page - NXP Semiconductors TDA3606A Datasheet HTML 7Page - NXP Semiconductors TDA3606A Datasheet HTML 8Page - NXP Semiconductors TDA3606A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1998 May 07
2
Philips Semiconductors
Product specification
Multiple voltage regulator with battery
detection
TDA3606A
FEATURES
• One VP-state controlled regulator
• Regulator and reset outputs operate during load dump
• Supply voltage range of −18 to +50 V
• Low quiescent current (battery detection switched off)
• High ripple rejection
• Dual reset output.
PROTECTIONS
• Reverse polarity safe (down to −18 V without high
reverse current)
• Able to withstand voltages up to 18 V at the output
(supply line may be short-circuited)
• ESD protected on all pins
• Load dump protection
• Foldback current limit protection for regulator
• DC short-circuit safe to ground and V
P of regulator
output.
GENERAL DESCRIPTION
The TDA3606A is a low power voltage regulator.
It contains:
1. One fixed voltage regulator with a foldback current
protection, intended to supply a microprocessor, that
also operates during load dump
2. A reset-signal can be used to interface with the
microprocessor
3. Supply pin can withstand load dump pulses and
negative supply voltages
4. Defined start-up behaviour; regulator will be switched
on at a supply voltage higher than 7.6 V and off when
the output voltage of the regulator drops below 2.4 V.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VP
supply voltage
operating
regulator on
5.6
14.4
25
V
jump start
t
≤ 10 minutes
−−
30
V
load dump protection
t
≤ 50 ms; t
r ≥ 2.5 ms
−−
50
V
Iq(tot)
total quiescent supply current
standby mode
95
120
µA
Voltage regulator
VREG
output voltage regulator
7 V
≤ VP ≤ 18 V
4.85
5.0
5.15
V
0.5 mA
≤ IREG ≤ 150 mA
4.8
5.0
5.2
V
VREGd
drop-out voltage
IREG = 150 mA
−−
0.5
V
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA3606AT
SO20
plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1


Podobny numer części - TDA3606A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA3606 PHILIPS-TDA3606 Datasheet
95Kb / 16P
   Multiple voltage regulator with battery detection
1998 Jun 16
TDA3606T PHILIPS-TDA3606T Datasheet
95Kb / 16P
   Multiple voltage regulator with battery detection
1998 Jun 16
More results

Podobny opis - TDA3606A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA3606 PHILIPS-TDA3606 Datasheet
95Kb / 16P
   Multiple voltage regulator with battery detection
1998 Jun 16
TDA3616 PHILIPS-TDA3616 Datasheet
94Kb / 20P
   Multiple voltage regulator with battery detection
2000 Jan 14
TDA3607 PHILIPS-TDA3607 Datasheet
85Kb / 16P
   Multiple voltage regulator with switch
1997 May 05
TDA3608Q PHILIPS-TDA3608Q Datasheet
123Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 14
TDA3603 PHILIPS-TDA3603 Datasheet
121Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 15
TDA3605Q PHILIPS-TDA3605Q Datasheet
122Kb / 16P
   Multiple voltage regulator with switch
1997 Jul 09
logo
Sanyo Semicon Device
LA5619M SANYO-LA5619M Datasheet
165Kb / 8P
   Lead Battery Charger IC with Battery Voltage Detection Function
logo
NXP Semiconductors
TDA3615J PHILIPS-TDA3615J Datasheet
113Kb / 18P
   Multiple voltage regulator
2004 Jan 12
TDA3617 PHILIPS-TDA3617 Datasheet
79Kb / 16P
   Multiple voltage regulator
1999 Jul 14
TDA3682 PHILIPS-TDA3682 Datasheet
95Kb / 20P
   Multiple voltage regulator with power switches
2002 Mar 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com