Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSC2046E Arkusz danych(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numer części TSC2046E
Szczegółowy opis  Low Voltage I/O TOUCH SCREEN CONTROLLER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TSC2046E Arkusz danych(HTML) 8 Page - Burr-Brown (TI)

Back Button TSC2046E Datasheet HTML 4Page - Burr-Brown (TI) TSC2046E Datasheet HTML 5Page - Burr-Brown (TI) TSC2046E Datasheet HTML 6Page - Burr-Brown (TI) TSC2046E Datasheet HTML 7Page - Burr-Brown (TI) TSC2046E Datasheet HTML 8Page - Burr-Brown (TI) TSC2046E Datasheet HTML 9Page - Burr-Brown (TI) TSC2046E Datasheet HTML 10Page - Burr-Brown (TI) TSC2046E Datasheet HTML 11Page - Burr-Brown (TI) TSC2046E Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
TSC2046E
SBAS417 − JUNE 2007
www.ti.com
8
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, +VCC = +2.7V, IOVDD = +1.8V, VREF = External +2.5V, 12-bit mode, PD0 = 0, fSAMPLE = 125kHz, and fCLK = 16 • fSAMPLE = 2MHz,
unless otherwise noted.
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
20
40
60
80
100
120
140
160
180
200
Sampling Rate (kHz)
MAXIMUM SAMPLING RATE vs R
IN
INL: R
IN = 500Ω
INL: R
IN =2kΩ
DNL: R
IN = 500Ω
DNL: R
IN =2kΩ
INTERNAL V
REF vs TEMPERATURE
2.5080
2.5075
2.5070
2.5065
2.5060
3.5055
2.5050
2.5045
2.5040
2.5035
2.5030
Temperature (
°C)
INTERNAL V
REF vs +VCC
2.53.0
3.5
4.0
4.55.0
+V
CC (V)
2.510
2.505
2.500
2.495
2.490
2.485
2.480
INTERNAL VREF vs TURN− ON TIME
0
200
400
600
800
1000
1200
1400
100
80
60
40
20
0
Turn-On Time (
µs)
1
µF Cap
(124
µs)
12-Bit Settling
No Cap
(42
µs)
12-Bit Settling
TEMP DIODE VOLTAGE vs TEMPERATURE
850
800
750
700
650
600
550
500
450
90.1mV
135.1mV
TEMP1
TEMP0
Temperature (
°C)
TEMP0 DIODE VOLTAGE vs +V
CC
2.7
3.0
3.3
+V
CC (V)
604
602
600
598
596
594


Podobny numer części - TSC2046E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TSC2046E-Q1 TI1-TSC2046E-Q1 Datasheet
803Kb / 28P
[Old version datasheet]   LOW-VOLTAGE I/O TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
TSC2046EIPW BURR-BROWN-TSC2046EIPW Datasheet
554Kb / 23P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
Texas Instruments
TSC2046EIPWG4 TI1-TSC2046EIPWG4 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
TSC2046EIPWR BURR-BROWN-TSC2046EIPWR Datasheet
554Kb / 23P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
Texas Instruments
TSC2046EIPWRG4 TI1-TSC2046EIPWRG4 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
More results

Podobny opis - TSC2046E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TSC2046E-Q1 TI1-TSC2046E-Q1 Datasheet
803Kb / 28P
[Old version datasheet]   LOW-VOLTAGE I/O TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
TSC2046 BURR-BROWN-TSC2046 Datasheet
554Kb / 23P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
SHENZHEN FUMAN ELECTRON...
TSC2046S FUMAN-TSC2046S Datasheet
611Kb / 21P
   Low Voltage I/O Touch Screen Controller
logo
Texas Instruments
TSC2046 TI1-TSC2046_16 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
logo
AiT Semiconductor Inc.
A8946 AITSEMI-A8946 Datasheet
753Kb / 24P
   TOUCH SCREEN DRIVER 4-WIRE RESISTANCE, LOW-VOLTAGE I/O INTERFACE
REV1.3
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com