Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA3616SF Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części TDA3616SF
Szczegółowy opis  Multiple voltage regulator with battery detection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3616SF Arkusz danych(HTML) 5 Page - NXP Semiconductors

  TDA3616SF Datasheet HTML 1Page - NXP Semiconductors TDA3616SF Datasheet HTML 2Page - NXP Semiconductors TDA3616SF Datasheet HTML 3Page - NXP Semiconductors TDA3616SF Datasheet HTML 4Page - NXP Semiconductors TDA3616SF Datasheet HTML 5Page - NXP Semiconductors TDA3616SF Datasheet HTML 6Page - NXP Semiconductors TDA3616SF Datasheet HTML 7Page - NXP Semiconductors TDA3616SF Datasheet HTML 8Page - NXP Semiconductors TDA3616SF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
2000 Jan 14
5
Philips Semiconductors
Objective specification
Multiple voltage regulator with battery
detection
TDA3616
FUNCTIONAL DESCRIPTION
The TDA3616 (see Fig.1) is a voltage regulator intended
to supply a microprocessor (e.g. in car radio applications).
Because of low-voltage operation of the application, a
low-voltage drop regulator is used.
This regulator will switch-on when the backup voltage
(see Section “Backup circuit”) exceeds 7.5 V for the first
time and will switch-off again when the output voltage of
the regulator drops below 2.4 V. When the regulator is
switched on, the RES1 and RES2 outputs (RES2 can only
be HIGH when RES1 is HIGH) will go HIGH after a fixed
delay time (fixed by an external delay capacitor) to
generate a reset to the microprocessor.
Pin RES1 will go HIGH via an internal pull-up resistor of
3.1 k
Ω, and is used to initialize the microprocessor.
Pin RES2 is used to indicate that the regulator output
voltage is within its voltage range. This start-up feature is
built-in to secure a smooth start-up of the microprocessor
at first connection, without uncontrolled switching of the
regulator during the start-up sequence.
The charge of the backup capacitor can be used to supply
the regulator and logic circuits for a short period of time
when the supply falls to 0 V (the time depends on the value
of the storage capacitor). The regulator is switched off at a
backup voltage of approximately 2.7 V. From this time
onwards, the backup charge will only be used for
maintaining reset functions. Due to this, the reset outputs
will remain LOW until the output of the regulator is dropped
to 0 V.
All output pins are fully protected. The regulator is
protected against load dump and short-circuit (foldback
current protection). At load dump, the battery detection
circuit will remain operating.
Interfacing with the microprocessor can be accomplished
by means of a battery Schmitt trigger and output buffer
(simple full/semi on/off logic applications). The battery
output will go HIGH when the battery input voltage
exceeds the high threshold level.
The timing diagrams are shown in Fig.4.
Fig.4 Timing diagrams.
handbook, full pagewidth
MGR095
battery output
battery input
reset 1
reset 2
regulator
VBU
VP
reset delay
capacitor
2 V
2 V
4.75 V
18 V
2.4 V
2.05 V
1.95 V


Podobny numer części - TDA3616SF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA3615J PHILIPS-TDA3615J Datasheet
113Kb / 18P
   Multiple voltage regulator
2004 Jan 12
TDA3617 PHILIPS-TDA3617 Datasheet
79Kb / 16P
   Multiple voltage regulator
1999 Jul 14
TDA3617J PHILIPS-TDA3617J Datasheet
79Kb / 16P
   Multiple voltage regulator
1999 Jul 14
TDA3618 PHILIPS-TDA3618 Datasheet
121Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
2001 May 02
TDA3618 PHILIPS-TDA3618 Datasheet
110Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
1999 Sep 01
More results

Podobny opis - TDA3616SF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA3606 PHILIPS-TDA3606 Datasheet
95Kb / 16P
   Multiple voltage regulator with battery detection
1998 Jun 16
TDA3606A PHILIPS-TDA3606A Datasheet
98Kb / 16P
   Multiple voltage regulator with battery detection
1998 May 07
TDA3607 PHILIPS-TDA3607 Datasheet
85Kb / 16P
   Multiple voltage regulator with switch
1997 May 05
TDA3608Q PHILIPS-TDA3608Q Datasheet
123Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 14
TDA3603 PHILIPS-TDA3603 Datasheet
121Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 15
TDA3605Q PHILIPS-TDA3605Q Datasheet
122Kb / 16P
   Multiple voltage regulator with switch
1997 Jul 09
logo
Sanyo Semicon Device
LA5619M SANYO-LA5619M Datasheet
165Kb / 8P
   Lead Battery Charger IC with Battery Voltage Detection Function
logo
NXP Semiconductors
TDA3615J PHILIPS-TDA3615J Datasheet
113Kb / 18P
   Multiple voltage regulator
2004 Jan 12
TDA3617 PHILIPS-TDA3617 Datasheet
79Kb / 16P
   Multiple voltage regulator
1999 Jul 14
TDA3682 PHILIPS-TDA3682 Datasheet
95Kb / 20P
   Multiple voltage regulator with power switches
2002 Mar 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com