Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA3653B Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części TDA3653B
Szczegółowy opis  Vertical deflection and guard circuit 90째
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3653B Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button TDA3653B Datasheet HTML 2Page - NXP Semiconductors TDA3653B Datasheet HTML 3Page - NXP Semiconductors TDA3653B Datasheet HTML 4Page - NXP Semiconductors TDA3653B Datasheet HTML 5Page - NXP Semiconductors TDA3653B Datasheet HTML 6Page - NXP Semiconductors TDA3653B Datasheet HTML 7Page - NXP Semiconductors TDA3653B Datasheet HTML 8Page - NXP Semiconductors TDA3653B Datasheet HTML 9Page - NXP Semiconductors TDA3653B Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
March 1991
6
Philips Semiconductors
Product specification
Vertical deflection and guard circuit (90˚)
TDA3653B
TDA3653C
CHARACTERISTICS
VP = V9-4 = 26 V; Tamb = 25 °C; pins 2 and 4 externally connected to ground; unless otherwise specified
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply
Supply voltage (pin 9)
note 1
VP = V9-4
10
40
V
Supply voltage (pin 6)
note 1
V6-4
−−
60
V
Total supply current
(pin 6 and pin 9)
note 2
IP = I6 + I9
34
50
85
mA
Quiescent current (pin 4)
see Fig.3
I4
25
40
65
mA
Variation of quiescent current
with temperature
∆I
4
−−0.04
mA/K
Output current
Output current (pin 5)
(peak-to-peak value)
I5(p-p)
1.2
1.5
A
Output current flyback generator
(pin 8)
−I8
0.7
0.85
A
Output current flyback generator
(pin 8)
I8
0.6
0.75
A
Output voltage
Peak voltage during flyback
V5-4M
−−
60
V
Saturation voltage to supply
at
−I5 = 0.75 A
V6-5sat
2.5
3.0
V
at I5 = 0.75 A
note 3
V5-6sat
2.5
3.0
V
at
−I5 = 0.60 A
V6-5sat
2.2
2.7
V
at I5 = 0.60 A
note 3
V5-6sat
2.3
2.8
V
Saturation voltage to ground
at I5 = 0.75 A
V5-4sat
2.3
2.7
V
at I5 = 0.60 A
V5-4sat
2.1
2.4
V
Flyback generator
Saturation voltage
at
−I
8 = 0.85 A
V9-8sat
1.6
2.1
V
at I8 = 0.75 A
note 3
V8-9sat
2.3
2.8
V
at
−I
8 = 0.70 A
V9-8sat
1.4
1.9
V
at I8 = 0.60 A
note 3
V8-9sat
2.2
2.7
V
Flyback generator active if:
V5-9
4.0
−−
V
Leakage current at pin 8
−I
8
5.0
100
µA
Input
Input current (pin 1)
I5 = 0.75 A
I1
0.33
0.55
mA
Input voltage during scan (pin 1)
I5 = 0.75 A
V1-2
1.5
2.4
V
Input voltage during scan (pin 3)
pins 1 and 3 not connected
V3-2
0.8
VP
V


Podobny numer części - TDA3653B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA3653B PHILIPS-TDA3653B Datasheet
118Kb / 13P
   VERTICAL DEFLECTION AND GUARD CIRCUIT 90째
March 1991
More results

Podobny opis - TDA3653B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA3653B PHILIPS-TDA3653B Datasheet
118Kb / 13P
   VERTICAL DEFLECTION AND GUARD CIRCUIT 90째
March 1991
logo
Integral Corp.
ILA3654 INTEGRAL-ILA3654 Datasheet
173Kb / 3P
   VERTICAL DEFLECTION AND GUARD CIRCUIT
logo
KODENSHI_AUK CORP.
KKA3654 KODENSHI-KKA3654 Datasheet
192Kb / 5P
   VERTICAL DEFLECTION AND GUARD CIRCUIT (110째)
logo
NXP Semiconductors
TDA3654 PHILIPS-TDA3654 Datasheet
118Kb / 14P
   Vertical deflection and guard circuit 110째
March 1991
logo
STMicroelectronics
TDA8218 STMICROELECTRONICS-TDA8218 Datasheet
120Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
September 1993
TDA8214B STMICROELECTRONICS-TDA8214B Datasheet
160Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
TDA8215B STMICROELECTRONICS-TDA8215B Datasheet
145Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
September 1993
TDA1770A STMICROELECTRONICS-TDA1770A Datasheet
592Kb / 13P
   VERTICAL DEFLECTION CIRCUIT
TDA8174A STMICROELECTRONICS-TDA8174A_03 Datasheet
119Kb / 7P
   VERTICAL DEFLECTION CIRCUIT
TDA1670A STMICROELECTRONICS-TDA1670A Datasheet
604Kb / 15P
   VERTICAL DEFLECTION CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com