Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA3661T Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części TDA3661T
Szczegółowy opis  Very low dropout voltage/quiescent current adjustable voltage regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3661T Arkusz danych(HTML) 5 Page - NXP Semiconductors

  TDA3661T Datasheet HTML 1Page - NXP Semiconductors TDA3661T Datasheet HTML 2Page - NXP Semiconductors TDA3661T Datasheet HTML 3Page - NXP Semiconductors TDA3661T Datasheet HTML 4Page - NXP Semiconductors TDA3661T Datasheet HTML 5Page - NXP Semiconductors TDA3661T Datasheet HTML 6Page - NXP Semiconductors TDA3661T Datasheet HTML 7Page - NXP Semiconductors TDA3661T Datasheet HTML 8Page - NXP Semiconductors TDA3661T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
9397 750 15049
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 05 — 28 June 2005
5 of 16
Philips Semiconductors
TDA3661
Very low dropout voltage/quiescent current voltage regulator
11.2 Stability
The regulator is stabilized with an external capacitor connected to the output.
For stable operation:
1. The output capacitor ESR should not exceed 22
Ω (worst case)
2. A maximum ESR may be required; see Table 8
3. It is recommended not to use below 1 mA output current because of reduced phase
margin
4. Use electrolytic capacitors for output capacitor values of 1
µF and above.
11.3 Application circuits
The maximum output current of the regulator equals:
When Tamb =21 °C, VP =14V and VREG = 5 V (k = 4.01929) the maximum output current
equals 140 mA.
For successful operation of the IC (maximum output current capability) special attention
has to be given to the copper area required as heatsink (connected to all GND pins), the
thermal capacity of the heatsink and its ability to transfer heat to the external environment.
It is possible to reduce the total thermal resistance from 155 K/W to 50 K/W.
11.3.1 Application circuit with backup function
Sometimes, a backup function is needed to supply, for example, a microcontroller for a
short period of time when the supply voltage spikes to 0 V (or even
−1 V).
This function can easily be built with the TDA3661 by using an output capacitor with a
large value. When the supply voltage is 0 V (or
−1 V), only a small current will flow into
pin REG from this output capacitor (a few
µA).
The application circuit is given in Figure 3.
Table 8:
Minimum ESR values required
IREG (mA)
C2 = 100 nF
C2 = 1
µF
C2 = 10
µF
C2 = 100
µF
1
> 0 Ω> 1.5 Ω> 0 Ω> 0 Ω
5
> 0 Ω> 0 Ω> 0 Ω> 0 Ω
10
> 0 Ω> 0 Ω> 0 Ω> 0 Ω
100
> 0 Ω> 0 Ω> 0 Ω> 0 Ω
I
REG max
()
150
T
amb
R
th j
a
()
V
P
V
REG
()
×
-----------------------------------------------------------
150
T
amb
100
V
P
5
()
×
------------------------------------ mA
()
==


Podobny numer części - TDA3661T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA3662 PHILIPS-TDA3662 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator
2000 Apr 26
TDA3662AT PHILIPS-TDA3662AT Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator
2000 Apr 26
TDA3663 PHILIPS-TDA3663 Datasheet
89Kb / 17P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 05-13 June 2005
TDA3663 NXP-TDA3663 Datasheet
91Kb / 15P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 06-26 June 2007
TDA3663AT PHILIPS-TDA3663AT Datasheet
89Kb / 17P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 05-13 June 2005
More results

Podobny opis - TDA3661T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA3662 PHILIPS-TDA3662 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator
2000 Apr 26
TDA3664 PHILIPS-TDA3664 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
1999 Sep 01
TDA3665 PHILIPS-TDA3665 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 8.5 V voltage regulator
2000 Apr 25
TDA3666 PHILIPS-TDA3666 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 10 V voltage regulator
2000 Apr 26
TDA3664 NXP-TDA3664 Datasheet
98Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
Rev. 07-25 June 2007
TDA3663 NXP-TDA3663 Datasheet
91Kb / 15P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 06-26 June 2007
TDA3663 PHILIPS-TDA3663 Datasheet
89Kb / 17P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 05-13 June 2005
TDA3673 PHILIPS-TDA3673 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable
2000 Feb 01
TDA3672 PHILIPS-TDA3672 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator with enable
2000 Apr 26
logo
STMicroelectronics
ST2L05 STMICROELECTRONICS-ST2L05 Datasheet
508Kb / 23P
   VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR
December 2004 Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com