Zakładka z wyszukiwarką danych komponentów |
|
AM79M535-1JC Arkusz danych(PDF) 2 Page - Advanced Micro Devices |
|
AM79M535-1JC Arkusz danych(HTML) 2 Page - Advanced Micro Devices |
2 / 18 page 2 Am79M535 Data Sheet ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the elements below. Am79M535 Valid Combinations Valid Combinations list configurations planned to be supported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations, to check on newly released combinations, and to obtain additional data on AMD’s standard military grade products. JC PACKAGE TYPE J = 32-Pin Plastic Leaded Chip Carrier (PL 032) TEMPERATURE RANGE C = Commercial (0 °C to 70°C)* PERFORMANCE GRADE Blank = Standard Specification –1 = Performance Grading –2 = Performance Grading Note: * Functionality of the device from 0 °C to +70°C is guaranteed by production testing. Performance from –40°C to +85°C is guaranteed by characterizations and periodic sampling of production units. DEVICE NAME/DESCRIPTION Am79M535 Subscriber Line Interface Circuit Valid Combinations Am79M535 –1 –2 JC |
Podobny numer części - AM79M535-1JC |
|
Podobny opis - AM79M535-1JC |