Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA4661T Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części TDA4661T
Szczegółowy opis  Baseband delay line
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4661T Arkusz danych(HTML) 3 Page - NXP Semiconductors

  TDA4661T Datasheet HTML 1Page - NXP Semiconductors TDA4661T Datasheet HTML 2Page - NXP Semiconductors TDA4661T Datasheet HTML 3Page - NXP Semiconductors TDA4661T Datasheet HTML 4Page - NXP Semiconductors TDA4661T Datasheet HTML 5Page - NXP Semiconductors TDA4661T Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
December 1994
4
Philips Semiconductors
Product specification
Baseband delay line
TDA4661
PINNING
SYMBOL
PIN
DESCRIPTION
VP2
1
+5 V supply voltage for digital part
n.c.
2
not connected
GND2
3
ground for digital part (0 V)
i.c.
4
internally connected
SAND
5
sandcastle pulse input
n.c.
6
not connected
i.c.
7
internally connected
i.c.
8
internally connected
VP1
9
+5 V supply voltage for analog part
GND1
10
ground for analog part (0 V)
VO(R−Y)
11
±(R−Y) output signal
VO(B−Y)
12
±(B−Y) output signal
n.c.
13
not connected
VI(B−Y)
14
±(B−Y) input signal
n.c.
15
not connected
VI(R−Y)
16
±(R−Y) input signal
2
3
4
5
6
7
8
1
9
10
11
12
13
14
15
16
V
V
V
P2
n.c.
GND2
i.c.
SAND
n.c.
i.c.
i.c.
P1
GND1
O(R
−Y)
VO(B−Y)
n.c.
VI(B−Y)
n.c.
V
I(R
−Y)
TDA4661
MEH183
Fig.2 Pin configuration.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134). Ground pins 3 and 10 connected together.
Note
1. Equivalent to discharging a 200 pF capacitor through a 0
Ω series resistor.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VP1
supply voltage (pin 9)
−0.5
+7
V
VP2
supply voltage (pin 1)
−0.5
+7
V
V5
voltage on pin 5
−0.5
VP + 1.0
V
Vn
voltage on pins 11, 12, 14 and 16
−0.5
VP
V
Tstg
storage temperature
−25
+150
°C
Tamb
operating ambient temperature
0
70
°C
VESD
electrostatic handling for all pins (note 1)
±500
V
SYMBOL
PARAMETER
VALUE
UNIT
Rthj-a
thermal resistance from junction to ambient in free air
SOT38-4
75
K/W
SOT109-1
220
K/W


Podobny numer części - TDA4661T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA4660 PHILIPS-TDA4660 Datasheet
278Kb / 7P
   64 uS BASEBAND DELAY LINE
March 1991
TDA4660T PHILIPS-TDA4660T Datasheet
278Kb / 7P
   64 uS BASEBAND DELAY LINE
March 1991
TDA4662 PHILIPS-TDA4662 Datasheet
102Kb / 12P
   Baseband delay line
1996 Nov 14
TDA4662T PHILIPS-TDA4662T Datasheet
102Kb / 12P
   Baseband delay line
1996 Nov 14
TDA4663 PHILIPS-TDA4663 Datasheet
69Kb / 12P
   Baseband delay line
1996 Nov 22
More results

Podobny opis - TDA4661T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA4662 PHILIPS-TDA4662 Datasheet
102Kb / 12P
   Baseband delay line
1996 Nov 14
logo
Integral Corp.
ILA4661 INTEGRAL-ILA4661 Datasheet
107Kb / 2P
   BASEBAND DELAY LINE
logo
NXP Semiconductors
TDA4663T PHILIPS-TDA4663T Datasheet
69Kb / 12P
   Baseband delay line
1996 Nov 22
logo
TEMIC Semiconductors
U3661M TEMIC-U3661M Datasheet
138Kb / 9P
   Baseband Delay Line
logo
NXP Semiconductors
TDA4665 PHILIPS-TDA4665 Datasheet
114Kb / 12P
   Baseband delay line
1996 Dec 17
logo
KODENSHI_AUK CORP.
KKA4661 KODENSHI-KKA4661 Datasheet
74Kb / 3P
   BASEBAND DELAY LINE
logo
NXP Semiconductors
TDA4660 PHILIPS-TDA4660 Datasheet
278Kb / 7P
   64 uS BASEBAND DELAY LINE
March 1991
logo
TEMIC Semiconductors
U3660M TEMIC-U3660M Datasheet
77Kb / 7P
   Baseband Delay Line (64 Us)
logo
Sony Corporation
CXL5520M SONY-CXL5520M Datasheet
120Kb / 9P
   CMOS-CCD Baseband 1H Delay Line
logo
TEMIC Semiconductors
U3665M TEMIC-U3665M Datasheet
131Kb / 9P
   Baseband Delay Line 64 us (Improved Version)
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com