Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA4662T Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części TDA4662T
Szczegółowy opis  Baseband delay line
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4662T Arkusz danych(HTML) 5 Page - NXP Semiconductors

  TDA4662T Datasheet HTML 1Page - NXP Semiconductors TDA4662T Datasheet HTML 2Page - NXP Semiconductors TDA4662T Datasheet HTML 3Page - NXP Semiconductors TDA4662T Datasheet HTML 4Page - NXP Semiconductors TDA4662T Datasheet HTML 5Page - NXP Semiconductors TDA4662T Datasheet HTML 6Page - NXP Semiconductors TDA4662T Datasheet HTML 7Page - NXP Semiconductors TDA4662T Datasheet HTML 8Page - NXP Semiconductors TDA4662T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1996 Nov 14
5
Philips Semiconductors
Product specification
Baseband delay line
TDA4662
CHARACTERISTICS
VP = 5 V; input signals as specified in characteristics with 75% colour bars; super-sandcastle frequency of 15.625 kHz;
Tamb =25 °C; measurements taken in Fig.3; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP1
analog supply voltage (pin 9)
4.5
5
6
V
VP2
digital supply voltage (pin 1)
4.5
5
6
V
IP1
analog supply current (pin 9)
4.8
6.0
mA
IP2
digital supply current (pin 1)
0.7
1.0
mA
Colour-difference input signals
Vi(p-p)
input signal (peak-to-peak value)
±(R−Y) PAL and NTSC (pin 16)
525
mV
±(B−Y) PAL and NTSC (pin 14)
665
mV
Vi(max; p-p) maximum symmetrical input signal
(peak-to-peak value)
±(R−Y) for PAL and NTSC
before clipping
660
−−
mV
±(B−Y) for PAL and NTSC
before clipping
840
−−
mV
R14,16
input resistance during clamping
−−
40
k
C14,16
input capacitance
−−
10
pF
V14,16
input clamping voltage
proportional to VP
1.3
1.5
1.7
V
Colour-difference output signals
Vo(p-p)
output signal (peak-to-peak value)
±(R−Y) on pin 11
1.05
V
±(B−Y) on pin 12
1.33
V
V11/V12
ratio of output amplitudes at equal input
signals
Vi14,16 = 665 mV (p-p)
−0.4
0
+0.4
dB
V11,12
DC output voltage
proportional to VP
2.5
2.9
3.3
V
R11,12
output resistance
330
400
Gv
gain for PAL and NTSC
ratio Vo/Vi
5.3
5.8
6.3
dB
VN(rms)
noise voltage
(RMS value; pins 11 and 12)
Vi14,16 = 0 V; note 1
−−
1.2
mV
V11,12(p-p)
unwanted signals (line-locked)
(peak-to-peak value)
Vi14,16 = 0 V; active
video; RS = 300 Ω
meander
−−
5mV
spikes
−−
10
mV
S/N(W)
weighted signal-to-noise ratio
(pins 11 and 12)
Vo = 1 V (p-p); note 1
54
dB
td
time difference between undelayed and
delayed output signals (pins 11 and 12)
63.94
64
64.06
µs
delay of undelayed signals
40
60
80
ns


Podobny numer części - TDA4662T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA4660 PHILIPS-TDA4660 Datasheet
278Kb / 7P
   64 uS BASEBAND DELAY LINE
March 1991
TDA4660T PHILIPS-TDA4660T Datasheet
278Kb / 7P
   64 uS BASEBAND DELAY LINE
March 1991
TDA4661 PHILIPS-TDA4661 Datasheet
56Kb / 6P
   Baseband delay line
December 1994
TDA4661T PHILIPS-TDA4661T Datasheet
56Kb / 6P
   Baseband delay line
December 1994
TDA4663 PHILIPS-TDA4663 Datasheet
69Kb / 12P
   Baseband delay line
1996 Nov 22
More results

Podobny opis - TDA4662T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA4661 PHILIPS-TDA4661 Datasheet
56Kb / 6P
   Baseband delay line
December 1994
logo
Integral Corp.
ILA4661 INTEGRAL-ILA4661 Datasheet
107Kb / 2P
   BASEBAND DELAY LINE
logo
NXP Semiconductors
TDA4663T PHILIPS-TDA4663T Datasheet
69Kb / 12P
   Baseband delay line
1996 Nov 22
logo
TEMIC Semiconductors
U3661M TEMIC-U3661M Datasheet
138Kb / 9P
   Baseband Delay Line
logo
NXP Semiconductors
TDA4665 PHILIPS-TDA4665 Datasheet
114Kb / 12P
   Baseband delay line
1996 Dec 17
logo
KODENSHI_AUK CORP.
KKA4661 KODENSHI-KKA4661 Datasheet
74Kb / 3P
   BASEBAND DELAY LINE
logo
NXP Semiconductors
TDA4660 PHILIPS-TDA4660 Datasheet
278Kb / 7P
   64 uS BASEBAND DELAY LINE
March 1991
logo
TEMIC Semiconductors
U3660M TEMIC-U3660M Datasheet
77Kb / 7P
   Baseband Delay Line (64 Us)
logo
Sony Corporation
CXL5520M SONY-CXL5520M Datasheet
120Kb / 9P
   CMOS-CCD Baseband 1H Delay Line
logo
TEMIC Semiconductors
U3665M TEMIC-U3665M Datasheet
131Kb / 9P
   Baseband Delay Line 64 us (Improved Version)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com