Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA4689 Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części TDA4689
Szczegółowy opis  Video processor with automatic cut-off control
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4689 Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button TDA4689 Datasheet HTML 6Page - NXP Semiconductors TDA4689 Datasheet HTML 7Page - NXP Semiconductors TDA4689 Datasheet HTML 8Page - NXP Semiconductors TDA4689 Datasheet HTML 9Page - NXP Semiconductors TDA4689 Datasheet HTML 10Page - NXP Semiconductors TDA4689 Datasheet HTML 11Page - NXP Semiconductors TDA4689 Datasheet HTML 12Page - NXP Semiconductors TDA4689 Datasheet HTML 13Page - NXP Semiconductors TDA4689 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
1997 Jul 01
10
Philips Semiconductors
Product specification
Video processor with automatic cut-off control
TDA4689
Table 2
Signal input selection by the fast source switches; notes 1 to 4
Notes
1. H: logic HIGH implies that the voltage >0.9 V.
2. L: logic LOW implies that the voltage <0.4 V.
3. X = don’t care.
4. ON indicates the selected input signal.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
I2C-BUS CONTROL BITS
ANALOG SWITCH SIGNALS
INPUT SELECTED
FSON2 FSDIS2 FSON1 FSDIS1
FSW2
(PIN 1)
FSW1
(PIN 13)
RGB2
RGB1
Y/CD
LLLL
L
L
ON
LH
ON
HX
ON
LLL
H
L
X
ON
HX
ON
LL
H
X
L
X
ON
HX
ON
LHL
L
X
L
ON
XH
ON
LHLH
X
X
ON
LH
H
X
X
X
ON
H
XXX
X
X
ON
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VP
supply voltage (pin 5)
8.8
V
Vi
input voltage (pins 1 to 8, 10 to 13, 16, 21, 23 and 25)
−0.1
+VP
V
input voltage (pins 15, 18 and 19)
−0.7
VP + 0.7 V
input voltage (pins 27 and 28)
−0.1
+8.8
V
V14
sandcastle pulse voltage
−0.7
VP + 5.8 V
Iav
average current (pins 20, 22 and 24)
−10
+4
mA
IM
peak current (pins 20, 22 and 24)
−20
+4
mA
I26
output current
−8
+0.6
mA
Tstg
storage temperature
−20
+150
°C
Tamb
operating ambient temperature
0
70
°C
Ptot
total power dissipation
1.2
W


Podobny numer części - TDA4689

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA4680 PHILIPS-TDA4680 Datasheet
243Kb / 28P
   Video processor with automatic cut-off and white level control
1996 Oct 25
TDA4680WP PHILIPS-TDA4680WP Datasheet
243Kb / 28P
   Video processor with automatic cut-off and white level control
1996 Oct 25
TDA4681 PHILIPS-TDA4681 Datasheet
160Kb / 28P
   Video processor with automatic cut-off and white level control
1997 Mar 04
TDA4681WP PHILIPS-TDA4681WP Datasheet
160Kb / 28P
   Video processor with automatic cut-off and white level control
1997 Mar 04
TDA4685 PHILIPS-TDA4685 Datasheet
129Kb / 24P
   Video processor with automatic cut-off control
1997 Jun 20
More results

Podobny opis - TDA4689

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA4686 PHILIPS-TDA4686 Datasheet
145Kb / 28P
   Video processor with automatic cut-off control
1997 Jun 23
TDA4687 PHILIPS-TDA4687 Datasheet
129Kb / 24P
   Video processor with automatic cut-off control
1997 Jun 23
TDA4688 PHILIPS-TDA4688 Datasheet
130Kb / 24P
   Video processor with automatic cut-off control
1997 Jun 23
TDA4685 PHILIPS-TDA4685 Datasheet
129Kb / 24P
   Video processor with automatic cut-off control
1997 Jun 20
TDA4680 PHILIPS-TDA4680 Datasheet
243Kb / 28P
   Video processor with automatic cut-off and white level control
1996 Oct 25
TDA4681 PHILIPS-TDA4681 Datasheet
160Kb / 28P
   Video processor with automatic cut-off and white level control
1997 Mar 04
TDA4780 PHILIPS-TDA4780 Datasheet
321Kb / 44P
   RGB video processor with automatic cut-off control and gamma adjust
1997 Feb 06
TDA3505 PHILIPS-TDA3505 Datasheet
143Kb / 15P
   Video control combination circuit with automatic cut-off control
November 1987
TDA4580 PHILIPS-TDA4580 Datasheet
998Kb / 16P
   Video control combination circuit with automatic cut-off control
March 1991
TDA3508 PHILIPS-TDA3508 Datasheet
107Kb / 16P
   Video control combination circuit with automatic cut-off control
1996 Oct 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com