Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA4852 Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części TDA4852
Szczegółowy opis  Horizontal and vertical deflection controller for autosync monitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4852 Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button TDA4852 Datasheet HTML 5Page - NXP Semiconductors TDA4852 Datasheet HTML 6Page - NXP Semiconductors TDA4852 Datasheet HTML 7Page - NXP Semiconductors TDA4852 Datasheet HTML 8Page - NXP Semiconductors TDA4852 Datasheet HTML 9Page - NXP Semiconductors TDA4852 Datasheet HTML 10Page - NXP Semiconductors TDA4852 Datasheet HTML 11Page - NXP Semiconductors TDA4852 Datasheet HTML 12Page - NXP Semiconductors TDA4852 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
December 1992
9
Philips Semiconductors
Preliminary specification
Horizontal and vertical deflection controller
for autosync monitors
TDA4852
Note to the characteristics
1. Parabola amplitude does not track with vertical amplitude adjustment. Tracking can be achieved by a resistor from
vertical amplitude potentiometer to pin 14.
Horizontal oscillator
fosc
centre frequency
R18 = 2.4 kΩ (pin 18);
C19 = 10 nF (pin 19)
31.45
kHz
deviation of centre frequency
−−
±3%
temperature coefficient
0
+200
+300
10−6/K
ϕ
H/tH
relative holding/catching range
±6
±6.5
±7.3
%
I18
external oscillator current
−0.5
−−4.3
mA
V18
voltage at reference current input
(pin18)
2.35
2.5
2.65
V
Horizontal PLL2
Fig.6
V2
upper clamping level of flyback input
I2 = 6 mA
5.5
V
lower clamping level of flyback input
I2 = −1 mA
−−0.75
V
H-flyback slicing level
3.0
V
td/tH
delay between middle of sync and
middle of H-flyback related to tH
3.0
%
V20
upper control voltage limitation
6.2
V
lower control voltage limitation
4.8
V
I20
control current
−±0.083I18 −µA
∆t/t
H
PLL2 control range related to tH
30
−−
%
Horizontal output (open-collector)
Fig.6
V3
output voltage LOW
I3 = 20 mA
−−
0.3
V
I3 = 60 mA
−−
0.8
V
tp/tH
tH duty factor
42
45
48
%
VP
threshold to activate under voltage
protection
horizontal output off
5.6
V
horizontal output on
5.8
V
∆t
H
jitter of horizontal output
f = 31 kHz
−−
3.5
ns
f = 64 kHz
−−
1.9
ns
f = 100 kHz
−−
1.2
ns
E/W output
note 1
V11
bottom output signal during mid-scan
(pin 11)
internally stabilized
1.05
1.2
1.35
V
top output signal during flyback
4.2
4.5
4.8
V
temperature coefficient of output signal
−−
250
10−6/K
E/W amplitude adjustment (parabola)
Fig.7
V14
input voltage (pin 14)
5.0
V
I14
adjustment current
100% parabola
−110
−120
−135
µA
typically 28% parabola
0
−µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Podobny numer części - TDA4852

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA4850 PHILIPS-TDA4850 Datasheet
142Kb / 20P
   Horizontal and vertical deflection controller for VGA/XGA and multi-frequency monitors
1997 Jun 05
TDA4851 PHILIPS-TDA4851 Datasheet
198Kb / 17P
   Horizontal and vertical deflection controller for VGA/XGA and autosync monitors
November 1992
TDA4853 PHILIPS-TDA4853 Datasheet
255Kb / 60P
   I2C-bus autosync deflection controllers for PC/TV monitors
1999 Jul 13
TDA4854 PHILIPS-TDA4854 Datasheet
255Kb / 60P
   I2C-bus autosync deflection controllers for PC/TV monitors
1999 Jul 13
TDA4855 PHILIPS-TDA4855 Datasheet
317Kb / 44P
   Autosync Deflection Controller ASDC
1996 Jul 18
More results

Podobny opis - TDA4852

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA4851 PHILIPS-TDA4851 Datasheet
198Kb / 17P
   Horizontal and vertical deflection controller for VGA/XGA and autosync monitors
November 1992
logo
NTE Electronics
NTE7133 NTE-NTE7133 Datasheet
46Kb / 7P
   Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors
logo
NXP Semiconductors
TDA4857PS PHILIPS-TDA4857PS Datasheet
235Kb / 56P
   I2C-bus autosync deflection controller for PC monitors
2000 Jan 31
logo
NTE Electronics
NTE7134 NTE-NTE7134 Datasheet
89Kb / 17P
   Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors
logo
NXP Semiconductors
TDA4856 PHILIPS-TDA4856 Datasheet
1Mb / 56P
   I2C-bus autosync deflection controller for PC monitors
1999 Jul 13
TDA4841PS PHILIPS-TDA4841PS Datasheet
245Kb / 60P
   I2C-bus autosync deflection controller for PC monitors
1999 Oct 25
TDA4850 PHILIPS-TDA4850 Datasheet
142Kb / 20P
   Horizontal and vertical deflection controller for VGA/XGA and multi-frequency monitors
1997 Jun 05
logo
National Semiconductor ...
LM1290 NSC-LM1290 Datasheet
176Kb / 9P
   Autosync Horizontal Deflection Processor
logo
NXP Semiconductors
TDA4855 PHILIPS-TDA4855 Datasheet
317Kb / 44P
   Autosync Deflection Controller ASDC
1996 Jul 18
TDA4853 PHILIPS-TDA4853 Datasheet
255Kb / 60P
   I2C-bus autosync deflection controllers for PC/TV monitors
1999 Jul 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com