Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA5147CH Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części TDA5147CH
Szczegółowy opis  12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5147CH Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button TDA5147CH Datasheet HTML 2Page - NXP Semiconductors TDA5147CH Datasheet HTML 3Page - NXP Semiconductors TDA5147CH Datasheet HTML 4Page - NXP Semiconductors TDA5147CH Datasheet HTML 5Page - NXP Semiconductors TDA5147CH Datasheet HTML 6Page - NXP Semiconductors TDA5147CH Datasheet HTML 7Page - NXP Semiconductors TDA5147CH Datasheet HTML 8Page - NXP Semiconductors TDA5147CH Datasheet HTML 9Page - NXP Semiconductors TDA5147CH Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
1997 Jul 09
6
Philips Semiconductors
Preliminary specification
12 V Voice Coil Motor (VCM) driver and
spindle motor drive combination chip
TDA5147CH
PINNING
SYMBOL
PIN
I/O
DESCRIPTION
VIPWML
1
I
LSB PWM input
VIPWMH
2
I
MSB PWM input
VFLTINP
3
O
voice coil motor PWM filter
capacitor
VFLTOUT
4
O
PWM filter output voltage
SHPWR2
5
O
capacitor for park supply
voltage
GNDSUBB
6
analog ground 2
GNDSUBB
7
analog ground 2
VCCA12
8
analog supply voltage 2
(+12 V)
VCC5
9
analog supply voltage 1
(+5 V)
SDRVW
10
O
phase 3 output for spindle
motor
n.c.
11
not connected
n.c.
12
not connected
SMODE1
13
3 level input for spindle
mode
CPOR
14
I/O
Power-on reset delay
capacitor
PORN
15
O
Power-on reset digital output
(active LOW)
POR12VADJ
16
I
adjustment of PORN
threshold (for +12 V)
POR5VADJ
17
I
adjustment of PORN
threshold (for +5 V)
SENWIS
18
O
digital output of back EMF
sense 3/inductive sense
SISINK2
19
O
connection 2 to the sense
resistor
SCNTL1
20
I
digital input 1 for spindle
decoder
SCNTL2
21
I
digital input 2 for spindle
decoder
SCNTL3
22
I
digital input 3 for spindle
decoder
SDRVV
23
O
phase 2 output for spindle
motor
SPWMTC
24
I/O
capacitor for spindle low side
PWM time off
SDRVN
25
O
centre TAP connection to
spindle motor
SENU
26
O
digital output of back EMF
sense 1
SENV
27
O
digital output of back EMF
sense 2
SHPWR3
28
O
capacitor 3 for park supply
voltage
BSTFLT
29
O
booster filter output
BSTCP2
30
O
booster capacitor 2 output
n.c.
31
not connected
n.c.
32
not connected
n.c.
33
not connected
n.c.
34
not connected
RETADJ
35
I/O
retract voltage adjustment
pin
VCCS12
36
power supply of spindle
motor drivers (+12 V)
SCOMP
37
O
control amplifier pole
adjustment
SPWMFLT
38
I/O
capacitor for spindle PWM
filter
SDRVU
39
O
phase 1 output for spindle
motor
SHPWR1
40
O
capacitor 1 for park supply
voltage
BSTCP1
41
O
booster capacitor 1 output
SISINK1
42
O
connection 1 to the sense
resistor
GNDSUBA
43
analog ground 1
SIPWM
44
I
digital PWM input for spindle
current
SISENH
45
I
sense resistor for spindle
current
SISENL
46
I
isolated ground connection
for spindle sense amplifier
VCMINP
47
I
closed loop voltage
compensation of VCM
n.c.
48
not connected
VCC2V12
49
+12 V power supply of VCM
driver
VPCNTL
50
I
park enable 3-level input
VCMP
51
O
positive output voltage of
H-Bridge
Vrefout
52
O
output reference for external
ADC
BRKTC
53
I
input for setting brake after
park time
SYMBOL
PIN
I/O
DESCRIPTION


Podobny numer części - TDA5147CH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA5147K PHILIPS-TDA5147K Datasheet
154Kb / 32P
   12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
1996 Jul 26
More results

Podobny opis - TDA5147CH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA5147K PHILIPS-TDA5147K Datasheet
154Kb / 32P
   12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
1996 Jul 26
TDA5149G PHILIPS-TDA5149G Datasheet
148Kb / 28P
   12 V Voice Coil Motor VCM driver and spindle motor pre-driver combination chip
1996 May 06
logo
STMicroelectronics
L7220 STMICROELECTRONICS-L7220 Datasheet
79Kb / 4P
   Disk drive spindle and VCM motor driver
logo
Fairchild Semiconductor
FAN8620B FAIRCHILD-FAN8620B Datasheet
475Kb / 35P
   12V Spindle Motor and Voice Coil Motor Driver
KA2811C FAIRCHILD-KA2811C Datasheet
313Kb / 28P
   12V Spindle Motor and Voice Coil Motor Driver
logo
Panasonic Semiconductor
AN8420FBP PANASONIC-AN8420FBP Datasheet
1Mb / 27P
   Spindle/Voice Coil Motor Drive IC
logo
Fairchild Semiconductor
KA3120 FAIRCHILD-KA3120 Datasheet
782Kb / 43P
   SPINDLE & VOICE COIL MOTOR ONE CHIP DRIVER
logo
Texas Instruments
TLS2205 TI-TLS2205 Datasheet
775Kb / 31P
[Old version datasheet]   VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
logo
Fairchild Semiconductor
FAN8621B FAIRCHILD-FAN8621B Datasheet
228Kb / 21P
   12V Spindle Motor and Voice Coil Motor Driver IC
logo
STMicroelectronics
L7207 STMICROELECTRONICS-L7207 Datasheet
58Kb / 3P
   Dual mode disk drive spindle and VCM motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com