Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA5737 Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części TDA5737
Szczegółowy opis  5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5737 Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button TDA5737 Datasheet HTML 3Page - NXP Semiconductors TDA5737 Datasheet HTML 4Page - NXP Semiconductors TDA5737 Datasheet HTML 5Page - NXP Semiconductors TDA5737 Datasheet HTML 6Page - NXP Semiconductors TDA5737 Datasheet HTML 7Page - NXP Semiconductors TDA5737 Datasheet HTML 8Page - NXP Semiconductors TDA5737 Datasheet HTML 9Page - NXP Semiconductors TDA5737 Datasheet HTML 10Page - NXP Semiconductors TDA5737 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
1997 Feb 24
7
Philips Semiconductors
Product specification
5 V VHF, hyperband and UHF mixers/oscillators
for TV and VCR 3-band tuners
TDA5736; TDA5737
CHARACTERISTICS
VP =5V; Tamb =25 °C; measured in circuit of Fig.17; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
4.5
5.0
5.5
V
IP
supply current
42
50
58
mA
VSW
switching voltage depending
on supply voltage VP
band A; note 1
0
0.18VP
V
band B; note 1
0.26VP
0.47VP
V
band C; note 1
0.55VP
VP
V
ISW
switching current
band A; note 1
−−
2
µA
band B; note 1
−−
10
µA
band C; note 1
−−
25
µA
Band A mixer (including IF amplifier)
fRF
frequency range
note 2
41
171
MHz
Gv
voltage gain
fRF = 50 MHz; see Fig.4; note 3
20.5
23.0
25.5
dB
fRF = 170 MHz; see Fig.4; note 3
20.5
23.0
25.5
dB
NF
noise figure
fRF = 50 MHz; see Figs.5 and 6
7.5
9
dB
fRF = 170 MHz; see Figs.5 and 6
910
dB
Vo
output voltage level causing
1% cross modulation in
channel
fRF = 50 MHz; see Fig.7
115
118
dB
µV
fRF = 170 MHz; see Fig.7
113
116
dB
µV
Vi
input voltage level causing
10 kHz pulling in channel
fRF = 170 MHz; note 4
96
100
dBmV
gos
optimum source conductance
for noise figure
fRF =50MHz
0.5
mS
fRF = 170 MHz
1.1
mS
Yi
input admittance
fRF = 50 to 170 MHz; see Fig.12
0.3
mS
Ci
input capacitance
fRF = 50 to 170 MHz; see Fig.12
1.9
pF
Band A oscillator
fosc
frequency range
0.45 V < Vt < 28 V; notes 1 and 5
80
210
MHz
fshift
frequency shift
∆Vp = 5%; note 6
−−
53
kHz
fdrift
frequency drift with no
compensation
∆T=25 °C; NP0 capacitors; note 7 −−
650
kHz
5 s to 15 mins after switch on; NP0
capacitors; note 8
−−
250
kHz
frequency drift with
compensation
∆T=25 °C; notes 7 and 9;
see Fig.18
−−
500
kHz
5 s to 15 mins after switch on;
notes 8 and 9; see Fig.18
−−
100
kHz
Vripple
ripple susceptibility of supply
voltage (peak-to-peak value)
fosc = 80 MHz;
4.75 V < VP < 5.25 V; see Fig.8
20
−−
mV
fosc = 210 MHz;
4.75 V < VP < 5.25 V; see Fig.8
20
−−
mV
Φ
N
phase noise
measured at the IF output at 10 kHz
offset; Vo = 105 dBµV
81
−−
dBc/Hz


Podobny numer części - TDA5737

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA5731M PHILIPS-TDA5731M Datasheet
126Kb / 17P
   Low power VHF, UHF and hyperband mixer/oscillator for TV and VCR 3-band tuners
1995 Mar 21
TDA5732 PHILIPS-TDA5732 Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
More results

Podobny opis - TDA5737

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA5636 PHILIPS-TDA5636 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5330T PHILIPS-TDA5330T Datasheet
154Kb / 16P
   VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
January 1988
TDA5632 PHILIPS-TDA5632 Datasheet
163Kb / 20P
   9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
1996 Aug 16
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5731M PHILIPS-TDA5731M Datasheet
126Kb / 17P
   Low power VHF, UHF and hyperband mixer/oscillator for TV and VCR 3-band tuners
1995 Mar 21
TDA6502 PHILIPS-TDA6502 Datasheet
200Kb / 44P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Mar 16
TDA6402 PHILIPS-TDA6402 Datasheet
195Kb / 40P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Jan 24
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com