Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA6503A Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części TDA6503A
Szczegółowy opis  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6503A Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button TDA6503A Datasheet HTML 6Page - NXP Semiconductors TDA6503A Datasheet HTML 7Page - NXP Semiconductors TDA6503A Datasheet HTML 8Page - NXP Semiconductors TDA6503A Datasheet HTML 9Page - NXP Semiconductors TDA6503A Datasheet HTML 10Page - NXP Semiconductors TDA6503A Datasheet HTML 11Page - NXP Semiconductors TDA6503A Datasheet HTML 12Page - NXP Semiconductors TDA6503A Datasheet HTML 13Page - NXP Semiconductors TDA6503A Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
2000 Mar 16
10
Philips Semiconductors
Preliminary specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6502; TDA6502A;
TDA6503; TDA6503A
Table 5
Description of the bits used in Tables 3 and 4
Table 6
Address selection bits (I2C-bus mode)
Table 7
Test mode bits
Notes
1. This is the default mode at Power-on reset.
2. The ADC input cannot be used when these test modes are active; see Section 8.2.3 for more information.
BIT
DESCRIPTION
MA1 and MA0
programmable address bits (see Table 6)
R/W
logic 0 for write mode
N14 to N0
programmable divider bits: N = N14
× 214 + N13 × 213 + ... + N1 × 21 +N0
CP
charge pump current control bit:
logic 0: charge pump current is 60
µA
logic 1: charge pump current is 280
µA (default)
T2, T1 and T0
test bits (see Table 7)
RSA and RSB
reference divider ratio select bits (see Table 8)
OS
tuning amplifier control bit:
logic 0: tuning voltage is ‘on’ (during normal operating)
logic 1: tuning voltage is ‘off’; high-impedance output of pin VT (default)
PVHFL, PVHFH, PUHF and FMST
PMOS ports control bits:
logic 0: corresponding buffer is ‘off’ (default)
logic 1: corresponding buffer is ‘on’
X
don’t care
MA1
MA0
VOLTAGE APPLIED TO PIN CE/AS
0
0
0 V to 0.1VCC
0
1
0.2VCC to 0.3VCC or open-circuit
1
0
0.4VCC to 0.6VCC
1
1
0.9VCC to 1.0VCC
T2
T1
T0
TEST MODE
0
0
0
normal mode
0
0
1
normal mode (note 1)
0
1
X
charge pump is off
1
1
0
charge pump is sinking current
1
1
1
charge pump is sourcing current
100
fREF is available on pin LOCK/ADC (note 2)
101
1
2fDIV is available on pin LOCK/ADC (note 2)


Podobny numer części - TDA6503A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA6500 PHILIPS-TDA6500 Datasheet
223Kb / 37P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
Rev. 02-14 June 2005
TDA6500TT PHILIPS-TDA6500TT Datasheet
205Kb / 40P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
2003 Jun 05
TDA6500TT PHILIPS-TDA6500TT Datasheet
223Kb / 37P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
Rev. 02-14 June 2005
TDA6501 PHILIPS-TDA6501 Datasheet
223Kb / 37P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
Rev. 02-14 June 2005
TDA6501TT PHILIPS-TDA6501TT Datasheet
205Kb / 40P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
2003 Jun 05
More results

Podobny opis - TDA6503A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA6402 PHILIPS-TDA6402 Datasheet
195Kb / 40P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Jan 24
TDA5736 PHILIPS-TDA5736 Datasheet
290Kb / 28P
   5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
1997 Feb 24
TDA5632 PHILIPS-TDA5632 Datasheet
163Kb / 20P
   9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
1996 Aug 16
TDA5636 PHILIPS-TDA5636 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
logo
Panasonic Semiconductor
DN8506S PANASONIC-DN8506S Datasheet
33Kb / 3P
   Prescaler IC for TV and VCR tuners
logo
NXP Semiconductors
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5634T PHILIPS-TDA5634T Datasheet
116Kb / 20P
   9 V UHF mixer/oscillator for TV and VCR tuners
1996 Nov 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com