Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC512TWN1-25P-A1 Arkusz danych(PDF) 2 Page - Cree, Inc

Numer części LC512TWN1-25P-A1
Szczegółowy opis  5-mm Round LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CREE [Cree, Inc]
Strona internetowa  http://www.cree.com/
Logo CREE - Cree, Inc

LC512TWN1-25P-A1 Arkusz danych(HTML) 2 Page - Cree, Inc

  LC512TWN1-25P-A1 Datasheet HTML 1Page - Cree, Inc LC512TWN1-25P-A1 Datasheet HTML 2Page - Cree, Inc LC512TWN1-25P-A1 Datasheet HTML 3Page - Cree, Inc LC512TWN1-25P-A1 Datasheet HTML 4Page - Cree, Inc LC512TWN1-25P-A1 Datasheet HTML 5Page - Cree, Inc LC512TWN1-25P-A1 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
2
CLD-CT080.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Standard Bins for LC52TWN-25P-A (I
F = 20 mA)
Lamps are sorted to luminous intensity (I
V) and chromaticity coordinates (x,y) bins shown.
Orders for LC512TWN1-25P-A1 may be filled with any or all bins contained as below.
All luminous intensity (I
V) and chromaticity coordinates (x,y) values shown and specified are at IF = 20 mA.
A1
A2
B1
B2
c
Z1 or
above
Z
Y
X
Rank
A1
A2
B1
Chromaticity
Coordinates
x
0.245
0.264
0.280
0.264
0.264
0.283
0.296
0.280
0.283
0.307
0.313
0.296
y
0.229
0.267
0.248
0.220
0.267
0.305
0.276
0.248
0.305
0.337
0.297
0.276
Rank
B2
c
Chromaticity
Coordinates
x
0.307
0.330
0.330
0.313
0.330
0.361
0.356
0.330
y
0.337
0.360
0.318
0.297
0.360
0.385
0.351
0.318
Important Notes:
All ranks will be included per delivery; rank ratio will be based on the dice distribution.
Pb content <1000 ppm.
Tolerance of measurement of luminous intensity is ±15%.
Tolerance of measurement of the color coordinates is ±0.01.
Tolerance of measurement of V
F is ±0.05 V.
Packaging methods are available for selection; please refer to the “Cree LED Lamp Packaging Standard” docu-
ment.
Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.
1.
2.
3.
4.
5.
6.
7.
8.
Chromaticity Coordinates (x,y)
12000 mcd
8200 mcd
5860 mcd
4180 mcd


Podobny numer części - LC512TWN1-25P-A1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Marktech Corporate
LC512TWN1-25G-A MARKTECH-LC512TWN1-25G-A Datasheet
209Kb / 2P
   Ultra Bright White 5mm LED
logo
List of Unclassifed Man...
LC512TWN1-25G-A1 ETC2-LC512TWN1-25G-A1 Datasheet
165Kb / 5P
   SPECIFICATION FOR COTCO LED LAMP
logo
Marktech Corporate
LC512TWN1-25H-A MARKTECH-LC512TWN1-25H-A Datasheet
209Kb / 2P
   Ultra Bright White 5mm LED
logo
Cree, Inc
LC512TWN1-25Q-A1 CREE-LC512TWN1-25Q-A1 Datasheet
358Kb / 6P
   5-mm Round LED
More results

Podobny opis - LC512TWN1-25P-A1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
LC503TBL1-50P-A CREE-LC503TBL1-50P-A Datasheet
327Kb / 5P
   5-mm Round LED
LC512TWN1-25Q-A1 CREE-LC512TWN1-25Q-A1 Datasheet
358Kb / 6P
   5-mm Round LED
LC534TBL1-60Q-A CREE-LC534TBL1-60Q-A Datasheet
328Kb / 5P
   5-mm Round LED
LC503TBG1-30P-A CREE-LC503TBG1-30P-A Datasheet
338Kb / 5P
   5-mm Round LED
LC503TBG1-30Q-A CREE-LC503TBG1-30Q-A Datasheet
346Kb / 5P
   5-mm Round LED
logo
Marktech Corporate
C513A MARKTECH-C513A_15 Datasheet
598Kb / 10P
   5-mm Round LED
logo
Cree, Inc
LC503TPG1-30P-A1 CREE-LC503TPG1-30P-A1 Datasheet
333Kb / 5P
   5-mm Round LED
LC503TWN1-50Q-A1 CREE-LC503TWN1-50Q-A1 Datasheet
365Kb / 6P
   5-mm Round LED
LC512TWR1-25P-A1 CREE-LC512TWR1-25P-A1 Datasheet
352Kb / 6P
   5-mm Round LED
LC503TPG1-50P-A CREE-LC503TPG1-50P-A Datasheet
359Kb / 5P
   5-mm Round LED
LC503TWR1-15P-A1 CREE-LC503TWR1-15P-A1 Datasheet
350Kb / 6P
   5-mm Round LED
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com