Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM1-EPG1-11-N2 Arkusz danych(PDF) 3 Page - Cree, Inc

Numer części LM1-EPG1-11-N2
Szczegółowy opis  SMD LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CREE [Cree, Inc]
Strona internetowa  http://www.cree.com/
Logo CREE - Cree, Inc

LM1-EPG1-11-N2 Arkusz danych(HTML) 3 Page - Cree, Inc

  LM1-EPG1-11-N2 Datasheet HTML 1Page - Cree, Inc LM1-EPG1-11-N2 Datasheet HTML 2Page - Cree, Inc LM1-EPG1-11-N2 Datasheet HTML 3Page - Cree, Inc LM1-EPG1-11-N2 Datasheet HTML 4Page - Cree, Inc LM1-EPG1-11-N2 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
3
CLD-CT7.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Graphs
4/4
Format #: COTCO-D-074
REV.4
Document No.
SPE/LM1-EPG1-11-N2
Rev. No.
01
G
Grraapphhss
Ir(uA)
FIG.2 REVERSE CURRENT VS.
REVERSE VOLTAGE.
-50.0
-30.0
-40.0
-10.0
-50
-40
Vr(V)
0
-10
-30
-20
-20.0
0.0
FIG.6 FAR FIELD PATTERN
-30
-60
-90
90
60
30
0
0%
20%
40%
60%
50% Power Angle :
0
80%
100%
Ie(%)
FIG.5 MAXIMUM FORWARD DC CURRENT VS
TEMPERATURE. DERATING BASED ON Tjmax=110 C
80.0
FIG.3 RELATIVE LUMINOUS INTENSITY VS.
0
0
10
30
20
20
40
60
80
Rth j-a=350 C/W
IF(mA)
0.0
FORWARD CURRENT
50
40
0.0
0.5
Rth j-s=200 C/W
40.0
20.0
60.0
2.5
1.5
1.0
2.0
T ( C)
100
100.0
If(mA)
Half Power WL=38nm
100%
300
50%
Domi WL= 527nm
WAVELENGTH.
FIG.4 RELATIVE LUMINOUS INTENSITY VS.
75%
25%
0%
400
500
600
WL(nm)
700
100.0
FORWARD VOLTAGE.
FIG.1 FORWARD CURRENT VS.
20.0
0.0
3.0
60.0
40.0
80.0
4.2
3.8
3.4
4.6
5.0
Vf(V)
If (mA)
Items
Signatures
Date
Revision History
Prepared by
Rev.No
Date
Change Description
WangFJ
2007-04-10
Checked by
XieJH
2007-04-10
Approved by
DavidLiu
2007-04-10
FCN#
FCN20070101
Data is subject to change without prior notice; Please refer to COTCO Website for the latest version.
Copyright@2002 Cotco International Ltd.


Podobny numer części - LM1-EPG1-11-N2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
LM1-EPG1-01-N2 CREE-LM1-EPG1-01-N2 Datasheet
329Kb / 5P
   SMD LED
More results

Podobny opis - LM1-EPG1-11-N2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com