Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA7056AT Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części TDA7056AT
Szczegółowy opis  3 W mono BTL audio amplifier with DC volume control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7056AT Arkusz danych(HTML) 2 Page - NXP Semiconductors

  TDA7056AT Datasheet HTML 1Page - NXP Semiconductors TDA7056AT Datasheet HTML 2Page - NXP Semiconductors TDA7056AT Datasheet HTML 3Page - NXP Semiconductors TDA7056AT Datasheet HTML 4Page - NXP Semiconductors TDA7056AT Datasheet HTML 5Page - NXP Semiconductors TDA7056AT Datasheet HTML 6Page - NXP Semiconductors TDA7056AT Datasheet HTML 7Page - NXP Semiconductors TDA7056AT Datasheet HTML 8Page - NXP Semiconductors TDA7056AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1998 Feb 23
2
Philips Semiconductors
Product specification
3 W mono BTL audio amplifier with DC
volume control
TDA7056AT
FEATURES
• DC volume control
• Few external components
• Mute mode
• Thermal protection
• Short-circuit proof
• No switch-on or switch-off clicks
• Good overall stability
• Low power consumption
• Low HF radiation
• ESD protected on all pins.
GENERAL DESCRIPTION
The TDA7056AT is a mono Bridge-Tied Load (BTL) output
amplifier with DC volume control. It is designed for use in
TVs and monitors, but is also suitable for battery-fed
portable recorders and radios. The device is contained in
a 20-lead small outline package.
A Missing Current Limiter (MCL) is built in. The MCL circuit
is activated when the difference in current between the
output terminal of each amplifier exceeds 100 mA
(300 mA typ.). This level of 100 mA allows for
Single-Ended (SE) headphone applications.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
4.5
18
V
Po
output power
VP = 12 V; RL =16 Ω
3
3.5
W
Gv(max)
maximum total voltage gain
VP = 12 V; RL =16 Ω
34.5
35.5
36.5
dB
∆G
v
voltage gain control range
75
80
dB
Iq(tot)
total quiescent current
VP = 12 V; RL = ∞−
816
mA
THD
total harmonic distortion
Po = 0.5 W
0.3
1
%
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA7056AT
SO20
plastic small outline package with 20 leads; body width 7.5 mm
SOT163-1


Podobny numer części - TDA7056AT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA7056AT PHILIPS-TDA7056AT_15 Datasheet
140Kb / 18P
   3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
More results

Podobny opis - TDA7056AT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA7056AT PHILIPS-TDA7056AT_15 Datasheet
140Kb / 18P
   3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
TDA7056A PHILIPS-TDA7056A Datasheet
58Kb / 9P
   3 W BTL mono audio output amplifier with DC volume control
July 1994
logo
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7052A NXP-TDA7052A Datasheet
66Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7056B PHILIPS-TDA7056B Datasheet
101Kb / 16P
   5 W mono BTL audio amplifier with DC volume control
1997 Aug 15
TDA7052AN NXP-TDA7052AN Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
logo
KODENSHI_AUK CORP.
KKA7056B KODENSHI-KKA7056B Datasheet
238Kb / 6P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7052A_AT PHILIPS-TDA7052A_AT_15 Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052B PHILIPS-TDA7052B Datasheet
111Kb / 16P
   Mono BTL audio amplifier with DC volume control
1997 Aug 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com