Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8050T Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części TDA8050T
Szczegółowy opis  TDA8046H
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8050T Arkusz danych(HTML) 2 Page - NXP Semiconductors

  TDA8050T Datasheet HTML 1Page - NXP Semiconductors TDA8050T Datasheet HTML 2Page - NXP Semiconductors TDA8050T Datasheet HTML 3Page - NXP Semiconductors TDA8050T Datasheet HTML 4Page - NXP Semiconductors TDA8050T Datasheet HTML 5Page - NXP Semiconductors TDA8050T Datasheet HTML 6Page - NXP Semiconductors TDA8050T Datasheet HTML 7Page - NXP Semiconductors TDA8050T Datasheet HTML 8Page - NXP Semiconductors TDA8050T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
1999 Dec 14
2
Philips Semiconductors
Product specification
QPSK transmitter
TDA8050
FEATURES
• Programmable gain
• PLL controlled carrier frequency
• 3-wire transmission bus
• 5 V supply voltage.
APPLICATIONS
• QPSK modulation.
GENERAL DESCRIPTION
The Quadrature Phase Shift Keying (QPSK) transmitter is
a monolithic bipolar IC dedicated for quadrature
modulation of the I and Q signals. It includes:
• Two double-balanced mixers
• Symmetrical Voltage Controlled Oscillator (VCO) with
0 to 90 degree signal generation for modulation
• Phase-Locked Loop (PLL) for IF frequency control
• Conversion mixer
• PLL for RF frequency control
• Gain controlled output amplifier
• 3-wire bus and an output buffer.
Two PLLs are incorporated, the first PLL includes:
• Fixed main divider
• Crystal oscillator and its programmable reference
divider
• Phase/frequency detector combined with a fixed charge
pump.
The second PLL includes:
• Divide-by-four preamplifier
• 12-bit programmable divider
• Crystal oscillator and its programmable reference
divider
• Phase/frequency detector combined with a ‘clever’
charge pump which drives the tuning amplifier, including
9 V output.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
4.75
5.00
5.25
V
fc
output centre frequency
5
40
MHz
Vo(max)
maximum output level
55
dBmV
fxtal
crystal frequency
1
4
MHz
fref(MOD)
reference frequency for modulator synthesizer
250
kHz
fstep
frequency step size for convertor synthesizer
50
500
kHz
Tamb
operating ambient temperature
0
70
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8050T
SO32
plastic small outline package; 32 leads; body width 7.5 mm
SOT287-1


Podobny numer części - TDA8050T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8050A PHILIPS-TDA8050A Datasheet
125Kb / 28P
   QPSK transmitter
1999 Nov 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com