Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

93LCS56 Arkusz danych(PDF) 10 Page - Microchip Technology

Numer części 93LCS56
Szczegółowy opis  2K/4K 2.5V Microwire Serial EEPROM with Software Write Protect
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LCS56 Arkusz danych(HTML) 10 Page - Microchip Technology

Back Button 93LCS56_04 Datasheet HTML 6Page - Microchip Technology 93LCS56_04 Datasheet HTML 7Page - Microchip Technology 93LCS56_04 Datasheet HTML 8Page - Microchip Technology 93LCS56_04 Datasheet HTML 9Page - Microchip Technology 93LCS56_04 Datasheet HTML 10Page - Microchip Technology 93LCS56_04 Datasheet HTML 11Page - Microchip Technology 93LCS56_04 Datasheet HTML 12Page - Microchip Technology 93LCS56_04 Datasheet HTML 13Page - Microchip Technology 93LCS56_04 Datasheet HTML 14Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
93LCS56/66
DS11181E-page 10
 2004 Microchip Technology Inc.
FIGURE 2-13: PRDS TIMING
CLK
CS
TCSL
0
DI
BUSY
• • •
READY
TWC
DO
1
ONE TIME ONLY instruction. A PREN cycle must immediately precede a PRDS cycle.
PE
PRE
0
00
00
0
8 BITS OF "0"
3.0
PIN DESCRIPTION
3.1
Chip Select (CS)
A HIGH level selects the device. A LOW level deselects
the device and forces it into standby mode. However, a
programming cycle which is already initiated and/or in
progress will be completed, regardless of the CS input
signal. If CS is brought LOW during a program cycle,
the device will go into standby mode as soon as the
programming cycle is completed.
CS must be LOW for 250 ns minimum (TCSL) between
consecutive instructions. If CS is LOW, the internal
control logic is held in a RESET status.
3.2
Serial Clock (CLK)
The Serial Clock is used to synchronize the communi-
cation between a master device and the 93LCS56/66.
Opcode, address, and data bits are clocked in on the
positive edge of CLK. Data bits are also clocked out on
the positive edge of CLK.
CLK can be stopped anywhere in the transmission
sequence (at HIGH or LOW level) and can be contin-
ued anytime with respect to clock HIGH time (TCDD)
and clock LOW time (TCKL). This gives the controlling
master freedom in preparing opcode, address, and
data.
CLK is a “Don't Care” if CS is LOW (device deselected).
If CS is HIGH, but START condition has not been
detected, any number of clock cycles can be received
by the device without changing its status (i.e., waiting
for START condition).
CLK cycles are not required during the self-timed
WRITE (i.e., auto ERASE/WRITE) cycle.
After detection of a start condition the specified number
of clock cycles (respectively LOW to HIGH transitions
of CLK) must be provided. These clock cycles are
required to clock in all required opcode, address, and
data bits before an instruction is executed (see instruc-
tion set truth table). CLK and DI then become don't care
inputs waiting for a new start condition to be detected.
3.3
Data In (DI)
Data In is used to clock in a START bit, opcode,
address, and data synchronously with the CLK input.
3.4
Data Out (DO)
Data Out is used in the READ and PRREAD mode to
output data synchronously with the CLK input (TPD
after the positive edge of CLK).
This pin also provides READY/BUSY status informa-
tion during ERASE and WRITE cycles. READY/BUSY
status information is available on the DO pin if CS is
brought HIGH after held LOW for minimum chip select
low time (TCSL) and an ERASE or WRITE operation
has been initiated.
The status signal is not available on DO, if CS is held
LOW or HIGH during the entire WRITE or ERASE
cycle. In all other cases DO is in the HIGH-Z mode. If
status is checked after the WRITE/ERASE cycle, a
pull-up resistor on DO is required to read the READY
signal.
3.5
Program Enable (PE)
This pin should be held HIGH in the programming
mode or when executing the Protect Register program-
ming instructions.
3.6
Protect Register Enable (PRE)
This pin should be held HIGH when executing all Pro-
tect Register instructions. Otherwise, it must be held
LOW for normal operations.
Note:
CS must go LOW between consecutive
instructions.


Podobny numer części - 93LCS56_04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
93LCS56-IP MICROCHIP-93LCS56-IP Datasheet
133Kb / 12P
   2K/4K 2.5V Microwire Serial EEPROM with Software Write Protect
1996
93LCS56-ISL MICROCHIP-93LCS56-ISL Datasheet
133Kb / 12P
   2K/4K 2.5V Microwire Serial EEPROM with Software Write Protect
1996
93LCS56-ISM MICROCHIP-93LCS56-ISM Datasheet
133Kb / 12P
   2K/4K 2.5V Microwire Serial EEPROM with Software Write Protect
1996
93LCS56-ISN MICROCHIP-93LCS56-ISN Datasheet
133Kb / 12P
   2K/4K 2.5V Microwire Serial EEPROM with Software Write Protect
1996
93LCS56-P MICROCHIP-93LCS56-P Datasheet
133Kb / 12P
   2K/4K 2.5V Microwire Serial EEPROM with Software Write Protect
1996
More results

Podobny opis - 93LCS56_04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
93LCS56 MICROCHIP-93LCS56 Datasheet
133Kb / 12P
   2K/4K 2.5V Microwire Serial EEPROM with Software Write Protect
1996
logo
Samsung semiconductor
S524C20D10 SAMSUNG-S524C20D10 Datasheet
152Kb / 22P
   1K/2K/4K/8K-bit Serial EEPROM with software write protect
logo
Microchip Technology
24LCS52 MICROCHIP-24LCS52 Datasheet
81Kb / 12P
   2K 2.5V I 2 C Serial EEPROM with Software Write Protect
1996
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
   4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
34VL02 MICROCHIP-34VL02 Datasheet
813Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
2008
34LC02T-I MICROCHIP-34LC02T-I Datasheet
631Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA02 MICROCHIP-34AA02 Datasheet
399Kb / 32P
   2K I2C??Serial EEPROM Software Write-Protect
2010
34AA02-I MICROCHIP-34AA02-I Datasheet
532Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
01/02/08
93LC66 MICROCHIP-93LC66 Datasheet
246Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
34LC02T-I MICROCHIP-34LC02T-I Datasheet
532Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com