Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8303A Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części TDA8303A
Szczegółowy opis  Small signal combination IC for black/white TV
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8303A Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button TDA8303A Datasheet HTML 5Page - NXP Semiconductors TDA8303A Datasheet HTML 6Page - NXP Semiconductors TDA8303A Datasheet HTML 7Page - NXP Semiconductors TDA8303A Datasheet HTML 8Page - NXP Semiconductors TDA8303A Datasheet HTML 9Page - NXP Semiconductors TDA8303A Datasheet HTML 10Page - NXP Semiconductors TDA8303A Datasheet HTML 11Page - NXP Semiconductors TDA8303A Datasheet HTML 12Page - NXP Semiconductors TDA8303A Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
July 1992
9
Philips Semiconductors
Preliminary specification
Small signal combination IC for black/white TV
TDA8303
TDA8303A
Sound circuit (note 12)
V15
input limiting voltage
VO(max) = −3 dB
400
800
µV
R15
input resistance
2.6
k
C15
input capacitance
6
pF
AMS
AM suppression
note 13
53
58
dB
V12(RMS)
AF output signal (RMS value)
note 14
400
600
800
mV
V12(RMS)
AF output signal when pin 11 is used as a
starting pin or connected to VP
(RMS value)
∆f = 50 kHz
500
900
1500
mV
Z12
AF output impedance
25
100
THD
total harmonic distortion
note 15
0.5
2
%
RR
ripple rejection
volume control
−20 dB;
fk = 100 Hz
35
dB
V12
output voltage when muted
2.5
V
V12
output level shift due to muting
volume control
−20 dB
−−
0.5
dB
S/N
signal-to-noise ratio
note 16
47
dB
V11
voltage with pin 11 disconnected
6
V
I11
current with pin 11 short-circuited to ground
1
mA
V12
temperature dependence of the output signal
amplitude
Tamb = 20 to 65
°C;
−30 dB volume
control and
voltage of pin 11
fixed;
note 17
2.5
dB
Volume control (note 17; see Fig.8)
R11
external control resistor
note 17
4.7
k
OSS
suppression of output signal during mute
condition
60
66
dB
Horizontal synchronization circuit (see Fig.9)
SYNC SEPARATOR
V25
required sync pulse amplitude
note 20
200
750
mV
I25
input current (pin 25)
V25 > 5 V
8
−µA
V25 = 0 V
10
mA
FIRST CONTROL LOOP
±∆f
PLL holding range
1500
2000
Hz
±∆f
PLL catching range
600
1500
Hz
control sensitivity to oscillator
note 21
see Fig.10
V8-9
IF input signal at which the time constant is
switched (RMS value)
strong-to-weak
2.2
mV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Podobny numer części - TDA8303A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8302 PHILIPS-TDA8302 Datasheet
1Mb / 19P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
September 1991
TDA8302H PHILIPS-TDA8302H Datasheet
1Mb / 19P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
September 1991
TDA8304 PHILIPS-TDA8304 Datasheet
1Mb / 20P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
September 1991
logo
List of Unclassifed Man...
TDA8305 ETC-TDA8305 Datasheet
24Kb / 1P
   Vision and sound I.F. detectir, horizontal and vertical timebase
logo
NXP Semiconductors
TDA8305A PHILIPS-TDA8305A Datasheet
716Kb / 21P
   Small signal combination IC for colour TV
JUne 1990
More results

Podobny opis - TDA8303A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA4503 PHILIPS-TDA4503 Datasheet
881Kb / 14P
   SMALL-SIGINAL COMBINATION IC FOR BLACK-AND-WHITE TV
November 1984
TDA8304 PHILIPS-TDA8304 Datasheet
1Mb / 20P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
September 1991
logo
List of Unclassifed Man...
TDA4500 ETC-TDA4500 Datasheet
687Kb / 11P
   SMALL SIGNAL COMBINATION IC FOR MONOCHROME TV
logo
NXP Semiconductors
TDA4502A PHILIPS-TDA4502A Datasheet
805Kb / 18P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
October 1988
TDA4505 PHILIPS-TDA4505 Datasheet
440Kb / 15P
   Small signal combination IC for colour TV
January 1988
TDA4501 PHILIPS-TDA4501 Datasheet
540Kb / 13P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
oCTOBER 1984
TDA8302 PHILIPS-TDA8302 Datasheet
1Mb / 19P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
September 1991
TDA8305A PHILIPS-TDA8305A Datasheet
716Kb / 21P
   Small signal combination IC for colour TV
JUne 1990
TDA4504B PHILIPS-TDA4504B Datasheet
190Kb / 26P
   Small signal combination for multistandard colour TV
February 1992
logo
List of Unclassifed Man...
TBA1440G ETC1-TBA1440G Datasheet
201Kb / 6P
   VIDEO IF IC FOR BLACK / WHITE AND COLOR TV SETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com