Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8358J Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części TDA8358J
Szczegółowy opis  Full bridge vertical deflection output circuit in LVDMOS with east-west amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8358J Arkusz danych(HTML) 5 Page - NXP Semiconductors

  TDA8358J Datasheet HTML 1Page - NXP Semiconductors TDA8358J Datasheet HTML 2Page - NXP Semiconductors TDA8358J Datasheet HTML 3Page - NXP Semiconductors TDA8358J Datasheet HTML 4Page - NXP Semiconductors TDA8358J Datasheet HTML 5Page - NXP Semiconductors TDA8358J Datasheet HTML 6Page - NXP Semiconductors TDA8358J Datasheet HTML 7Page - NXP Semiconductors TDA8358J Datasheet HTML 8Page - NXP Semiconductors TDA8358J Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1999 Dec 22
5
Philips Semiconductors
Product specification
Full bridge vertical deflection output circuit
in LVDMOS with east-west amplifier
TDA8358J
Guard circuit
A guard circuit with output pin GUARD is provided.
The guard circuit generates a HIGH-level during the
flyback period. The guard circuit is also activated for one
of the following conditions:
• During thermal protection (Tj ≈ 170 °C)
• During an open-loop condition.
The guard signal can be used for blanking the picture tube
and signalling fault conditions. The vertical
synchronization pulses of the guard signal can be used by
an On Screen Display (OSD) microcontroller.
Damping resistor compensation
HF loop stability is achieved by connecting a damping
resistor RD1 (see Fig.4) across the deflection coil.
The current values in RD1 during scan and flyback are
significantly different. Both the resistor current and the
deflection coil current flow into measuring resistor RM,
resulting in a too low deflection coil current at the start of
the scan.
The difference in the damping resistor current values
during scan and flyback have to be externally
compensated in order to achieve a short settling time.
For that purpose a compensation resistor RCMP is
connected between pins OUTA and COMP. The value of
RCMP is calculated by:
where:
• Rcoil is the coil resistance
• Vloss(FB) is the voltage loss between pins VFB and OUTA
at flyback.
East-west amplifier
The east-west amplifier is a current driver sinking the
current of a diode modulator circuit. A feedback
resistor REWF (see Fig.4) has to be connected between
the input and output of the inverting east-west amplifier in
order to convert the east-west correction input current into
an output voltage. The output voltage of the east-west
circuit at pin OUTEW is given by:
Vo ≈ Ii × REWF +Vi
The maximum output voltage is Vo(max) = 68 V, while the
maximum output current of the circuit is Io(max) = 750 mA.
R
CMP
V
FB
V
loss FB
()
V
P
() R
D1
×
R
S
300
+
()
×
V
FB
V
loss FB
()
I
coil peak
()
R
coil
×
() R
M
×
-------------------------------------------------------------------------------------------------------------
=


Podobny numer części - TDA8358J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8350 PHILIPS-TDA8350 Datasheet
115Kb / 16P
   DC-coupled vertical deflection and East-West output circuit
January 1995
TDA8350Q PHILIPS-TDA8350Q Datasheet
115Kb / 16P
   DC-coupled vertical deflection and East-West output circuit
January 1995
TDA8351 PHILIPS-TDA8351 Datasheet
81Kb / 16P
   DC-coupled vertical deflection circuit
1999 Sep 27
TDA8351A PHILIPS-TDA8351A Datasheet
82Kb / 16P
   DC-coupled vertical deflection output circuit
1999 Sep 27
TDA8351AQ PHILIPS-TDA8351AQ Datasheet
82Kb / 16P
   DC-coupled vertical deflection output circuit
1999 Sep 27
More results

Podobny opis - TDA8358J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8359J PHILIPS-TDA8359J Datasheet
107Kb / 20P
   Full bridge vertical deflection output circuit in LVDMOS
2002 Jan 21
TDA8357J PHILIPS-TDA8357J Datasheet
96Kb / 16P
   Full bridge vertical deflection output circuit in LVDMOS
1999 Nov 10
TDA8354Q PHILIPS-TDA8354Q Datasheet
120Kb / 16P
   Full bridge current driven vertical deflection output circuit in LVDMOS
1998 Sep 03
TDA8350Q PHILIPS-TDA8350Q Datasheet
115Kb / 16P
   DC-coupled vertical deflection and East-West output circuit
January 1995
logo
STMicroelectronics
STV9306A STMICROELECTRONICS-STV9306A Datasheet
762Kb / 16P
   Bus-Controlled Vertical Deflection System with East/West Correction Output Circuit
STV9306 STMICROELECTRONICS-STV9306 Datasheet
89Kb / 12P
   BUS CONTROLLED VERTICAL DEFLECTION SYSTEM WITH EAST/WEST CORRECTION OUTPUT CIRCUIT
STV9306B STMICROELECTRONICS-STV9306B Datasheet
190Kb / 16P
   Bus-Controlled Vertical Deflection System with East/West Correction Output Circuit
logo
NTE Electronics
NTE7162 NTE-NTE7162 Datasheet
47Kb / 4P
   Integrated Circuit DC−Coupled Vertical Deflection and East−West Output Circuit
logo
NXP Semiconductors
TDA1082 PHILIPS-TDA1082 Datasheet
60Kb / 8P
   East-West correction driver circuit
March 1986
logo
STMicroelectronics
TDA4950 STMICROELECTRONICS-TDA4950 Datasheet
98Kb / 5P
   TV EAST/WEST CORRECTION CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com