Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8360 Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części TDA8360
Szczegółowy opis  Integrated PAL and PAL/NTSC TV processors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8360 Arkusz danych(HTML) 3 Page - NXP Semiconductors

  TDA8360 Datasheet HTML 1Page - NXP Semiconductors TDA8360 Datasheet HTML 2Page - NXP Semiconductors TDA8360 Datasheet HTML 3Page - NXP Semiconductors TDA8360 Datasheet HTML 4Page - NXP Semiconductors TDA8360 Datasheet HTML 5Page - NXP Semiconductors TDA8360 Datasheet HTML 6Page - NXP Semiconductors TDA8360 Datasheet HTML 7Page - NXP Semiconductors TDA8360 Datasheet HTML 8Page - NXP Semiconductors TDA8360 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
March 1994
3
Philips Semiconductors
Objective specification
Integrated PAL and PAL/NTSC TV
processors
TDA8360; TDA8361; TDA8362
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
7.2
8.0
8.8
V
IP
supply current
80
mA
Input voltages
V45,46(rms)
video IF amplifier sensitivity (RMS value)
70
100
µV
V5(rms)
sound IF amplifier sensitivity (RMS value)
1
mV
V6(rms)
external audio input (RMS value)
TDA8361, TDA8362
350
mV
V15(p-p)
external CVBS input (peak-to-peak value)
TDA8361, TDA8362
1
V
V22,23,24(p−p)
RGB inputs (peak-to-peak value)
0.7
V
Output signals
VO(p-p)
demodulated CVBS output
(peak-to-peak value)
2.4
V
I47
tuner AGC control current
0
5mA
V44
AFC output voltage swing
6
V
V50(rms)
audio output voltage (RMS value)
700
mV
V18,19,20(p-p)
RGB output signal amplitudes
(peak-to-peak value)
4
V
I37
horizontal output current
10
−−
mA
I43
vertical output current
1
−−
mA
Control voltages
Vcontrol
control voltages for Volume, Contrast,
Saturation, Brightness, Hue and Peaking
0
5V


Podobny numer części - TDA8360

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8366 PHILIPS-TDA8366 Datasheet
414Kb / 48P
   I2C-bus controlled PAL/NTSC TV processor
January 1995
TDA8366H PHILIPS-TDA8366H Datasheet
414Kb / 48P
   I2C-bus controlled PAL/NTSC TV processor
January 1995
More results

Podobny opis - TDA8360

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KODENSHI_AUK CORP.
KKA8362ANS KODENSHI-KKA8362ANS Datasheet
443Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
IK Semicon Co., Ltd
ILA8362ANS IKSEMICON-ILA8362ANS Datasheet
410Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
NXP Semiconductors
TDA837X PHILIPS-TDA837X Datasheet
451Kb / 72P
   I2C-bus controlled economy PAL/NTSC and NTSC TV-processors
1997 Jul 01
TDA8376 PHILIPS-TDA8376 Datasheet
249Kb / 44P
   I2C-bus controlled PAL/NTSC TV processors
1996 Jan 26
TDA884X PHILIPS-TDA884X Datasheet
419Kb / 68P
   I2C-bus controlled PAL/NTSC/SECAM TV processors
December 16, 1997
logo
Mitsubishi Electric Sem...
M52771ASP MITSUBISHI-M52771ASP Datasheet
84Kb / 4P
   NTSC / PAL TV SIGNAL PROCESSOR
M52770SP MITSUBISHI-M52770SP Datasheet
77Kb / 4P
   NTSC/PAL TV SIGNAL PROCESSOR
M52770ASP MITSUBISHI-M52770ASP Datasheet
178Kb / 4P
   NTSC/PAL TV SIGNAL PROCESSOR
logo
Renesas Technology Corp
M52770ASP RENESAS-M52770ASP Datasheet
243Kb / 8P
   NTSC/PAL TV Signal Processor
Mar 31, 2008
M52771ASP RENESAS-M52771ASP Datasheet
232Kb / 8P
   NTSC/PAL TV Signal Processor
Mar 31, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com