Zakładka z wyszukiwarką danych komponentów |
|
TC1014-3.3VCT713 Arkusz danych(PDF) 3 Page - Microchip Technology |
|
TC1014-3.3VCT713 Arkusz danych(HTML) 3 Page - Microchip Technology |
3 / 22 page © 2007 Microchip Technology Inc. DS21335E-page 3 TC1014/TC1015/TC1185 TEMPERATURE CHARACTERISTICS Output Noise eN —600 — nV/ √Hz —IL = IOUTMAX, F = 10 kHz 470 pF from Bypass to GND SHDN Input High Threshold VIH 45 — — %VIN —VIN = 2.5V to 6.5V SHDN Input Low Threshold VIL —— 15 %VIN —VIN = 2.5V to 6.5V TC1014/TC1015/TC1185 ELECTRICAL SPECIFICATIONS (CONTINUED) Electrical Specifications: VIN = VR + 1V, IL = 100 µA, CL = 1.0 µF, SHDN > VIH, TA = +25°C, unless otherwise noted. Boldface type specifications apply for junction temperatures of -40°C to +125°C. Parameter Symbol Min Typ Max Units Device Test Conditions Note 1: The minimum VIN has to meet two conditions: VIN ≥ 2.7V and VIN ≥ VR + VDROPOUT. 2: VR is the regulator output voltage setting. For example: VR = 1.8V, 2.5V, 2.6V, 2.7V, 2.8V, 2.85V, 3.0V, 3.3V, 3.6V, 4.0V, 5.0V. 3: 4: Regulation is measured at a constant junction temperature using low duty cycle pulse testing. Load regulation is tested over a load range from 1.0 mA to the maximum specified output current. Changes in output voltage due to heating effects are covered by the thermal regulation specification. 5: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value at a 1V differential. 6: Thermal Regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied, excluding load or line regulation effects. Specifications are for a current pulse equal to ILMAX at VIN = 6V for T = 10 ms. 7: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction temperature and the thermal resistance from junction-to-air (i.e., TA, TJ, θJA). Exceeding the maximum allowable power dissipation causes the device to initiate thermal shutdown. Please see Section 5.0 “Thermal Considerations” for more details. 8: Apply for Junction Temperatures of -40°C to +85°C. TC VOUT = (VOUTMAX – VOUTMIN)x 106 VOUT x ΔT Electrical Specifications: VIN = VR + 1V, IL = 100 µA, CL = 1.0 µF, SHDN > VIH, TA = +25°C, unless otherwise noted. Boldface type specifications apply for junction temperatures of -40°C to +125°C. Parameters Sym Min Typ Max Units Conditions Temperature Ranges: Extended Temperature Range TA -40 — +125 °C Operating Temperature Range TA -40 — +125 °C Storage Temperature Range TA -65 — +150 °C Thermal Package Resistances: Thermal Resistance, 5L-SOT-23 θJA — 256 — °C/W |
Podobny numer części - TC1014-3.3VCT713 |
|
Podobny opis - TC1014-3.3VCT713 |