Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD269PH Arkusz danych(PDF) 1 Page - Jianghai Europe GmbH

Numer części CD269PH
Szczegółowy opis  EC Radial 125째C 4.000h Liftetime High Reliability at High Temperature(Radial)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JIANGHAI [Jianghai Europe GmbH]
Strona internetowa  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CD269PH Arkusz danych(HTML) 1 Page - Jianghai Europe GmbH

  CD269PH Datasheet HTML 1Page - Jianghai Europe GmbH CD269PH Datasheet HTML 2Page - Jianghai Europe GmbH CD269PH Datasheet HTML 3Page - Jianghai Europe GmbH CD269PH Datasheet HTML 4Page - Jianghai Europe GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
29
CD
269 PH Series
4 000h at 125°C
· High Reliability at High Temperature
· Automotive
· Professional Long-Life Applications
Item
Characteristics
Operating Temperature Range (°C)
-40 ~ +125
Voltage Range (V)
10 ~ 63
Capacitance Range (µF)
47 ~ 3300
Capacitance Tolerance (20°C, 120Hz)
± 20%
Leakage Current (µA)
After 2 minutes at 20°C application of rated voltage, leakage current is less than 0,04CV.
C: Nominal Capacitance (µF)
V: Rated Voltage (V)
Dissipation Factor (20°C, 120Hz)
Rated Voltage (V)
10
16
2

0
6
Tan
δ(max)
0,20
0,16
0,14
0,12
0,10
0,09
For Capacitances >1.000µF add 0,02 to every 1.000µF
Useful Life
Load Life
Endurance Test
Shelf Life
Lifetime
 000h
>200 000h
2 000h
3 000h
1 000h
Leakage Current
Not more than specified value
Not more than specified
value
Not more than specified
value
Not more than specified
value
Capacity Change
Within ± 50% of initial value
Within ± 30% of initial
value
Within ± 30% of initial
value
Within ± 30% of initial
value
Dissipation Factor
Not more than 500% of specified value
Not more than 300% of
specified value
Not more than 300% of
specified value
Not more than 300% of
specified value
Condition:
Applied Voltage
Applied Current
Applied Temperature
Failure Rate Level
U
R
I
R
125°C
≤ 1% Failure Rate
U
R
1,4 x I
R
50°C
≤ 1% Failure Rate
U
R
I
R
125°C
guaranteed
U
R
I
R
= 0
125°C
U
R = 0
I
R
= 0
125°C
After test:
U
R to be applied
for 30min
>24h before
measurement
Frequency
Capacitance (µF)
120Hz
1kHz
10kHz
100kHz
47 ~ 100
0,40
0,75
0,90
1,00
220 ~ 330
0,50
0,85
0,95
1,00
470 ~ 1 000
0,60
0,88
0,96
1,00
2 200 ~ 3 300
0,75
0,90
0,98
1,00
Multiplier for Ripple Current
Frequency Coefficient
I
A = actual ripple current at 100kHz, IR = rated ripple current at 100kHz, 125°C
Multiplier of Useful Life as a function of ambient temperature and ripple current load
Lifetime Diagram
60
70
80
90
100
110
120
130
CD 269 PH Series
TA (˚C)
IA
–––
IR
2.5
2.0
1.5
1.0
0.5
0.0
X32
X16
X8
X4
X2
X1
Lifetime
Multiplier
CD
281 LL
CD
269 PH
CD
287 GC
125°C
CD
284 XY
lower ESR
longer life
125°C
CD
263 BK
CD
11G GW
lower ESR
higher voltage
Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com
v2006.2


Podobny numer części - CD269PH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jianghai Europe GmbH
CD269LHL JIANGHAI-CD269LHL Datasheet
585Kb / 7P
   4 000 - 10 000h at 125째C
More results

Podobny opis - CD269PH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jianghai Europe GmbH
CD110PT JIANGHAI-CD110PT Datasheet
926Kb / 4P
   EC Radial Standard 85째C 3.000 - 4.000h Lifetime (Radial)
CD261LK JIANGHAI-CD261LK Datasheet
942Kb / 4P
   EC 105째C Long Lifetime 10.000 - 12.000h High Reliability at High Voltage(Radial)
logo
RFE international
FHT200-16F RFE-FHT200-16F Datasheet
190Kb / 2P
   Radial Leaded PPTC FHT Series: High Temperature, 125째C
logo
Jianghai Europe GmbH
CD287GC JIANGHAI-CD287GC Datasheet
1,010Kb / 5P
   EC Radial 105째C 4.000 - 10.000h Lifetime Low ESR at High Ripple Currents(Radial)
CD284XY JIANGHAI-CD284XY Datasheet
976Kb / 5P
   EC Radial 105째C 2.000 - 10.000h Lifetime Lowest ESR at High Ripple Currents(Radial)
CD263BK JIANGHAI-CD263BK Datasheet
982Kb / 5P
   EC Radial Standard 105째C 2.000 - 3.000h Lifetime(Radial)
logo
AVX Corporation
VR15AT18A650RTR2 AVX-VR15AT18A650RTR2 Datasheet
145Kb / 2P
   Radial Leaded High Temperature Automotive
logo
HolyStone International
HXX HOLYSTONECAPS-HXX Datasheet
262Kb / 3P
   High Temperature Radial Leaded Capacitors
logo
Vishay Siliconix
TJ5-HT VISHAY-TJ5-HT_V01 Datasheet
130Kb / 5P
   Toroid, High Current, High Temperature, Radial Leaded
01-Jan-2022
TJ3-HT VISHAY-TJ3-HT_12 Datasheet
149Kb / 5P
   Toroid, High Current, High Temperature, Radial Leaded
Revision: 09-Mar-12
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com