Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8415 Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części TDA8415
Szczegółowy opis  TV and VTR stereo/dual sound processor with integrated filters and I2C-bus control
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8415 Arkusz danych(HTML) 2 Page - NXP Semiconductors

  TDA8415 Datasheet HTML 1Page - NXP Semiconductors TDA8415 Datasheet HTML 2Page - NXP Semiconductors TDA8415 Datasheet HTML 3Page - NXP Semiconductors TDA8415 Datasheet HTML 4Page - NXP Semiconductors TDA8415 Datasheet HTML 5Page - NXP Semiconductors TDA8415 Datasheet HTML 6Page - NXP Semiconductors TDA8415 Datasheet HTML 7Page - NXP Semiconductors TDA8415 Datasheet HTML 8Page - NXP Semiconductors TDA8415 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
May 1989
2
Philips Semiconductors
Preliminary specification
TV and VTR stereo/dual sound processor with
integrated filters and I2C-bus control
TDA8415
GENERAL DESCRIPTION
The TDA8415 is a processor of stereo/dual language
signals (B/G-standard) for stereo sound television
receivers and VTRs, using the switched-capacitor
technique. The AF signals at the TDA8415 inputs must be
“(L
+R)/2” or “language A” on one channel and “R” or
“language B” on the second channel (where L = left and
R = right). The carrier frequency of the second channel is
also modulated by an identification signal (stereo or dual
sound). The device is controlled by a microcomputer via
the two-line, bidirectional I2C-bus.
Features
• Use of the switched-capacitor technique for signal
processing
• Small amount of peripheral components
• Integrated anti-aliasing filters
• Low distortion AF signal handling
• Integrated de-emphasis with a time constant of 50 µs
• Function and software are compatible with the TDA8405
• Two general purpose output ports
• Full ESD protection
QUICK REFERENCE DATA
PACKAGE OUTLINE
20-lead DIL; plastic (SOT146);SOT146-1; 1996 December 18.
PARAMETER
CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage (pin 15)
VP
12
V
Supply current (pin 15)
IP
10
mA
AF output signal (RMS value)
(pins 11 to 14)
Vo
2
V
Weighted signal-to-noise
ratio of the AF output
signals (CCIR 468/3)
(S
+W)/W
70
−−
dB
Crosstalk attenuation
stereo mode at
f = 1 kHz
α
S
40
−−
dB
dual sound mode at
f = 40 Hz to 12.5 kHz
αDS
70
−−
dB
Pilot signal input sensitivity
Vi
2.5
mV
Total harmonic distortion
THD
0.1
%


Podobny numer części - TDA8415

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8416 PHILIPS-TDA8416 Datasheet
134Kb / 19P
   TV and VTR stereo/dual sound processor with integrated filters and I2C-bus control
November 1989
TDA8417 PHILIPS-TDA8417 Datasheet
130Kb / 20P
   TV and VTR stereo/dual sound processor with integrated filters and I2C-bus control
September 1989
More results

Podobny opis - TDA8415

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8416 PHILIPS-TDA8416 Datasheet
134Kb / 19P
   TV and VTR stereo/dual sound processor with integrated filters and I2C-bus control
November 1989
TDA8417 PHILIPS-TDA8417 Datasheet
130Kb / 20P
   TV and VTR stereo/dual sound processor with integrated filters and I2C-bus control
September 1989
TDA8405 PHILIPS-TDA8405 Datasheet
322Kb / 9P
   TV AND VTR STEREO/DUAL SOUND PROCESSOR WITH I2C BUS CONTROL
December 1985
TDA9840 PHILIPS-TDA9840 Datasheet
200Kb / 28P
   TV and VTR stereo/dual sound processor with digital identification and I2C-bus control
1998 Jul 03
TDA9845 PHILIPS-TDA9845 Datasheet
177Kb / 20P
   TV and VTR stereo/dual sound processor with digital identification
1995 Mar 20
TDA9847 PHILIPS-TDA9847 Datasheet
147Kb / 28P
   TV and VTR stereo/dual sound processor with digital identification
1995 May 23
logo
Sony Corporation
CXA2022S SONY-CXA2022S Datasheet
257Kb / 16P
   I2C Bus Sound Processor for TV
CXA2021S SONY-CXA2021S Datasheet
274Kb / 16P
   I2C BUS Sound Processor for TV
logo
NEC
UPC1857A NEC-UPC1857A Datasheet
343Kb / 44P
   SOUND CONTROL IC WITH SURROUND AND I2C BUS
logo
Analog Devices
ADAV4622 AD-ADAV4622 Datasheet
50Kb / 2P
   Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
Rev. Sp0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com