Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8417 Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części TDA8417
Szczegółowy opis  TV and VTR stereo/dual sound processor with integrated filters and I2C-bus control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8417 Arkusz danych(HTML) 5 Page - NXP Semiconductors

  TDA8417 Datasheet HTML 1Page - NXP Semiconductors TDA8417 Datasheet HTML 2Page - NXP Semiconductors TDA8417 Datasheet HTML 3Page - NXP Semiconductors TDA8417 Datasheet HTML 4Page - NXP Semiconductors TDA8417 Datasheet HTML 5Page - NXP Semiconductors TDA8417 Datasheet HTML 6Page - NXP Semiconductors TDA8417 Datasheet HTML 7Page - NXP Semiconductors TDA8417 Datasheet HTML 8Page - NXP Semiconductors TDA8417 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
September 1989
5
Philips Semiconductors
Preliminary specification
TV and VTR stereo/dual sound processor
with integrated filters and I2C-bus control
TDA8417
PINNING
FUNCTIONAL DESCRIPTION
Anti-aliasing filters
Frequency band limitation is performed by a second order Sallen and Key low-pass filter inserted in the AF signal path
and the identification circuit. This limitation is necessary because of the time-discrete signal processing needed to meet
the Nyquist criterium.
Identification
To enable the identification of the transmitted AF signal (mono, stereo or dual sound), the carrier frequency of the second
channel (E2) is also modulated by an identification signal. The identification signal is a 54.6875 kHz pilot carrier signal
which is 50% amplitude modulated by either a 117.4 Hz signal for stereo transmission or by a 274.1 Hz signal for dual
sound transmission.
The identification section of the circuit consists of a 54 kHz high-pass filter followed by a gain controlled amplifier with an
AM demodulator. The total gain of the high-pass filter and the amplifier is approximately 56 dB. The demodulated
identification signal is filtered by the identification band-pass filters, (117.4 Hz for stereo transmission, 274.1 Hz for dual
sound transmission). The output from either filter is converted to a DC signal by a peak detector and the necessary
hysteresis is performed by a Schmitt-trigger. The resultant DC output signals indicate the status of the transmitter (mono,
stereo or dual sound).
1
Control port C1
2
SDA, serial data line (I2C-bus)
3
SCL, serial clock line (I2C-bus)
4
Oscillator input (or quartz)
5
Digital ground (0 V)
6
Not connected, but reserved
7
Sound channel input AF2 (E2)
8
Sound channel input AF1 (E1)
9
External AF input (E4)
10
Not connected, but reserved
11
Output A4 AF 2 output
12
Output A3 AF 2 output
13
Output A2 AF 1 output
14
Output A1 AF 1 output
15
Supply voltage VP
16
Analogue ground (0 V)
17
Ripple rejection improvement
18
Mute input
19
Control port C2
20
Not connected, but reserved


Podobny numer części - TDA8417

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8415 PHILIPS-TDA8415 Datasheet
128Kb / 19P
   TV and VTR stereo/dual sound processor with integrated filters and I2C-bus control
May 1989
TDA8416 PHILIPS-TDA8416 Datasheet
134Kb / 19P
   TV and VTR stereo/dual sound processor with integrated filters and I2C-bus control
November 1989
More results

Podobny opis - TDA8417

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8416 PHILIPS-TDA8416 Datasheet
134Kb / 19P
   TV and VTR stereo/dual sound processor with integrated filters and I2C-bus control
November 1989
TDA8415 PHILIPS-TDA8415 Datasheet
128Kb / 19P
   TV and VTR stereo/dual sound processor with integrated filters and I2C-bus control
May 1989
TDA8405 PHILIPS-TDA8405 Datasheet
322Kb / 9P
   TV AND VTR STEREO/DUAL SOUND PROCESSOR WITH I2C BUS CONTROL
December 1985
TDA9840 PHILIPS-TDA9840 Datasheet
200Kb / 28P
   TV and VTR stereo/dual sound processor with digital identification and I2C-bus control
1998 Jul 03
TDA9845 PHILIPS-TDA9845 Datasheet
177Kb / 20P
   TV and VTR stereo/dual sound processor with digital identification
1995 Mar 20
TDA9847 PHILIPS-TDA9847 Datasheet
147Kb / 28P
   TV and VTR stereo/dual sound processor with digital identification
1995 May 23
logo
Sony Corporation
CXA2022S SONY-CXA2022S Datasheet
257Kb / 16P
   I2C Bus Sound Processor for TV
CXA2021S SONY-CXA2021S Datasheet
274Kb / 16P
   I2C BUS Sound Processor for TV
logo
NEC
UPC1857A NEC-UPC1857A Datasheet
343Kb / 44P
   SOUND CONTROL IC WITH SURROUND AND I2C BUS
logo
Analog Devices
ADAV4622 AD-ADAV4622 Datasheet
50Kb / 2P
   Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
Rev. Sp0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com