Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8424 Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części TDA8424
Szczegółowy opis  Hi-Fi stereo audio processor; I2C-bus
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8424 Arkusz danych(HTML) 2 Page - NXP Semiconductors

  TDA8424 Datasheet HTML 1Page - NXP Semiconductors TDA8424 Datasheet HTML 2Page - NXP Semiconductors TDA8424 Datasheet HTML 3Page - NXP Semiconductors TDA8424 Datasheet HTML 4Page - NXP Semiconductors TDA8424 Datasheet HTML 5Page - NXP Semiconductors TDA8424 Datasheet HTML 6Page - NXP Semiconductors TDA8424 Datasheet HTML 7Page - NXP Semiconductors TDA8424 Datasheet HTML 8Page - NXP Semiconductors TDA8424 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
September 1992
2
Philips Semiconductors
Product specification
Hi-Fi stereo audio processor; I2C-bus
TDA8424
FEATURES
• Mode selector
• Spatial stereo, stereo and forced mono switch
• Volume and balance control
• Bass, treble and mute control
• Power supply with power-on reset
GENERAL DESCRIPTION
The TDA8424 is monolithic bipolar integrated stereo
sound circuit with a loudspeaker channel facility, digitally
controlled via the I2C-bus for application in hi-fi audio and
television sound.
QUICK REFERENCE DATA
ORDERING INFORMATION
Note
1. SOT146-1; 1996 December 3.
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VCC
positive supply voltage (pin 4)
10.8
12.0
13.2
V
VI
input signal handling
2
−−
V
Vi
input sensitivity with full power at the output
stage
300
mV
(S
+N)/N
signal plus noise-to-noise ratio
86
dB
THD
total harmonic distortion
0.05
%
α
cs
channel separation
80
dB
Gvol
volume control range
−64
−+6dB
Gtre
treble control range
−12
−+12
dB
Gbass
bass control range
−12
−+15
dB
EXTENDED TYPE
NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TDA8424
20
DIL
plastic
SOT146(1)


Podobny numer części - TDA8424

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8421 PHILIPS-TDA8421 Datasheet
294Kb / 26P
   Hi-fi stereo audio processor; I2C bus
May 1988
TDA8425 PHILIPS-TDA8425 Datasheet
285Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
TDA8425 PHILIPS-TDA8425 Datasheet
286Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
TDA8425V7 PHILIPS-TDA8425V7 Datasheet
286Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
TDA8426 PHILIPS-TDA8426 Datasheet
269Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
March 1991
More results

Podobny opis - TDA8424

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8425 PHILIPS-TDA8425 Datasheet
285Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
TDA8421 PHILIPS-TDA8421 Datasheet
294Kb / 26P
   Hi-fi stereo audio processor; I2C bus
May 1988
TDA8425V7 PHILIPS-TDA8425V7 Datasheet
286Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
TDA8426 PHILIPS-TDA8426 Datasheet
269Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
March 1991
TDA9615H PHILIPS-TDA9615H Datasheet
263Kb / 44P
   Audio processor for VHS hi-fi
1997 Jun 16
TDA9610H PHILIPS-TDA9610H Datasheet
218Kb / 41P
   Audio FM processor for VHS hi-fi audio
1995 Mar 21
TDA9859H NXP-TDA9859H Datasheet
108Kb / 24P
   Universal hi-fi audio processor for TV
2001 Jul 11
logo
Rohm
BH7802K ROHM-BH7802K Datasheet
183Kb / 14P
   Single chip Hi-Fi audio signal processor
BH7800K ROHM-BH7800K Datasheet
174Kb / 13P
   Single chip Hi-Fi audio signal processor
BH7801BK ROHM-BH7801BK Datasheet
183Kb / 14P
   Single chip Hi-Fi audio signal processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com