Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8123ACPZ-RL Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD8123ACPZ-RL
Szczegółowy opis  Triple Differential Receiver with Adjustable Line Equalization
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8123ACPZ-RL Arkusz danych(HTML) 3 Page - Analog Devices

  AD8123ACPZ-RL Datasheet HTML 1Page - Analog Devices AD8123ACPZ-RL Datasheet HTML 2Page - Analog Devices AD8123ACPZ-RL Datasheet HTML 3Page - Analog Devices AD8123ACPZ-RL Datasheet HTML 4Page - Analog Devices AD8123ACPZ-RL Datasheet HTML 5Page - Analog Devices AD8123ACPZ-RL Datasheet HTML 6Page - Analog Devices AD8123ACPZ-RL Datasheet HTML 7Page - Analog Devices AD8123ACPZ-RL Datasheet HTML 8Page - Analog Devices AD8123ACPZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD8123
Rev. 0 | Page 3 of 16
SPECIFICATIONS
TA = 25°C, VS = ±5 V, RL = 150 Ω, Belden Cable (BL-7987R), VOFFSET = 0 V, VPEAK, VGAIN, and VPOLE are set to recommended settings shown in
Figure 17, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
PEAKING PERFORMANCE (NO CABLE)
Peak Frequency
VPEAK = 2 V, VGAIN = 0.6 V, VPOLE = 1 V
100
MHz
VPEAK = 2 V, VGAIN = 0.6 V, VPOLE = 2 V
105
MHz
Peak Gain
VPEAK = 2 V, VGAIN = 0.6 V, VPOLE = 1 V
45
dB
VPEAK = 2 V, VGAIN = 0.6 V, VPOLE = 2 V
55
dB
DYNAMIC PERFORMANCE
10% to 90% Rise/Fall Time
VOUT = 2 V step, 150 meters Cat-5
4.9
ns
VOUT = 2 V step, 300 meters Cat-5
8.0
ns
Settling Time to 2%
VOUT = 2 V step, 150 meters Cat-5
36
ns
VOUT = 2 V step, 300 meters Cat-5
106
ns
–3 dB Large Signal Bandwidth
VOUT = 1 V p-p, <10 meters Cat-5
120
MHz
VOUT = 2 V p-p, <10 meters Cat-5
110
MHz
VOUT = 2 V p-p, 150 meters Cat-5
78
MHz
VOUT = 2 V p-p, 300 meters Cat-5
43
MHz
Integrated Output Voltage Noise
150 meter setting, integrated to 160 MHz
2.5
mV rms
300 meter setting, integrated to 160 MHz
24
mV rms
INPUT DC PERFORMANCE
Input Voltage Range
−IN and +IN
±3.0
V
Maximum Differential Voltage Swing
4
V p-p
Voltage Gain
ΔVO/ΔVI, VGAIN set for 0 meters of cable
1
V/V
Common-Mode Rejection Ratio (CMRR)
At dc, VPEAK = VGAIN = VPOLE = 0 V
−86
dB
At dc, VPEAK = VGAIN = VPOLE = 2 V
−67
dB
At 1 MHz, VPEAK = VGAIN = VPOLE = 2 V
−52
dB
Input Resistance
Common mode
4.4
Differential
3.7
Input Capacitance
Common mode
1.0
pF
Differential
0.5
pF
Input Bias Current
2.4
μA
VOFFSET Pin Current
28.9
μA
VGAIN Pin Current
0.5
μA
VPEAK Pin Current
0.4
μA
VPOLE Pin Current
0.4
μA
ADJUSTMENT PINS
VPEAK Input Voltage Range
Relative to GND
0 to 2
V
VPOLE Input Voltage Range
Relative to GND
0 to 2
V
VGAIN Input Voltage Range
Relative to GND
0 to 2
V
VOFFSET to OUT Gain
OUT/VOFFSET, range limited by output swing
1
V/V
Maximum Flat Gain
VGAIN = 2 V
2
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
150 Ω load
−3.75 to +3.69
V
1 kΩ load
−3.66 to +3.69
V
Output Offset Voltage
Referred to output, VPEAK = VGAIN = VPOLE = 0 V
24
mV
Referred to output, VPEAK = VGAIN = VPOLE = 2 V
32
mV
Output Offset Voltage Drift
Referred to output
33
μV/°C


Podobny numer części - AD8123ACPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8123ACPZ-RL AD-AD8123ACPZ-RL Datasheet
748Kb / 16P
   Triple Differential Receiver with Adjustable Line Equalization
AD8123ACPZ-RL1 AD-AD8123ACPZ-RL1 Datasheet
734Kb / 16P
   Triple Differential Receiver with Adjustable Line Equalization
REV. A
More results

Podobny opis - AD8123ACPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8123 AD-AD8123_16 Datasheet
748Kb / 16P
   Triple Differential Receiver with Adjustable Line Equalization
AD8123ACPZ AD-AD8123ACPZ Datasheet
734Kb / 16P
   Triple Differential Receiver with Adjustable Line Equalization
REV. A
AD8124 AD-AD8124 Datasheet
324Kb / 16P
   Triple Differential Receiver with 200 Meter Adjustable Cable Equalization
REV. 0
AD8124 AD-AD8124_15 Datasheet
1Mb / 15P
   Triple Differential Receiver with 200 Meter Adjustable Cable Equalization
AD8128 AD-AD8128_15 Datasheet
312Kb / 12P
   CAT-5 Receiver with Adjustable Line Equalization
REV. 0
AD8128 AD-AD8128 Datasheet
311Kb / 12P
   CAT-5 Receiver with Adjustable Line Equalization
REV. 0
AD8128 AD-AD8128_16 Datasheet
383Kb / 12P
   CAT-5 Receiver with Adjustable Line Equalization
logo
NXP Semiconductors
10116 PHILIPS-10116 Datasheet
258Kb / 5P
   Triple Differential Line Receiver
June 14 1990
logo
Analog Devices
AD8122 AD-AD8122 Datasheet
402Kb / 13P
   Triple Differential Receiver
Rev. PrC
logo
Micrel Semiconductor
SY56016R MICREL-SY56016R Datasheet
755Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML Differential Line Driver/Receiver 6.4Gbps with Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com