Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AME8753AEZA2533Z Arkusz danych(PDF) 5 Page - Analog Microelectronics

Numer części AME8753AEZA2533Z
Szczegółowy opis  Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AME [Analog Microelectronics]
Strona internetowa  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8753AEZA2533Z Arkusz danych(HTML) 5 Page - Analog Microelectronics

  AME8753AEZA2533Z Datasheet HTML 1Page - Analog Microelectronics AME8753AEZA2533Z Datasheet HTML 2Page - Analog Microelectronics AME8753AEZA2533Z Datasheet HTML 3Page - Analog Microelectronics AME8753AEZA2533Z Datasheet HTML 4Page - Analog Microelectronics AME8753AEZA2533Z Datasheet HTML 5Page - Analog Microelectronics AME8753AEZA2533Z Datasheet HTML 6Page - Analog Microelectronics AME8753AEZA2533Z Datasheet HTML 7Page - Analog Microelectronics AME8753AEZA2533Z Datasheet HTML 8Page - Analog Microelectronics AME8753AEZA2533Z Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AME, Inc.
5
AME8753
Low Dropout
500mA / 500mA Dual CMOS LDO Regulator
Rev.A.02
Parameter
Symbol
Min
Typ
Max
Units
Input Supply Voltage
VIN
Note1
5.5
V
Quiescent Current
IQ
70
160
µA
-2%
2%
0mA<IOUT<=500mA,
VOUT+1V<VIN<5.5V
TJ=-40
oC to +125oC -2.5%
2.5%
TJ=25
oC
-0.2
0.2
TJ=-40
oC to +125oC -0.25
0.25
Load Regulation
REGLOAD
1mA<IOUT
TJ=-40
oC to +125oC -0.005 +0.0025 0.005 %/mA
Dropout Voltage
VDROP
IOUT1=IOUT2=500mA
(VO=VO(NOM)-2%),
VO(NOM)>=2.5V
TJ=-40
oC to +125oC
800
mV
Current Limit
ILIM
700
1400
Short Circuit Current
ISC
350
500
55
55
48
Output Voltage Noise
en
550
µVRMS
Over Temperature Shutdown
OTS
150
oC
Over Temperature Hysteresis
OTH
20
oC
Test Condition
IOUT=1mA
IN
Output Voltage
VOUT
OUT1, OUT2
f=10kHZ, IOUT=1mA
f=1kHz to 100kHz, COUT=1
µF
%/V
f=1kHZ, IOUT=1mA
Line Regulation
VOUT+1V<VIN<5.5V
IOUT=1mA
REGLINE
Over Temperature Protection
Ripple Rejection
PSRR
dB
f=100HZ, IOUT=1mA
V
mA
n Electrical Specifications
Unless specified: T
J=25
OC, V
IN=Higher VOUT+1V, IOUT1=IOUT2=1mA, CIN=COUT=1µF.
Typical values are at T
J=25
OC
Note1: V
IN(min)=HigherVOUT+ VDropout


Podobny numer części - AME8753AEZA2533Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AME8750 AKM-AME8750 Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
AME8750AEEY1828Y AKM-AME8750AEEY1828Y Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
AME8750AEEY1828Z AKM-AME8750AEEY1828Z Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
AME8750BEEY1825Y AKM-AME8750BEEY1825Y Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
AME8750BEEY1825Z AKM-AME8750BEEY1825Z Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
More results

Podobny opis - AME8753AEZA2533Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Will Semiconductor Ltd.
WL2803E WILLSEMI-WL2803E Datasheet
879Kb / 10P
   Ultra low dropout, 500mA, CMOS LDO
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
logo
ON Semiconductor
NCP605 ONSEMI-NCP605_13 Datasheet
137Kb / 13P
   500mA, Low IGND, CMOS LDO Regulator
January, 2013 ??Rev. 2
logo
Global Mixed-mode Techn...
G926 GMT-G926 Datasheet
137Kb / 1P
   Dual 500mA LDO Regulator
logo
Taiwan Semiconductor Co...
TS9013 TSC-TS9013 Datasheet
116Kb / 3P
   500mA CMOS Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS5105 ADMOS-AMS5105 Datasheet
360Kb / 8P
   500mA CMOS LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com