Zakładka z wyszukiwarką danych komponentów |
|
TL072CN Arkusz danych(PDF) 4 Page - STMicroelectronics |
|
TL072CN Arkusz danych(HTML) 4 Page - STMicroelectronics |
4 / 16 page Absolute maximum ratings and operating conditions TL072 - TL072A - TL072B 4/16 2 Absolute maximum ratings and operating conditions Table 1. Absolute maximum ratings Symbol Parameter TL072M, AM, BM TL072I, AI, BI TL072C, AC, BC Unit VCC Supply voltage (1) ±18 V Vi Input voltage (2) ±15 V Vid Differential input voltage (3) ±30 V Ptot Power dissipation 680 mW Rthja Thermal resistance junction to ambient(4) SO-8 DIP8 125 85 °C/W Rthjc Thermal resistance junction to case SO-8 DIP8 40 41 °C/W Output short-circuit duration (5) Infinite Tstg Storage temperature range -65 to +150 °C ESD HBM: human body model(6) 1kV MM: machine model(7) 200 V CDM: charged device model(8) 1500 V 1. All voltage values, except differential voltage, are with respect to the zero reference level (ground) of the supply voltages where the zero reference level is the midpoint between VCC + and V CC -. 2. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 volts, whichever is less. 3. Differential voltages are the non-inverting input terminal with respect to the inverting input terminal. 4. Short-circuits can cause excessive heating. Destructive dissipation can result from simultaneous short-circuit on all amplifiers. 5. The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be limited to ensure that the dissipation rating is not exceeded. 6. Human body model: 100pF discharged through a 1.5k Ω resistor between two pins of the device, done for all couples of pin combinations with other pins floating. 7. Machine model: a 200pF cap is charged to the specified voltage, then discharged directly between two pins of the device with no external series resistor (internal resistor < 5 Ω), done for all couples of pin combinations with other pins floating. 8. Charged device model: all pins plus package are charged together to the specified voltage and then discharged directly to the ground. Table 2. Operating conditions Symbol Parameter TL072M, AM, BM TL072I, AI, BI TL072C, AC, BC Unit VCC Supply voltage 6 to 36 V Toper Operating free-air temperature range -55 to +125 -40 to +105 0 to +70 °C |
Podobny numer części - TL072CN |
|
Podobny opis - TL072CN |