Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NTE1453 Arkusz danych(PDF) 2 Page - NTE Electronics

Numer części NTE1453
Szczegółowy opis  Integrated Circuit 2−Channel, Low Noise, Equalizier Amp
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NTE [NTE Electronics]
Strona internetowa  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1453 Arkusz danych(HTML) 2 Page - NTE Electronics

  NTE1453 Datasheet HTML 1Page - NTE Electronics NTE1453 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ Max Unit
FUNCTIONAL TEST
Power Input
Pin
POUT = 3W, VCE = 13.6V,
f 175MHz
0.35 0.45
W
Common−Emitter Amplifier Power Gain
GPE
f = 175MHz
8.2
dB
Collector Efficiency
η
50
%
1.065 (27.08) Max
.530
(13.46)
.220
(5.58)
.305
(7.75)
.030 (.762)
.090 (2.28)
.005 (0.15)
.375 (9.52) Dia
.260 (6.60)
.075
(1.94)
.325 (8.28) Dia
8−32 NC−3A
Wrench Flat
.115 (2.92)
.730
(18.54)
C
E
E
B


Podobny numer części - NTE1453

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NTE Electronics
NTE1451 NTE-NTE1451 Datasheet
79Kb / 1P
   Integrated Circuit 2−Channel, Low Noise, Equalizer Amp
NTE1457 NTE-NTE1457 Datasheet
67Kb / 1P
   Integrated Circuit Low Noise, Equailizer Amp
NTE1458 NTE-NTE1458 Datasheet
17Kb / 2P
   Integrated Circuit Dual Audio Preamp
NTE1459 NTE-NTE1459 Datasheet
70Kb / 2P
   Integrated Circuit Low Noise, Equalizier Amp
NTE145A NTE-NTE145A Datasheet
52Kb / 4P
   NTE5061A thru NTE5105A Zener Diode, 1 Watt 5% Tolerance
More results

Podobny opis - NTE1453

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NTE Electronics
NTE1459 NTE-NTE1459 Datasheet
70Kb / 2P
   Integrated Circuit Low Noise, Equalizier Amp
NTE1451 NTE-NTE1451 Datasheet
79Kb / 1P
   Integrated Circuit 2−Channel, Low Noise, Equalizer Amp
NTE1480 NTE-NTE1480 Datasheet
73Kb / 1P
   Integrated Circuit 2−Channel Audio Preamp
NTE1449 NTE-NTE1449 Datasheet
74Kb / 1P
   Integrated Circuit Low Noise Eqalizer Amp
NTE1457 NTE-NTE1457 Datasheet
67Kb / 1P
   Integrated Circuit Low Noise, Equailizer Amp
NTE867 NTE-NTE867 Datasheet
95Kb / 4P
   Integrated Circuit BiMOS Input Op−Amp
NTE1223 NTE-NTE1223 Datasheet
75Kb / 2P
   Integrated Circuit Low Noise High Gain Pre−Amplifier Circuit For General Purpose Audio Pre−Amplifiers
NTE1019 NTE-NTE1019 Datasheet
17Kb / 2P
   Integrated Circuit Module, Hybrid, Low Noise Equalizer Amp
NTE725 NTE-NTE725 Datasheet
24Kb / 3P
   Integrated Circuit Dual Low Noise Preamp/OP Amp
NTE7032 NTE-NTE7032 Datasheet
78Kb / 2P
   Integrated Circuit Module − AF Power Amp, Single Channel, 120W Min
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com