Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8501T Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części TDA8501T
Szczegółowy opis  PAL/NTSC encoder
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8501T Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button TDA8501T Datasheet HTML 6Page - NXP Semiconductors TDA8501T Datasheet HTML 7Page - NXP Semiconductors TDA8501T Datasheet HTML 8Page - NXP Semiconductors TDA8501T Datasheet HTML 9Page - NXP Semiconductors TDA8501T Datasheet HTML 10Page - NXP Semiconductors TDA8501T Datasheet HTML 11Page - NXP Semiconductors TDA8501T Datasheet HTML 12Page - NXP Semiconductors TDA8501T Datasheet HTML 13Page - NXP Semiconductors TDA8501T Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
April 1993
10
Philips Semiconductors
Preliminary specification
PAL/NTSC encoder
TDA8501
Fig.9
Nominal Y
+ SYNC signal level at pin 22
(PAL mode).
Fig.10 Nominal Y +SYNC signal level at pin 22
(NTSC mode).
NTSC option with internal set-up generation
Pin 4 connected to ground or left open-circuit. The set-up
is generated internally and the input signals have the
values already specified in section Input stage. The set-up
is not suppressed during vertical sync.
NTSC option without internal set-up generation
Pin 4 connected to VCC. This option places some
restrictions on the input signals as follows:
• if the output signal must be according to the NTSC
standard, the input signals must be generated with a
specific set-up level
• for R, G and B inputs a set-up level of 53 mV is required,
therefore the specified amplitude must be 753 mV
(peak-to-peak) instead of 700 mV (peak-to-peak)
• for U, V and Y inputs a set-up level for Y of 76 mV is
required, therefore the specified amplitude must be
1076 mV (peak-to-peak) (without sync) instead of 1 V
(peak-to-peak). This option, combined with U, V and Y
inputs, is not possible if VCC is < 4.75 V.


Podobny numer części - TDA8501T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8505 PHILIPS-TDA8505 Datasheet
466Kb / 32P
   SECAM encoder
July 1994
More results

Podobny opis - TDA8501T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
M52390FP RENESAS-M52390FP Datasheet
373Kb / 23P
   NTSC/PAL Encoder
logo
Mitsubishi Electric Sem...
M51272P MITSUBISHI-M51272P Datasheet
693Kb / 13P
   NTSC/PAL ENCODER
M52390FP MITSUBISHI-M52390FP Datasheet
235Kb / 22P
   NTSC/PAL ENCODER
logo
Intersil Corporation
HMP8156 INTERSIL-HMP8156_03 Datasheet
654Kb / 33P
   NTSC/PAL Encoder
HMP8156 INTERSIL-HMP8156 Datasheet
185Kb / 33P
   NTSC/PAL Encoder
HMP8190 INTERSIL-HMP8190 Datasheet
227Kb / 32P
   NTSC/PAL Video Encoder
logo
Motorola, Inc
MC13077 MOTOROLA-MC13077 Datasheet
159Kb / 14P
   ADVANCED PAL/NTSC ENCODER
logo
Intersil Corporation
HMP8170 INTERSIL-HMP8170_03 Datasheet
632Kb / 33P
   NTSC/PAL Video Encoder
HMP8170 INTERSIL-HMP8170 Datasheet
232Kb / 33P
   NTSC/PAL Video Encoder
logo
Mitsubishi Electric Sem...
M65677FP MITSUBISHI-M65677FP Datasheet
38Kb / 6P
   DIGITAL NTSC/PAL ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com