Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8510J Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części TDA8510J
Szczegółowy opis  26 W BTL and 2 x 13 W SE power amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8510J Arkusz danych(HTML) 5 Page - NXP Semiconductors

  TDA8510J Datasheet HTML 1Page - NXP Semiconductors TDA8510J Datasheet HTML 2Page - NXP Semiconductors TDA8510J Datasheet HTML 3Page - NXP Semiconductors TDA8510J Datasheet HTML 4Page - NXP Semiconductors TDA8510J Datasheet HTML 5Page - NXP Semiconductors TDA8510J Datasheet HTML 6Page - NXP Semiconductors TDA8510J Datasheet HTML 7Page - NXP Semiconductors TDA8510J Datasheet HTML 8Page - NXP Semiconductors TDA8510J Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1999 Dec 14
5
Philips Semiconductors
Preliminary specification
26 W BTL and 2
× 13 W SE power
amplifiers
TDA8510J
FUNCTIONAL DESCRIPTION
The TDA8510J contains four identical amplifiers and can
be used for two Single-Ended (SE) channels (fixed gain
20 dB) and one Bridge-Tied Load (BTL) channel (fixed
gain 26 dB). Special features of the device are:
Mode select switch (pin 14)
• Low standby current (<100 µA)
• Low switching current (low cost supply switch)
• Mute facility.
To avoid switch-on plops, it is advised to keep the amplifier
in the mute mode during
≥100 ms (charging of the input
capacitors at pins 1, 3, 15 and 17). This can be achieved
by:
• Microcontroller control
• External timing circuit (see Fig.8).
Diagnostic output (pin 16)
DYNAMIC DISTORTION DETECTOR (DDD)
At the onset of clipping of one or more output stages, the
dynamic distortion detector becomes active and pin 16
goes LOW. This information can be used to drive a sound
processor or DC volume control to attenuate the input
signal and thus limit the distortion. The output level of
pin 16 is independent of the number of channels that are
clipping (see Figs 3 and 4).
SHORT-CIRCUIT PROTECTION
When a short-circuit occurs at one or more outputs to
ground or to the supply voltage, the output stages are
switched off until the short-circuit is removed and the
device is switched on again, with a delay of approximately
20 ms, after removal of the short-circuit. During this
short-circuit condition, pin 16 is continuously LOW.
When a short-circuit across the load of one or more
channels occurs the output stages are switched off for
approximately 20 ms. After that time it is checked during
approximately 50
µs to see whether the short-circuit is still
present. Due to this duty cycle of 50
µs/20 ms the average
current consumption during this short-circuit condition is
very low (approximately 40 mA).
During this short-circuit condition, pin 16 is LOW for 20 ms
and HIGH for 50
µs (see Fig.5).
The power dissipation in any short-circuit condition is very
low.
Fig.3 Distortion detector waveform; BTL channel.
handbook, halfpage
V
0
VP
VO
0
t
MGA705
16
Fig.4 Distortion detector waveform; SE channels.
handbook, halfpage
0
VP
VO
t
0
MGA706
V16


Podobny numer części - TDA8510J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8511 PHILIPS-TDA8511 Datasheet
80Kb / 16P
   4 x 13 W single-ended power amplifiers
2000 Mar 10
TDA8511J PHILIPS-TDA8511J Datasheet
80Kb / 16P
   4 x 13 W single-ended power amplifiers
2000 Mar 10
TDA8512 PHILIPS-TDA8512 Datasheet
165Kb / 24P
   26 W BTL and 2 x 13 W SE or 4 x 13 W SE power amplifier
2001 Nov 16
TDA8512J PHILIPS-TDA8512J Datasheet
165Kb / 24P
   26 W BTL and 2 x 13 W SE or 4 x 13 W SE power amplifier
2001 Nov 16
More results

Podobny opis - TDA8510J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8512J PHILIPS-TDA8512J Datasheet
165Kb / 24P
   26 W BTL and 2 x 13 W SE or 4 x 13 W SE power amplifier
2001 Nov 16
TDA1517ATW PHILIPS-TDA1517ATW Datasheet
132Kb / 20P
   8 W BTL or 2 x 4 W SE power amplifier
2001 Apr 17
TDA1517ATW NXP-TDA1517ATW Datasheet
542Kb / 19P
   8 W BTL or 2 횞 4 W SE power amplifier
2001 Apr 17
TFA9842J PHILIPS-TFA9842J Datasheet
143Kb / 21P
   2-channel audio amplifier; SE: 1 W to 7.5 W; BTL: 2 W to 15 W
Rev. 01-26 April 2004
TDA8511J PHILIPS-TDA8511J Datasheet
80Kb / 16P
   4 x 13 W single-ended power amplifiers
2000 Mar 10
TDA1519CJ NXP-TDA1519CJ Datasheet
1Mb / 22P
   22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
TFA9843J PHILIPS-TFA9843J Datasheet
142Kb / 21P
   2-channel audio amplifier (SE: 1 W to 20 W or BTL: 4 W to 40 W)
Rev. 02-19 January 2004
TDF8590TH NXP-TDF8590TH Datasheet
215Kb / 30P
   2 X 80 W SE (4 OHM) or 1 X 160 W BTL (8 OHM) class-D amplifier
Rev. 02-23 April 2007
TDF8591TH NXP-TDF8591TH Datasheet
234Kb / 34P
   2 X 100 W SE (4 OHM) or 1 X 310 W BTL (4 OHM) class-D amplifier
Rev. 01-5 March 2008
SA58637 PHILIPS-SA58637_15 Datasheet
164Kb / 22P
   2 x 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com