Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8541T Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części TDA8541T
Szczegółowy opis  1 W BTL audio amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8541T Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button TDA8541T Datasheet HTML 2Page - NXP Semiconductors TDA8541T Datasheet HTML 3Page - NXP Semiconductors TDA8541T Datasheet HTML 4Page - NXP Semiconductors TDA8541T Datasheet HTML 5Page - NXP Semiconductors TDA8541T Datasheet HTML 6Page - NXP Semiconductors TDA8541T Datasheet HTML 7Page - NXP Semiconductors TDA8541T Datasheet HTML 8Page - NXP Semiconductors TDA8541T Datasheet HTML 9Page - NXP Semiconductors TDA8541T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1998 Apr 01
6
Philips Semiconductors
Product specification
1 W BTL audio amplifier
TDA8541
TEST AND APPLICATION INFORMATION
Test conditions
Because the application can be either Bridge-Tied Load
(BTL) or Single-Ended (SE), the curves of each application
are shown separately.
The thermal resistance = 100 K/W for the DIP8 envelope;
the maximum sine wave power dissipation for
Tamb =25 °C is:
.
For Tamb =60 °C the maximum total power dissipation is:
.
BTL application
Tamb =25 °C if not specially mentioned, VCC =5V,
f = 1 kHz, RL =8 Ω, Gv = 20 dB, audio band-pass
22 Hz to 22 kHz.
The BTL application diagram is shown in Fig.3.
The quiescent current has been measured without any
load impedance. The total harmonic distortion as a
function of frequency was measured with a low-pass filter
of 80 kHz. The value of capacitor C2 influences the
behaviour of the SVRR at low frequencies, increasing the
value of C2 increases the performance of the SVRR.
The figure of the mode select voltage (Vms) as a function
of the supply voltage shows three areas; operating, mute
and standby. It shows, that the DC-switching levels of the
mute and standby respectively depends on the supply
voltage level.
150
25
100
----------------------
1.25 W
=
150
60
100
----------------------
0.9 W
=
SE application
Tamb =25 °C if not specially mentioned, VCC = 7.5 V,
f = 1 kHz, RL =4 Ω, Gv = 20 dB, audio band-pass
22 Hz to 22 kHz.
The SE application diagram is shown in Fig.13.
The capacitor value of C3 in combination with the load
impedance determines the low frequency behaviour.
The total harmonic distortion as a function of frequency
was measured with low-pass filter of 80 kHz. The value of
capacitor C2 influences the behaviour of the SVRR at low
frequencies, increasing the value of C2 increases the
performance of the SVRR.
General remark
The frequency characteristic can be adapted by
connecting a small capacitor across the feedback resistor.
To improve the immunity of HF radiation in radio circuit
applications, a small capacitor can be connected in
parallel with the feedback resistor (56 k
Ω); this creates a
low-pass filter.


Podobny numer części - TDA8541T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8541 PHILIPS-TDA8541_15 Datasheet
194Kb / 18P
   1 W BTL audio amplifier
1998 Apr 01
More results

Podobny opis - TDA8541T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8541 PHILIPS-TDA8541_15 Datasheet
194Kb / 18P
   1 W BTL audio amplifier
1998 Apr 01
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
   1 W BTL mono audio amplifier
July 1994
logo
Panasonic Semiconductor
AN7511 PANASONIC-AN7511 Datasheet
160Kb / 9P
   1-W BTL audio power amplifier
logo
NXP Semiconductors
TDA8542 PHILIPS-TDA8542 Datasheet
162Kb / 20P
   2 x 1 W BTL audio amplifier
1998 Apr 01
SA58631 NXP-SA58631 Datasheet
130Kb / 21P
   3 W BTL audio amplifier
Rev. 02-12 October 2007
SA58631 PHILIPS-SA58631 Datasheet
373Kb / 19P
   3 W BTL audio amplifier
Rev. 01-1 December 2005
TDA8543 PHILIPS-TDA8543 Datasheet
201Kb / 20P
   2 W BTL audio amplifier
1997 Jun 12
SA58631 PHILIPS-SA58631_15 Datasheet
138Kb / 21P
   3 W BTL audio amplifier
Rev. 02-12 October 2007
TDA8551 PHILIPS-TDA8551 Datasheet
163Kb / 20P
   1 W BTL audio amplifier with digital volume control
1998 Feb 23
TDA8551_T PHILIPS-TDA8551_T_15 Datasheet
166Kb / 18P
   1 W BTL audio amplifier with digital volume control
1998 Feb 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com