Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8547 Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części TDA8547
Szczegółowy opis  2 x 1 W BTL audio amplifier with output channel switching
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8547 Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button TDA8547 Datasheet HTML 4Page - NXP Semiconductors TDA8547 Datasheet HTML 5Page - NXP Semiconductors TDA8547 Datasheet HTML 6Page - NXP Semiconductors TDA8547 Datasheet HTML 7Page - NXP Semiconductors TDA8547 Datasheet HTML 8Page - NXP Semiconductors TDA8547 Datasheet HTML 9Page - NXP Semiconductors TDA8547 Datasheet HTML 10Page - NXP Semiconductors TDA8547 Datasheet HTML 11Page - NXP Semiconductors TDA8547 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
1997 Oct 07
8
Philips Semiconductors
Preliminary specification
2
× 1 W BTL audio amplifier with output
channel switching
TDA8547
AC CHARACTERISTICS
VCC =5V; Tamb =25 °C; RL =8 Ω; f = 1 kHz; VMODE = 0 V; gain = 20 dB; measured in BTL application circuit Fig.4;
unless otherwise specified.
Notes
1. Gain of the amplifier is
in BTL application circuit Fig.4.
2. The noise output voltage is measured at the output in a frequency range from 20 Hz to 20 kHz (unweighted), with a
source impedance of RS =0 Ω at the input.
3. Supply voltage ripple rejection is measured at the output, with a source impedance of RS =0 Ω at the input.
The ripple voltage is a sine wave with a frequency of 1 kHz and an amplitude of 100 mV (RMS), which is applied to
the positive supply rail.
4. Supply voltage ripple rejection is measured at the output, with a source impedance of RS =0 Ω at the input.
The ripple voltage is a sine wave with a frequency between 100 Hz and 20 kHz and an amplitude of 100 mV (RMS),
which is applied to the positive supply rail.
5. Output voltage in mute position is measured with a 1 V (RMS) input voltage in a bandwidth of 20 Hz to 20 kHz,
so including noise.
6. Channel separation is measured at the output with a source impedance of RS =0 Ω at the input and a frequency of
1 kHz. The output power in the operating channel is set to 0.5 W.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Po
output power
THD = 10%
1
1.2
W
THD = 0.5%
0.6
0.9
W
THD
total harmonic distortion
Po = 0.5 W
0.15
0.3
%
Gv
closed loop voltage gain
note 1
6
30
dB
Zi
differential input impedance
100
k
Vno
noise output voltage
note 2
−−
100
µV
SVRR
supply voltage ripple rejection
note 3
50
−−
dB
note 4
40
−−
dB
Vo
output voltage
note 5
−−
200
µV
αcs
channel separation
VSELECT = 0.5VCC; note 6 40
−−
dB
2
R2
R1
--------
×


Podobny numer części - TDA8547

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8547TS PHILIPS-TDA8547TS Datasheet
162Kb / 20P
   2 x 0.7 W BTL audio amplifier with output channel switching
1998 Apr 01
TDA8547TS PHILIPS-TDA8547TS_15 Datasheet
524Kb / 21P
   2 횞 0.7 W BTL audio amplifier with output channel switching
1998 Apr 01
More results

Podobny opis - TDA8547

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8547TS PHILIPS-TDA8547TS Datasheet
162Kb / 20P
   2 x 0.7 W BTL audio amplifier with output channel switching
1998 Apr 01
TDA8542 PHILIPS-TDA8542 Datasheet
162Kb / 20P
   2 x 1 W BTL audio amplifier
1998 Apr 01
TDA8547TS PHILIPS-TDA8547TS_15 Datasheet
524Kb / 21P
   2 횞 0.7 W BTL audio amplifier with output channel switching
1998 Apr 01
TDA7057Q PHILIPS-TDA7057Q Datasheet
56Kb / 9P
   2 x 3 W stereo BTL audio output amplifier
May 1992
SA58637 PHILIPS-SA58637_15 Datasheet
164Kb / 22P
   2 x 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
TDA8542TS PHILIPS-TDA8542TS Datasheet
205Kb / 20P
   2 x 0.7 W BTL audio amplifier
1998 Mar 25
SA58632 PHILIPS-SA58632 Datasheet
185Kb / 26P
   2 x 2.2 W BTL audio amplifier
Rev. 01-27 June 2006
SA58637 NXP-SA58637 Datasheet
155Kb / 22P
   2 X 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
TDA8542AT PHILIPS-TDA8542AT Datasheet
207Kb / 20P
   2 x 1.5 W BTL audio amplifier
1998 Mar 25
TDA8541 PHILIPS-TDA8541 Datasheet
190Kb / 20P
   1 W BTL audio amplifier
1998 Apr 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com