Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8547T Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części TDA8547T
Szczegółowy opis  2 x 1 W BTL audio amplifier with output channel switching
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8547T Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button TDA8547T Datasheet HTML 3Page - NXP Semiconductors TDA8547T Datasheet HTML 4Page - NXP Semiconductors TDA8547T Datasheet HTML 5Page - NXP Semiconductors TDA8547T Datasheet HTML 6Page - NXP Semiconductors TDA8547T Datasheet HTML 7Page - NXP Semiconductors TDA8547T Datasheet HTML 8Page - NXP Semiconductors TDA8547T Datasheet HTML 9Page - NXP Semiconductors TDA8547T Datasheet HTML 10Page - NXP Semiconductors TDA8547T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
1997 Oct 07
7
Philips Semiconductors
Preliminary specification
2
× 1 W BTL audio amplifier with output
channel switching
TDA8547
DC CHARACTERISTICS
VCC =5V; Tamb =25 °C; RL =8 Ω; VMODE = 0 V; gain = 20 dB; measured in BTL application circuit Fig.4; unless
otherwise specified.
Notes
1. Measured with RL = ∞. With a load connected at the outputs the quiescent current will increase, the maximum of this
increase being equal to the DC output offset voltage divided by RL.
2. The DC output voltage with respect to ground is approximately 0.5VCC.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
operating
2.2
5
18
V
Iq
quiescent current
BTL 2 channels;
note 1
15
22
mA
BTL 1 channel;
note 1
812
mA
Istb
standby current
VMODE =VCC
−−
10
µA
VO
DC output voltage
note 2
2.2
V
VOUT+ − VOUT− differential output voltage
offset
−−
50
mV
IIN+, IIN−
input bias current
−−
500
nA
VMODE
input voltage MODE pin
operating
0
0.5
V
mute
1.5
VCC − 1.5 V
standby
VCC − 0.5 −
VCC
V
IMODE
input current MODE pin
0 V < VMODE <VCC
−−
20
µA
VSELECT
input voltage SELECT pin
channel 1 = standby;
channel 2 = on
0
1V
channel 1 = on;
channel 2 = standby
VCC − 1
VCC
V
ISELECT
input current SELECT pin
VSELECT =0V
−−
100
µA


Podobny numer części - TDA8547T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8547TS PHILIPS-TDA8547TS Datasheet
162Kb / 20P
   2 x 0.7 W BTL audio amplifier with output channel switching
1998 Apr 01
TDA8547TS PHILIPS-TDA8547TS_15 Datasheet
524Kb / 21P
   2 횞 0.7 W BTL audio amplifier with output channel switching
1998 Apr 01
More results

Podobny opis - TDA8547T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8547TS PHILIPS-TDA8547TS Datasheet
162Kb / 20P
   2 x 0.7 W BTL audio amplifier with output channel switching
1998 Apr 01
TDA8542 PHILIPS-TDA8542 Datasheet
162Kb / 20P
   2 x 1 W BTL audio amplifier
1998 Apr 01
TDA8547TS PHILIPS-TDA8547TS_15 Datasheet
524Kb / 21P
   2 횞 0.7 W BTL audio amplifier with output channel switching
1998 Apr 01
TDA7057Q PHILIPS-TDA7057Q Datasheet
56Kb / 9P
   2 x 3 W stereo BTL audio output amplifier
May 1992
SA58637 PHILIPS-SA58637_15 Datasheet
164Kb / 22P
   2 x 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
TDA8542TS PHILIPS-TDA8542TS Datasheet
205Kb / 20P
   2 x 0.7 W BTL audio amplifier
1998 Mar 25
SA58632 PHILIPS-SA58632 Datasheet
185Kb / 26P
   2 x 2.2 W BTL audio amplifier
Rev. 01-27 June 2006
SA58637 NXP-SA58637 Datasheet
155Kb / 22P
   2 X 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
TDA8542AT PHILIPS-TDA8542AT Datasheet
207Kb / 20P
   2 x 1.5 W BTL audio amplifier
1998 Mar 25
TDA8541 PHILIPS-TDA8541 Datasheet
190Kb / 20P
   1 W BTL audio amplifier
1998 Apr 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com