Zakładka z wyszukiwarką danych komponentów |
|
TC4428VPA Arkusz danych(PDF) 4 Page - Microchip Technology |
|
TC4428VPA Arkusz danych(HTML) 4 Page - Microchip Technology |
4 / 20 page TC4426/TC4427/TC4428 DS21422D-page 4 © 2006 Microchip Technology Inc. DC CHARACTERISTICS (OVER OPERATING TEMPERATURE RANGE) TEMPERATURE CHARACTERISTICS Electrical Specifications: Unless otherwise noted, over operating temperature range with 4.5V ≤ VDD ≤ 18V. Parameters Sym Min Typ Max Units Conditions Input Logic ‘1’, High Input Voltage VIH 2.4 — — V Note 2 Logic ‘0’, Low Input Voltage VIL —— 0.8 V Input Current IIN -10 — +10 μA0V ≤ VIN ≤ VDD Output High Output Voltage VOH VDD – 0.025 — — V DC Test Low Output Voltage VOL —— 0.025 V DC Test Output Resistance RO —9 12 Ω IOUT = 10 mA, VDD = 18V Peak Output Current IPK —1.5 — A VDD = 18V Latch-Up Protection Withstand Reverse Current IREV — >0.5 — A Duty cycle ≤ 2%, t ≤ 300 μs VDD = 18V Switching Time (Note 1) Rise Time tR —— 40 ns Figure 4-1 Fall Time tF —— 40 ns Figure 4-1 Delay Time tD1 —— 40 ns Figure 4-1 Delay Time tD2 —— 60 ns Figure 4-1 Power Supply Power Supply Current IS — — — — 8.0 0.6 mA VIN = 3V (Both inputs) VIN = 0V (Both inputs) Note 1: Switching times ensured by design. 2: For V temperature range devices, the VIH (Min) limit is 2.0V. Electrical Specifications: Unless otherwise noted, all parameters apply with 4.5V ≤ VDD ≤ 18V. Parameters Sym Min Typ Max Units Conditions Temperature Ranges Specified Temperature Range (C) TA 0— +70 °C Specified Temperature Range (E) TA -40 — +85 °C Specified Temperature Range (V) TA -40 — +125 °C Maximum Junction Temperature TJ — — +150 °C Storage Temperature Range TA -65 — +150 °C Package Thermal Resistances Thermal Resistance, 8L-6x5 DFN θJA —33.2— °C/W Thermal Resistance, 8L-MSOP θJA —206 — °C/W Thermal Resistance, 8L-PDIP θJA —125 — °C/W Thermal Resistance, 8L-SOIC θJA —155 — °C/W |
Podobny numer części - TC4428VPA |
|
Podobny opis - TC4428VPA |