Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8560 Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części TDA8560
Szczegółowy opis  2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8560 Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button TDA8560 Datasheet HTML 4Page - NXP Semiconductors TDA8560 Datasheet HTML 5Page - NXP Semiconductors TDA8560 Datasheet HTML 6Page - NXP Semiconductors TDA8560 Datasheet HTML 7Page - NXP Semiconductors TDA8560 Datasheet HTML 8Page - NXP Semiconductors TDA8560 Datasheet HTML 9Page - NXP Semiconductors TDA8560 Datasheet HTML 10Page - NXP Semiconductors TDA8560 Datasheet HTML 11Page - NXP Semiconductors TDA8560 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1996 Jan 08
8
Philips Semiconductors
Product specification
2
× 40 W/2 Ω stereo BTL car radio
power amplifier with diagnostic facility
TDA8560Q
AC CHARACTERISTICS
VP = 14.4 V; RL =2 Ω; f = 1 kHz; Tamb =25 °C; measured in Fig.6; unless otherwise specified.
Notes
1. Dynamic distortion detector active.
2. Frequency response externally fixed.
3. Vripple =Vripple(max) = 2 V (p-p); Rs =0 Ω.
4. B = 20 Hz to 20 kHz; Rs =0 Ω.
5. B = 20 Hz to 20 kHz; Rs =10kΩ.
6. B = 20 Hz to 20 kHz; independent of Rs.
7. Po = 25 W; Rs =10kΩ.
8. Vi =Vi(max) = 1 V (RMS).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Po
output power
THD = 0.5%
25
30
W
THD = 10%
33
40
W
THD = 30%
45
55
W
Po
output power
VP = 13.2 V
THD = 0.5%
25
W
THD = 10%
35
W
THD
total harmonic distortion
Po =1W
0.1
%
V12 ≤ 0.6 V; note 1
10
%
B
power bandwidth
THD = 0.5%;
Po = −1dB
with respect to 25 W
20 to 20000
Hz
flr
low frequency roll-off
at
−1 dB; note 2
25
Hz
fhr
high frequency roll-off
at
−1dB
20
−−
kHz
Gv
closed loop voltage gain
39
40
41
dB
SVRR
supply voltage ripple rejection
on
note 3
40
−−
dB
mute
note 3
50
−−
dB
standby
note 3
80
−−
dB
Zi
input impedance
25
30
38
k
Vno
noise output voltage
on
note 4
200
250
µV
on
note 5
250
−µV
mute
note 6
135
−µV
αcs
channel separation
note 7
45
−−
dB
∆Gv
channel unbalance
−−
1dB
Vo
output voltage in mute
note 8
−−
5mV


Podobny numer części - TDA8560

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8561 PHILIPS-TDA8561 Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8561Q PHILIPS-TDA8561Q_15 Datasheet
133Kb / 24P
   2 X24 W BTL or 4 X12 W single-ended car radio power amplifier
1999 Jun 30
TDA8562 PHILIPS-TDA8562 Datasheet
123Kb / 16P
   4 x 12 W single-ended car radio power amplifier with dynamic distortion detector and diagnostic interface
July 1994
TDA8562Q PHILIPS-TDA8562Q Datasheet
123Kb / 16P
   4 x 12 W single-ended car radio power amplifier with dynamic distortion detector and diagnostic interface
July 1994
More results

Podobny opis - TDA8560

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8563AQ PHILIPS-TDA8563AQ Datasheet
152Kb / 20P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1997 Feb 20
TDA8563Q PHILIPS-TDA8563Q Datasheet
107Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA8566TH PHILIPS-TDA8566TH Datasheet
94Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
2001 Apr 24
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1565TH PHILIPS-TDA1565TH Datasheet
236Kb / 27P
   High efficiency 2 x 40 W / 2 ohm stereo car radio power amplifier
2004 Jan 27
TDA8566 NXP-TDA8566 Datasheet
136Kb / 21P
   2 쨈 40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Rev. 06-15 October 2007
TDA8566Q PHILIPS-TDA8566Q Datasheet
110Kb / 12P
   2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs
1998 Sep 23
TDA1557Q NXP-TDA1557Q Datasheet
67Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with speaker protection
May 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com