Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8560 Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części TDA8560
Szczegółowy opis  2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8560 Arkusz danych(HTML) 2 Page - NXP Semiconductors

  TDA8560 Datasheet HTML 1Page - NXP Semiconductors TDA8560 Datasheet HTML 2Page - NXP Semiconductors TDA8560 Datasheet HTML 3Page - NXP Semiconductors TDA8560 Datasheet HTML 4Page - NXP Semiconductors TDA8560 Datasheet HTML 5Page - NXP Semiconductors TDA8560 Datasheet HTML 6Page - NXP Semiconductors TDA8560 Datasheet HTML 7Page - NXP Semiconductors TDA8560 Datasheet HTML 8Page - NXP Semiconductors TDA8560 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1996 Jan 08
2
Philips Semiconductors
Product specification
2
× 40 W/2 Ω stereo BTL car radio
power amplifier with diagnostic facility
TDA8560Q
FEATURES
• Requires very few external components
• High output power
• 4 Ω and 2 Ω load impedance
• Low output offset voltage
• Fixed gain
• Diagnostic facility (distortion, short-circuit and
temperature detection)
• Good ripple rejection
• Mode select switch (operating, mute and standby)
• Load dump protection
• Short-circuit safe to ground, to VP and across the load
• Low power dissipation in any short-circuit condition
• Thermally protected
• Reverse polarity safe
• Electrostatic discharge protection
• No switch-on/switch-off plop
• Flexible leads
• Low thermal resistance.
GENERAL DESCRIPTION
The TDA8560Q is an integrated class-B output amplifier in
a 13-lead single-in-line (SIL) power package.
It contains 2
× 40 W/2 Ω amplifiers in BTL configuration.
The device is primarily developed for car radio
applications.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
operating supply voltage
6.0
14.4
18
V
IORM
repetitive peak output current
−−
7.5
A
Iq(tot)
total quiescent current
115
mA
Isb
standby current
0.1
100
µA
Isw
switch-on current
−−
40
µA
ZI
input impedance
25
30
k
Po
output power
RL =4 Ω; THD = 10%
25
W
RL =2 Ω; THD = 10%
40
W
SVRR
supply voltage ripple rejection
Rs =0 Ω−
45
dB
αcs
channel separation
Rs =10kΩ−
50
dB
Gv
closed loop voltage gain
39
40
41
dB
Vno
noise output voltage
Rs =0 Ω−
250
µV
∆VO
DC output offset voltage
−−
200
mV
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8560Q
DBS13P
plastic DIL-bent-SIL power package; 13 leads (lead length 12 mm)
SOT141-6


Podobny numer części - TDA8560

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8561 PHILIPS-TDA8561 Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8561Q PHILIPS-TDA8561Q_15 Datasheet
133Kb / 24P
   2 X24 W BTL or 4 X12 W single-ended car radio power amplifier
1999 Jun 30
TDA8562 PHILIPS-TDA8562 Datasheet
123Kb / 16P
   4 x 12 W single-ended car radio power amplifier with dynamic distortion detector and diagnostic interface
July 1994
TDA8562Q PHILIPS-TDA8562Q Datasheet
123Kb / 16P
   4 x 12 W single-ended car radio power amplifier with dynamic distortion detector and diagnostic interface
July 1994
More results

Podobny opis - TDA8560

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8563AQ PHILIPS-TDA8563AQ Datasheet
152Kb / 20P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1997 Feb 20
TDA8563Q PHILIPS-TDA8563Q Datasheet
107Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA8566TH PHILIPS-TDA8566TH Datasheet
94Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
2001 Apr 24
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1565TH PHILIPS-TDA1565TH Datasheet
236Kb / 27P
   High efficiency 2 x 40 W / 2 ohm stereo car radio power amplifier
2004 Jan 27
TDA8566 NXP-TDA8566 Datasheet
136Kb / 21P
   2 쨈 40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Rev. 06-15 October 2007
TDA8566Q PHILIPS-TDA8566Q Datasheet
110Kb / 12P
   2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs
1998 Sep 23
TDA1557Q NXP-TDA1557Q Datasheet
67Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with speaker protection
May 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com