Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8561 Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części TDA8561
Szczegółowy opis  2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8561 Arkusz danych(HTML) 4 Page - NXP Semiconductors

  TDA8561 Datasheet HTML 1Page - NXP Semiconductors TDA8561 Datasheet HTML 2Page - NXP Semiconductors TDA8561 Datasheet HTML 3Page - NXP Semiconductors TDA8561 Datasheet HTML 4Page - NXP Semiconductors TDA8561 Datasheet HTML 5Page - NXP Semiconductors TDA8561 Datasheet HTML 6Page - NXP Semiconductors TDA8561 Datasheet HTML 7Page - NXP Semiconductors TDA8561 Datasheet HTML 8Page - NXP Semiconductors TDA8561 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
1999 Jun 30
4
Philips Semiconductors
Product specification
2
× 24 W BTL or 4 × 12 W single-ended
car radio power amplifier
TDA8561Q
PINNING
SYMBOL
PIN
DESCRIPTION
−INV 1
1
non-inverting input 1
GND(S)
2
signal ground
INV 2
3
inverting input 2
RR
4
supply voltage ripple rejection
VP1
5
supply voltage
OUT 1
6
output 1
GND1
7
power ground 1
OUT 2
8
output 2
n.c.
9
not connected
OUT 3
10
output 3
GND2
11
power ground 2
OUT 4
12
output 4
VP2
13
supply voltage
MODE
14
mode select switch input
INV 3
15
inverting input 3
VDIAG
16
diagnostic output
−INV 4
17
non-inverting input 4
Fig.2 Pin configuration.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
TDA8561Q
INV 1
GND(S)
INV 2
RR
OUT 1
GND1
OUT 2
n.c.
OUT 3
GND2
OUT 4
V
MODE
INV 3
DIAG
INV 4
P2
V P1
MEA859 - 1
V


Podobny numer części - TDA8561

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8561Q PHILIPS-TDA8561Q_15 Datasheet
133Kb / 24P
   2 X24 W BTL or 4 X12 W single-ended car radio power amplifier
1999 Jun 30
More results

Podobny opis - TDA8561

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
TDA1515BQ PHILIPS-TDA1515BQ Datasheet
80Kb / 10P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
July 1994
TDA1510AQ PHILIPS-TDA1510AQ Datasheet
96Kb / 11P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
TDA1516BQ PHILIPS-TDA1516BQ Datasheet
95Kb / 11P
   24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
TDA1518BQ PHILIPS-TDA1518BQ Datasheet
80Kb / 11P
   24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1558Q PHILIPS-TDA1558Q Datasheet
100Kb / 11P
   2 x 22 W or 4 x 11 W single-ended car radio power amplifier
May 1992
TDA8561Q PHILIPS-TDA8561Q_15 Datasheet
133Kb / 24P
   2 X24 W BTL or 4 X12 W single-ended car radio power amplifier
1999 Jun 30
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA8591J PHILIPS-TDA8591J Datasheet
295Kb / 36P
   4 X 44 W into 4 or 4 X 75 W into 2 quad BTL car radio power amplifier
2002 Jan 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com