Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8567 Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części TDA8567
Szczegółowy opis  4 x 25 W BTL quad car radio power amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8567 Arkusz danych(HTML) 4 Page - NXP Semiconductors

  TDA8567 Datasheet HTML 1Page - NXP Semiconductors TDA8567 Datasheet HTML 2Page - NXP Semiconductors TDA8567 Datasheet HTML 3Page - NXP Semiconductors TDA8567 Datasheet HTML 4Page - NXP Semiconductors TDA8567 Datasheet HTML 5Page - NXP Semiconductors TDA8567 Datasheet HTML 6Page - NXP Semiconductors TDA8567 Datasheet HTML 7Page - NXP Semiconductors TDA8567 Datasheet HTML 8Page - NXP Semiconductors TDA8567 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1998 Sep 23
4
Philips Semiconductors
Product specification
4
× 25 W BTL quad car radio power
amplifier
TDA8567Q
PINNING
SYMBOL
PIN
DESCRIPTION
VP1
1
supply voltage 1
OUT1+
2
output 1+
PGND1
3
power ground 1
OUT1
4
output 1
OUT2
5
output 2
PGND2
6
power ground 2
OUT2+
7
output 2+
VP2
8
supply voltage 2
VDIAG
9
diagnostic output
IN1
10
input 1
IN2
11
input 2
SGND
12
signal ground
IN3
13
input 3
IN4
14
input 4
MODE
15
mode select switch input
VP3
16
supply voltage 3
OUT3+
17
output 3+
PGND3
18
power ground 3
OUT3
19
output 3
OUT4
20
output 4
PGND4
21
power ground 4
OUT4+
22
output 4+
VP4
23
supply voltage 4
handbook, halfpage
TDA8567Q
MGG152
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
VP1
OUT1
+
PGND1
OUT1
OUT2
PGND2
OUT2
+
VP2
VDIAG
IN1
IN2
SGND
IN3
IN4
MODE
VP3
OUT3
+
PGND3
OUT3
OUT4
PGND4
OUT4
+
VP4
Fig.2 Pin configuration.


Podobny numer części - TDA8567

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8560 PHILIPS-TDA8560 Datasheet
105Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8560Q PHILIPS-TDA8560Q Datasheet
105Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8561 PHILIPS-TDA8561 Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8561Q PHILIPS-TDA8561Q_15 Datasheet
133Kb / 24P
   2 X24 W BTL or 4 X12 W single-ended car radio power amplifier
1999 Jun 30
More results

Podobny opis - TDA8567

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8568Q PHILIPS-TDA8568Q Datasheet
256Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8569Q PHILIPS-TDA8569Q Datasheet
288Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1997 Mar 27
TDA8571J PHILIPS-TDA8571J Datasheet
256Kb / 20P
   4 x 40 W BTL quad car radio power amplifier
1998 Mar 13
TDA8569Q PHILIPS-TDA8569Q_15 Datasheet
206Kb / 18P
   4X40 W BTL quad car radio power amplifier
2003 Aug 08
TDA1516CQ PHILIPS-TDA1516CQ Datasheet
68Kb / 10P
   24 W BTL car radio power amplifier
July 1994
TDA8591J PHILIPS-TDA8591J Datasheet
295Kb / 36P
   4 X 44 W into 4 or 4 X 75 W into 2 quad BTL car radio power amplifier
2002 Jan 14
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
logo
STMicroelectronics
TDA7387 STMICROELECTRONICS-TDA7387 Datasheet
811Kb / 15P
   4 x 41 W quad bridge car radio amplifier
September 2013 Rev 2
TDA7560 STMICROELECTRONICS-TDA7560_V01 Datasheet
495Kb / 17P
   4 x 51 W quad bridge car radio amplifier
Rev 6 September 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com