Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8574 Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części TDA8574
Szczegółowy opis  Class-H high-output voltage level line driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8574 Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button TDA8574 Datasheet HTML 2Page - NXP Semiconductors TDA8574 Datasheet HTML 3Page - NXP Semiconductors TDA8574 Datasheet HTML 4Page - NXP Semiconductors TDA8574 Datasheet HTML 5Page - NXP Semiconductors TDA8574 Datasheet HTML 6Page - NXP Semiconductors TDA8574 Datasheet HTML 7Page - NXP Semiconductors TDA8574 Datasheet HTML 8Page - NXP Semiconductors TDA8574 Datasheet HTML 9Page - NXP Semiconductors TDA8574 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1998 Oct 16
6
Philips Semiconductors
Product specification
Class-H high-output voltage level line
driver
TDA8574
DC CHARACTERISTICS
VCC =9V; Tamb =25 °C; RL =10kΩ; in accordance with application diagram (see Fig.3).
Note
1. The DC output voltage with respect to ground is
≈0.87 × VCC.
AC CHARACTERISTICS
VCC = 9 V; f = 1 kHz; RL =10kΩ; Tamb =25 °C; in accordance with test circuit (see Fig.3); note 1.
Notes
1. The channel separation is determined by the parasitic capacitance between the inverting input left channel (pin 4)
and the inverting input right channel (pin 5). The PCB layout has a major contribution to the parasitic capacitance.
To obtain best results, the PCB tracks to pin 4 and pin 5 should be separated as much as possible.
2. The frequency response is externally fixed by the input coupling capacitors.
3. Noise output voltage is measured in a bandwidth of 20 Hz to 20 kHz with a source resistor Rs = 600 Ω.
4. Noise output voltage is measured in a bandwidth of 20 Hz to 20 kHz with an A-weighted filter with a source resistor
Rs = 600 Ω.
5. Distortion is measured at a frequency of 1 kHz using an A-weighted filter.
6. Distortion is measured at an output voltage of 3.0 V (RMS) at frequencies between 17 Hz and 20 kHz.
7. Ripple rejection is measured at the output, using a source resistor Rs = 600 Ω and a ripple amplitude of
100 mV (RMS) at a frequency of 1 kHz.
8. Ripple rejection is measured at the output, using a source resistor Rs = 600 Ω and a ripple amplitude of
100 mV (RMS) at frequencies between 20 Hz and 20 kHz.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
Vin =0V
6
9
12
V
ICC
supply current
813
mA
VO
DC output voltage
note 1
7.8
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Gv
voltage gain
7.5
8
8.5
dB
∆G
v
channel unbalance
−−
0.5
dB
αcs
channel separation
Rs = 600 Ω; Vo(rms) = 1 V; note 1
80
90
dB
flr
low frequency roll-off
−1 dB; note 2
−−
5Hz
fhr
high frequency roll-off
−1dB
20
−−
kHz
Zi
input impedance
22
30
38
k
Z
o
output impedance
−−
10
Vo(max)(rms)
maximum output voltage
(RMS value)
THD + N = 0.1%
5.0
5.2
V
Vno
noise output voltage
unweighted; note 3
79
µV
A-weighted; note 4
5
−µV
THD + N
total harmonic distortion plus
noise
f = 1 kHz; Vo = 3 V (RMS); note 5
0.003
0.01
%
f = 17 Hz to 20 kHz; note 6
0.01
%
SVRR
supply voltage ripple rejection
note 7
50
65
dB
f = 20 Hz to 20 kHz; note 8
55
dB


Podobny numer części - TDA8574

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8571 PHILIPS-TDA8571 Datasheet
256Kb / 20P
   4 x 40 W BTL quad car radio power amplifier
1998 Mar 13
TDA8571J PHILIPS-TDA8571J Datasheet
256Kb / 20P
   4 x 40 W BTL quad car radio power amplifier
1998 Mar 13
TDA8575 PHILIPS-TDA8575 Datasheet
114Kb / 16P
   Ground noise isolation amplifier
1996 Jul 29
TDA8575T PHILIPS-TDA8575T Datasheet
114Kb / 16P
   Ground noise isolation amplifier
1996 Jul 29
TDA8576T PHILIPS-TDA8576T Datasheet
132Kb / 16P
   Class-H high-output voltage level line driver
1998 Oct 16
More results

Podobny opis - TDA8574

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8576T PHILIPS-TDA8576T Datasheet
132Kb / 16P
   Class-H high-output voltage level line driver
1998 Oct 16
logo
Texas Instruments
LM48560 TI1-LM48560 Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
November 10, 2011
THS6226 TI-THS6226_15 Datasheet
966Kb / 21P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226 TI1-THS6226 Datasheet
693Kb / 20P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226A TI1-THS6226A Datasheet
1Mb / 32P
[Old version datasheet]   THS6226A Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226A TI1-THS6226A_16 Datasheet
1Mb / 32P
[Old version datasheet]   THS6226A Gated-Class H, Dual-Port VDSL2 Line Driver
LM48560 TI1-LM48560_13 Datasheet
2Mb / 26P
[Old version datasheet]   Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
logo
National Semiconductor ...
LM48580 NSC-LM48580 Datasheet
417Kb / 16P
   High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
logo
Texas Instruments
LM48560 TI1-LM48560_15 Datasheet
1Mb / 27P
[Old version datasheet]   Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver
THS6132 TI-THS6132 Datasheet
339Kb / 17P
[Old version datasheet]   HIGH EFFICIENCY CLASS - G ADSL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com