Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8706AM Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części TDA8706AM
Szczegółowy opis  6-bit analog-to-digital converter with multiplexer and clamp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8706AM Arkusz danych(HTML) 5 Page - NXP Semiconductors

  TDA8706AM Datasheet HTML 1Page - NXP Semiconductors TDA8706AM Datasheet HTML 2Page - NXP Semiconductors TDA8706AM Datasheet HTML 3Page - NXP Semiconductors TDA8706AM Datasheet HTML 4Page - NXP Semiconductors TDA8706AM Datasheet HTML 5Page - NXP Semiconductors TDA8706AM Datasheet HTML 6Page - NXP Semiconductors TDA8706AM Datasheet HTML 7Page - NXP Semiconductors TDA8706AM Datasheet HTML 8Page - NXP Semiconductors TDA8706AM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1996 Jul 30
5
Philips Semiconductors
Product specification
6-bit analog-to-digital converter
with multiplexer and clamp
TDA8706A
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
HANDLING
Inputs and outputs are protected against electrostatic discharges in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling integrated circuits.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDDA
analog supply voltage
−0.3
+7.0
V
VDDD
digital supply voltage
−0.3
+7.0
V
∆VDD
supply voltage difference
VDDA − VDDD
−1.0
+1.0
V
VDDA − VDDO
−1.0
+1.0
V
VDDD − VDDO
−1.0
+1.0
V
VI
input voltage
−0.3
+7.0
V
IO
output current
10
mA
Tstg
storage temperature
−55
+150
°C
Tamb
operating ambient temperature
−40
+85
°C
Tj
junction temperature
+150
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
119
K/W


Podobny numer części - TDA8706AM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8706 PHILIPS-TDA8706 Datasheet
76Kb / 16P
   6-bit analog-to-digital converter with multiplexer and clamp
1996 Aug 20
TDA8706T PHILIPS-TDA8706T Datasheet
76Kb / 16P
   6-bit analog-to-digital converter with multiplexer and clamp
1996 Aug 20
More results

Podobny opis - TDA8706AM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8706 PHILIPS-TDA8706 Datasheet
76Kb / 16P
   6-bit analog-to-digital converter with multiplexer and clamp
1996 Aug 20
logo
Texas Instruments
TL5501 TI-TL5501 Datasheet
115Kb / 7P
[Old version datasheet]   6-BIT ANALOG-TO-DIGITAL CONVERTER
TL5501 TI1-TL5501_05 Datasheet
144Kb / 8P
[Old version datasheet]   6-BIT ANALOG-TO-DIGITAL CONVERTER
THS1041 TI-THS1041 Datasheet
509Kb / 37P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
THS1041 TI1-THS1041_15 Datasheet
960Kb / 42P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
ADS1112 TI1-ADS1112_14 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Burr-Brown (TI)
ADS1112 BURR-BROWN-ADS1112 Datasheet
682Kb / 18P
   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Mitel Networks Corporat...
VP216 MITEL-VP216 Datasheet
143Kb / 8P
   Dual 90MHz 6-Bit Analog to Digital Converter with VCO
logo
Zarlink Semiconductor I...
VP216 ZARLINK-VP216 Datasheet
253Kb / 9P
   Dual 90MHz 6-Bit Analog to Digital Converter with VCO
logo
Mitel Networks Corporat...
VP215 MITEL-VP215 Datasheet
187Kb / 9P
   Dual 90MHz 6-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com