Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8708A Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części TDA8708A
Szczegółowy opis  Video analog input interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8708A Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button TDA8708A Datasheet HTML 3Page - NXP Semiconductors TDA8708A Datasheet HTML 4Page - NXP Semiconductors TDA8708A Datasheet HTML 5Page - NXP Semiconductors TDA8708A Datasheet HTML 6Page - NXP Semiconductors TDA8708A Datasheet HTML 7Page - NXP Semiconductors TDA8708A Datasheet HTML 8Page - NXP Semiconductors TDA8708A Datasheet HTML 9Page - NXP Semiconductors TDA8708A Datasheet HTML 10Page - NXP Semiconductors TDA8708A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
June 1994
7
Philips Semiconductors
Product specification
Video analog input interface
TDA8708A
Video amplifier outputs
ANOUT OUTPUT (PIN 19)
V19(p-p)
AC output voltage
(peak-to-peak value)
VVIN = 1.33 V (p-p);
V25 = 3.6 V
1.33
V
I19
internal current source
RL = ∞
2.0
2.5
mA
IO(p-p)
output current driven by the load
VANOUT = 1.33 V (p-p);
note 2
−−
1.0
mA
V19
DC output voltage for black level
note 3
VCCA − 2.24 −
V
Z19
output impedance
20
−Ω
Video amplifier dynamic characteristics
αct
crosstalk between VIN inputs
VCCA = 4.75 to 5.25 V
−−50
−45
dB
Gdiff
differential gain
VVIN = 1.33 V (p-p);
V25 = 3.6 V
2
%
ϕ
diff
differential phase
VVIN = 1.33 V (p-p);
V25 = 3.6 V
0.8
deg
B
−3 dB bandwidth
12
−−
MHz
S/N
signal-to-noise ratio
note 4
60
−−
dB
SVRR1
supply voltage ripple rejection
note 5
45
dB
∆G
gain range
see Fig.10
−4.5
+6.0
dB
Gstab
gain stability as a function of supply
voltage and temperature
see Fig.10
−−
5%
Analog-to-digital converter inputs
CLK INPUT (PIN 5)
VIL
LOW level input voltage
0
0.8
V
VIH
HIGH level input voltage
2.0
VCCD
V
IIL
LOW level input current
Vclk = 0.4 V
−400
−−
µA
IIH
HIGH level input current
Vclk = 2.7 V
−−
100
µA
|Zi|
input impedance
fclk= 10 MHz
4
k
CI
input capacitance
fclk = 10 MHz
4.5
pF
OF INPUT (3-STATE; SEE TABLE 4)
VIL
LOW level input voltage
0
0.2
V
VIH
HIGH level input voltage
2.6
VCCD
V
V9
input voltage in high impedance state
1.15
V
IIL
LOW level input current
−370
−300
−µA
IIH
HIGH level input current
300
450
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Podobny numer części - TDA8708A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8708 PHILIPS-TDA8708 Datasheet
130Kb / 24P
   Video analog input interface
1996 Nov 26
TDA8708B PHILIPS-TDA8708B Datasheet
130Kb / 24P
   Video analog input interface
1996 Nov 26
TDA8708BT PHILIPS-TDA8708BT Datasheet
130Kb / 24P
   Video analog input interface
1996 Nov 26
More results

Podobny opis - TDA8708A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8709A PHILIPS-TDA8709A Datasheet
170Kb / 28P
   Video analog input interface
June 1994
TDA8708B PHILIPS-TDA8708B Datasheet
130Kb / 24P
   Video analog input interface
1996 Nov 26
TDA8707 PHILIPS-TDA8707 Datasheet
97Kb / 16P
   Triple RGB 6-bit video analog-to-digital interface
1996 Feb 01
TDA8758 PHILIPS-TDA8758 Datasheet
196Kb / 24P
   YC 8-bit low-power analog-to-digital video interface
1996 Feb 01
logo
New Japan Radio
NJW1327 NJRC-NJW1327 Datasheet
240Kb / 21P
   Multi Input SD/ HD Video Interface with I2C Control
logo
National Semiconductor ...
LM1044 NSC-LM1044 Datasheet
177Kb / 10P
   Analog Video Switch
logo
NXP Semiconductors
TDA8755 PHILIPS-TDA8755 Datasheet
153Kb / 20P
   YUV 8-bit video low-power analog-to-digital interface
1995 Mar 09
logo
New Japan Radio
NJW1326 NJRC-NJW1326 Datasheet
222Kb / 16P
   Multi Input Wide Band Video Interface with I2C Control
NJW1328 NJRC-NJW1328 Datasheet
237Kb / 19P
   Multi Input Wide Band Video Interface with I2C Control
logo
Texas Instruments
TVP3026 TI-TVP3026 Datasheet
513Kb / 107P
[Old version datasheet]   Video Interface Palette
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com